Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M5M5V216ART-70HI Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # M5M5V216ART-70HI
Description  2097152-BIT (131072-WORD BY 16-BIT) CMOS STATIC RAM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M5M5V216ART-70HI Datasheet(HTML) 8 Page - Renesas Technology Corp

  M5M5V216ART-70HI Datasheet HTML 1Page - Renesas Technology Corp M5M5V216ART-70HI Datasheet HTML 2Page - Renesas Technology Corp M5M5V216ART-70HI Datasheet HTML 3Page - Renesas Technology Corp M5M5V216ART-70HI Datasheet HTML 4Page - Renesas Technology Corp M5M5V216ART-70HI Datasheet HTML 5Page - Renesas Technology Corp M5M5V216ART-70HI Datasheet HTML 6Page - Renesas Technology Corp M5M5V216ART-70HI Datasheet HTML 7Page - Renesas Technology Corp M5M5V216ART-70HI Datasheet HTML 8Page - Renesas Technology Corp M5M5V216ART-70HI Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
M5M5V216ATP,RT
revision-03, 14.Jan.'03
2097152-BIT (131072-WORD BY 16-BIT) CMOS STATIC RAM
MITSUBISHI LSIs
7
tsu (PD)
trec (PD)
ns
ms
2.2V
tsu (PD)
2.7V
2.7V
2.2V
trec (PD)
BC1 , BC2
Vcc - 0.2V
Vcc
V
V
2.0
Vcc (PD)
VI (S)
Icc (PD)
2.0
BC1
~ +40ºC
-40 ~ +25ºC
8
1
0.3
1
3
-
-
24
-
-
-
-
µA
µA
µA
µA
POWER DOWN CHARACTERISTICS
(1) ELECTRICAL CHARACTERISTICS
Symbol
Parameter
Test conditions
Limits
Min
Typ
Max
Units
Power down supply voltage
Chip select input S
Power down
supply c urrent
Vcc=3.0V
(2) TIMING REQUIREMINTS
Symbol
Parameter
Test conditions
Limits
Min
Typ
Max
Units
Power down set up time
Power down recov ery t ime
(3) TIMING DIAGRAM
BC control mode
2.2V
tsu (PD)
2.7V
2.7V
2.2V
trec (PD)
Vcc
S
S control mode
VI (BC)
Byte control input BC1 & BC2
V
2.0
>
=
BC2
S
Vcc - 0.2V
>
=
0
5
~ +70ºC
~ +85ºC
2) BC1 and BC2 Vcc - 0.2V
S 0.2V, other inputs=0~Vcc
<
=
>
=
1) S Vcc - 0.2V
other inputs=0~Vcc
>
=
Note 7: Typical parameter of Icc(PD) indicates the value for the
center of distribution at 3.0V, and not 100% tested.
Note8: On the BC# control mode, the lev el of S# must be f ixed at S# > Vcc-0.2V or S# < 0.2V.


Similar Part No. - M5M5V216ART-70HI

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M5M5V216ART MITSUBISHI-M5M5V216ART Datasheet
111Kb / 7P
   2097152-BIT (131072-WORD BY 16-BIT) CMOS STATIC RAM
More results

Similar Description - M5M5V216ART-70HI

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M5M5V216ATP MITSUBISHI-M5M5V216ATP Datasheet
111Kb / 7P
   2097152-BIT (131072-WORD BY 16-BIT) CMOS STATIC RAM
M5M5V216AWG MITSUBISHI-M5M5V216AWG Datasheet
134Kb / 7P
   2097152-BIT (131072-WORD BY 16-BIT) CMOS STATIC RAM
M5M5V208AKV MITSUBISHI-M5M5V208AKV Datasheet
90Kb / 8P
   2097152-BIT (262144-WORD BY 8-BIT) CMOS STATIC RAM
M5M5V208FP-70L-W MITSUBISHI-M5M5V208FP-70L-W Datasheet
91Kb / 7P
   2097152-BIT (262144-WORD BY 8-BIT) CMOS STATIC RAM
M5M5V208FP-70L MITSUBISHI-M5M5V208FP-70L Datasheet
76Kb / 7P
   2097152-BIT (262144-WORD BY 8-BIT) CMOS STATIC RAM
logo
Renesas Technology Corp
M5M5V208AKV RENESAS-M5M5V208AKV Datasheet
166Kb / 8P
   2097152-BIT(262144-WORD BY 8-BIT)CMOS STATIC RAM
logo
Mitsubishi Electric Sem...
M5M5V108DFP-70H MITSUBISHI-M5M5V108DFP-70H Datasheet
59Kb / 8P
   1048576-BIT(131072-WORD BY 8-BIT)CMOS STATIC RAM
logo
Renesas Technology Corp
M5M5V108DFP-70H RENESAS-M5M5V108DFP-70H Datasheet
117Kb / 9P
   1048576-BIT(131072-WORD BY 8-BIT)CMOS STATIC RAM
logo
Mitsubishi Electric Sem...
M5M51008CP-55H MITSUBISHI-M5M51008CP-55H Datasheet
87Kb / 7P
   1048576-BIT(131072-WORD BY 8-BIT)CMOS STATIC RAM
M5M51008DFP MITSUBISHI-M5M51008DFP Datasheet
70Kb / 8P
   1048576-BIT(131072-WORD BY 8-BIT)CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com