Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M5M5T5636GP Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # M5M5T5636GP
Description  MITSUBISHI LSIs 18874368-BIT(524288-WORD BY 36-BIT) NETWORK SRAM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M5M5T5636GP Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button M5M5T5636GP Datasheet HTML 5Page - Renesas Technology Corp M5M5T5636GP Datasheet HTML 6Page - Renesas Technology Corp M5M5T5636GP Datasheet HTML 7Page - Renesas Technology Corp M5M5T5636GP Datasheet HTML 8Page - Renesas Technology Corp M5M5T5636GP Datasheet HTML 9Page - Renesas Technology Corp M5M5T5636GP Datasheet HTML 10Page - Renesas Technology Corp M5M5T5636GP Datasheet HTML 11Page - Renesas Technology Corp M5M5T5636GP Datasheet HTML 12Page - Renesas Technology Corp M5M5T5636GP Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
MITSUBISHI LSIs
M5M5T5636GP –22,20
18874368-BIT(524288-WORD BY 36-BIT) NETWORK SRAM
8/17
Preliminary
M5M5T5636GP REV.0.6
DC ELECTRICAL CHARACTERISTICS (Ta=0~70°C, VDD=2.375~2.625V, unless otherwise noted)
Limits
Symbol
Parameter
Condition
Min
Max
Unit
VDD
Power Supply Voltage
2.375
2.625
V
VDDQ = 2.5V
2.375
2.625
VDDQ
I/O Buffer Power Supply Voltage
VDDQ = 1.8V
1.7
1.95
V
VDDQ = 2.375~2.625V
1.7
VIH
High-level Input Voltage
VDDQ = 1.7~1.95V
0.65*VDDQ
VDDQ+0.3*
V
VDDQ = 2.375~2.625V
0.7
VIL
Low-level Input Voltage
VDDQ = 1.7~1.95V
-0.3*
0.35*VDDQ
V
VOH
High-level Output Voltage
IOH = -2.0mA
VDDQ-0.4
V
VOL
Low-level Output Voltage
IOL = 2.0mA
0.4
V
Input Leakage Current except ZZ
and LBO#
VI = 0V ~ VDDQ
10
Input Leakage Current of LBO#
VI = 0V ~ VDDQ
100
ILI
Input Leakage Current of ZZ
VI = 0V ~ VDDQ
100
µA
ILO
Off-state Output Current
VI (G#)
≥ VIH, VO = 0V ~ VDDQ
10
µA
4.0ns cycle(250MHz)
560
4.4ns cycle(225MHz)
500
ICC1
Power Supply Current : Operating
Device selected;
Output Open
VI
≤VIL or VI≥VIH
ZZ
≤VIL
5.0ns cycle(200MHz)
440
mA
4.0ns cycle(250MHz)
260
4.4ns cycle(225MHz)
220
ICC2
Power Supply Current : Deselected
Device
deselected
VI
≤VIL or VI≥VIH
ZZ
≤VIL
5.0ns cycle(200MHz)
180
mA
ICC3
CMOS Standby Current
(CLK stopped standby mode)
Device deselected; Output Open
VI
≤VSS+0.2V or VI≥VDDQ-0.2V
CLK frequency=0Hz, All inputs static
30
mA
ICC4
Snooze Mode Standby Current
Snooze mode
ZZ
≥VDDQ-0.2V, LBO#≥VDD-0.2V
30
mA
4.0ns cycle(250MHz)
180
4.4ns cycle(225MHz)
160
ICC5
Stall Current
Device selected;
Output Open
CKE#
≥VIH
VI
≤VSS+0.2V or
VI
≥VDDQ-0.2V
5.0ns cycle(200MHz)
140
mA
Note17.*VILmin is –1.0V and VIH max is VDDQ+1.0V in case of AC(Pulse width
≤2ns).
Note18."Device Deselected" means device is in power-down mode as defined in the truth table.


Similar Part No. - M5M5T5636GP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M5M5T5636GP-20 MITSUBISHI-M5M5T5636GP-20 Datasheet
257Kb / 17P
   18874368-BIT(524288-WORD BY 36-BIT) NETWORK SRAM
logo
Renesas Technology Corp
M5M5T5636GP RENESAS-M5M5T5636GP_15 Datasheet
456Kb / 20P
   18874368-BIT(524288-WORD BY 36-BIT) NETWORK SRAM
More results

Similar Description - M5M5T5636GP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M5M5T5636UG RENESAS-M5M5T5636UG Datasheet
520Kb / 25P
   MITSUBISHI LSIs 18874368-BIT(524288-WORD BY 36-BIT) NETWORK SRAM
logo
Mitsubishi Electric Sem...
M5M5V5636GP16 MITSUBISHI-M5M5V5636GP16 Datasheet
262Kb / 17P
   18874368-BIT(524288-WORD BY 36-BIT) NETWORK SRAM
logo
Renesas Technology Corp
M5M5Y5636TG-25 RENESAS-M5M5Y5636TG-25 Datasheet
462Kb / 30P
   18874368-BIT(524288-WORD BY 36-BIT) NETWORK SRAM
logo
Mitsubishi Electric Sem...
M5M5Y5636TG-25 MITSUBISHI-M5M5Y5636TG-25 Datasheet
242Kb / 27P
   18874368-BIT(524288-WORD BY 36-BIT) NETWORK SRAM
logo
Renesas Technology Corp
M5M5T5636UG RENESAS-M5M5T5636UG_15 Datasheet
542Kb / 27P
   18874368-BIT(524288-WORD BY 36-BIT) NETWORK SRAM
logo
Mitsubishi Electric Sem...
M5M5T5636GP-20 MITSUBISHI-M5M5T5636GP-20 Datasheet
257Kb / 17P
   18874368-BIT(524288-WORD BY 36-BIT) NETWORK SRAM
logo
Renesas Technology Corp
M5M5V5636UG RENESAS-M5M5V5636UG_15 Datasheet
928Kb / 27P
   18874368-BIT(524288-WORD BY 36-BIT) NETWORK SRAM
logo
Mitsubishi Electric Sem...
M5M5T5636UG-25 MITSUBISHI-M5M5T5636UG-25 Datasheet
291Kb / 23P
   18874368-BIT(524288-WORD BY 36-BIT) NETWORK SRAM
logo
Renesas Technology Corp
M5M5V5636GP-16I RENESAS-M5M5V5636GP-16I Datasheet
486Kb / 18P
   18874368-BIT(524288-WORD BY 36-BIT) NETWORK SRAM
M5M5V5636GP-16 RENESAS-M5M5V5636GP-16 Datasheet
692Kb / 18P
   18874368-BIT(524288-WORD BY 36-BIT) NETWORK SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com