Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M38030M7L-XXXWG Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # M38030M7L-XXXWG
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
Download  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38030M7L-XXXWG Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button M38030M7L-XXXWG Datasheet HTML 3Page - Renesas Technology Corp M38030M7L-XXXWG Datasheet HTML 4Page - Renesas Technology Corp M38030M7L-XXXWG Datasheet HTML 5Page - Renesas Technology Corp M38030M7L-XXXWG Datasheet HTML 6Page - Renesas Technology Corp M38030M7L-XXXWG Datasheet HTML 7Page - Renesas Technology Corp M38030M7L-XXXWG Datasheet HTML 8Page - Renesas Technology Corp M38030M7L-XXXWG Datasheet HTML 9Page - Renesas Technology Corp M38030M7L-XXXWG Datasheet HTML 10Page - Renesas Technology Corp M38030M7L-XXXWG Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 119 page
background image
Rev.1.01
Jan 25, 2008
Page 7 of 117
REJ03B0212-0101
3803 Group (Spec.L)
PART NUMBERING
Fig 5.
Part numbering
M3803 9
M
F
L
SP
Product name
Package code
SP : PRDP0064BA-A (64P4B)
HP : PLQP0064KB-A (64P6Q-A)
KP : PLQP0064GA-A (64P6U-A)
WG : PTLG0064JA-A (64F0G)
ROM number
Omitted in the flash memory version.
ROM/Flash memory size
1: 4096 bytes
2: 8192 bytes
3: 12288 bytes
4: 16384 bytes
5: 20480 bytes
6: 24576 bytes
7: 28672 bytes
8: 32768 bytes
The first 128 bytes and the last 2 bytes of ROM are reserved areas ; they
cannot be used as a user’s ROM area.
However, they can be programmed or erased in the flash memory version, so
that the users can use them.
Memory type
M: Mask ROM version
F: Flash memory version
RAM size
0: 192 bytes
1: 256 bytes
2: 384 bytes
3: 512 bytes
4: 640 bytes
−:standard
Omitted in the flash memory version.
L
−: Minner spec. change product
9: 36864 bytes
A: 40960 bytes
B: 45056 bytes
C: 49152 bytes
D: 53248 bytes
E: 57344 bytes
F: 61440 bytes
5: 768 bytes
6: 896 bytes
7: 1024 bytes
8: 1536 bytes
9: 2048 bytes
XXX


Similar Part No. - M38030M7L-XXXWG

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M38030M7L-XXXWG RENESAS-M38030M7L-XXXWG Datasheet
1Mb / 119P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
More results

Similar Description - M38030M7L-XXXWG

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP85890A SONY-CXP85890A Datasheet
167Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP87240A SONY-CXP87240A Datasheet
635Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP872P48A SONY-CXP872P48A Datasheet
638Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP80712B SONY-CXP80712B Datasheet
567Kb / 24P
   CMOS 8-bit Single Chip Microcomputer
CXP818P48A SONY-CXP818P48A Datasheet
547Kb / 26P
   CMOS 8-bit Single Chip Microcomputer
CXP81900 SONY-CXP81900 Datasheet
545Kb / 8P
   CMOS 8-bit Single Chip Microcomputer
CXP81952 SONY-CXP81952 Datasheet
557Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP81952M SONY-CXP81952M Datasheet
364Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP819P60 SONY-CXP819P60 Datasheet
554Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP82000 SONY-CXP82000 Datasheet
286Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP820P60 SONY-CXP820P60 Datasheet
282Kb / 23P
   CMOS 8-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com