Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HZK6CL Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # HZK6CL
Description  Silicon Epitaxial Planar Zener Diodes for Stabilized Power Supply
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HZK6CL Datasheet(HTML) 4 Page - Renesas Technology Corp

  HZK6CL Datasheet HTML 1Page - Renesas Technology Corp HZK6CL Datasheet HTML 2Page - Renesas Technology Corp HZK6CL Datasheet HTML 3Page - Renesas Technology Corp HZK6CL Datasheet HTML 4Page - Renesas Technology Corp HZK6CL Datasheet HTML 5Page - Renesas Technology Corp HZK6CL Datasheet HTML 6Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
HZK-L Series
Rev.3.00, May.14.2003, page 4 of 6
Main Characteristic
0
5
10
15
20
25
30
35
40
HZK16L
HZK24L
HZK7L
0
5
10 15 20 25 30 35 40
50
40
30
20
10
0
−10
−20
−30
−40
−50
0.10
0.08
0.06
0.04
0.02
0
−0.02
−0.04
−0.06
−0.08
−0.10
%/
°C
mV/
°C
500
400
300
200
100
200
150
100
50
0
0
2.5mm
3mm
Printed circuit board
15
× 20 × 1.6t mm
Material: Glass epoxy
Fig.3 Power Dissipation vs. Ambient Temperature
Ambient Temperature Ta (
°C)
10
–5
10
–6
10
–4
10
–3
10
–2
Fig.1 Zener current vs. Zener voltage
Zener Voltage VZ (V)
Fig.2 Temperature Coefficient vs. Zener voltage
Zener Voltage VZ (V)


Similar Part No. - HZK6CL

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HZK6CL HITACHI-HZK6CL Datasheet
24Kb / 6P
   Silicon Epitaxial Planar Zener Diodes for Stabilized Power Supply
More results

Similar Description - HZK6CL

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HZK6C RENESAS-HZK6C Datasheet
49Kb / 7P
   Silicon Epitaxial Planar Zener Diodes for Stabilized Power Supply
logo
Hitachi Semiconductor
HZK-L HITACHI-HZK-L Datasheet
24Kb / 6P
   Silicon Epitaxial Planar Zener Diodes for Stabilized Power Supply
logo
SEMTECH ELECTRONICS LTD...
HZK2B SEMTECH_ELEC-HZK2B Datasheet
221Kb / 3P
   SILICON EPITAXIAL PLANAR ZENER DIODES for Stabilized Power Supply
logo
Renesas Technology Corp
1N4728A RENESAS-1N4728A Datasheet
166Kb / 6P
   Silicon Planar Zener Diodes for Stabilized Power Supply
HZH RENESAS-HZH Datasheet
68Kb / 7P
   Silicon Epitaxial Planar Zener Diode for Stabilized Power Supply
logo
Hitachi Semiconductor
HZ11B1 HITACHI-HZ11B1 Datasheet
45Kb / 8P
   Silicon Epitaxial Planar Zener Diode for Stabilized Power Supply
logo
Renesas Technology Corp
HZS RENESAS-HZS Datasheet
56Kb / 7P
   Silicon Epitaxial Planar Zener Diode for Stabilized Power Supply
logo
Hitachi Semiconductor
HZS HITACHI-HZS Datasheet
39Kb / 6P
   Silicon Epitaxial Planar Zener Diode for Stabilized Power Supply
logo
Renesas Technology Corp
HZ12C1 RENESAS-HZ12C1 Datasheet
55Kb / 7P
   Silicon Epitaxial Planar Zener Diode for Stabilized Power Supply
Rev.3.00, Mar.11.2004,
HZS-N RENESAS-HZS-N Datasheet
57Kb / 7P
   Silicon Epitaxial Planar Zener Diode for Stabilized Power Supply
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com