Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N6054 Datasheet(PDF) 4 Page - Mospec Semiconductor

Part # 2N6054
Description  POWER TRANSISTORS(8A,100W)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSPEC [Mospec Semiconductor]
Direct Link  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor

2N6054 Datasheet(HTML) 4 Page - Mospec Semiconductor

  2N6054 Datasheet HTML 1Page - Mospec Semiconductor 2N6054 Datasheet HTML 2Page - Mospec Semiconductor 2N6054 Datasheet HTML 3Page - Mospec Semiconductor 2N6054 Datasheet HTML 4Page - Mospec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
A


Similar Part No. - 2N6054

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2N6054 ETC-2N6054 Datasheet
347Kb / 8P
   Power Transistors
logo
Inchange Semiconductor ...
2N6054 ISC-2N6054 Datasheet
132Kb / 3P
   Silicon PNP Power Transistors
logo
Savantic, Inc.
2N6054 SAVANTIC-2N6054 Datasheet
112Kb / 3P
   Silicon PNP Power Transistors
logo
Seme LAB
2N6054 SEME-LAB-2N6054 Datasheet
16Kb / 1P
   Bipolar PNP Device in a Hermetically sealed TO3
logo
New Jersey Semi-Conduct...
2N6054 NJSEMI-2N6054 Datasheet
245Kb / 2P
   COMPLEMENTARY SILICON POWER TRANSISTORS
More results

Similar Description - 2N6054

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2N6542 MOSPEC-2N6542 Datasheet
209Kb / 4P
   POWER TRANSISTORS(5A,100W)
2N6383 MOSPEC-2N6383 Datasheet
146Kb / 3P
   POWER TRANSISTORS(10A,100W)
2N6738 MOSPEC-2N6738 Datasheet
147Kb / 3P
   POWER TRANSISTORS(8.0A,100W)
2N6544 MOSPEC-2N6544 Datasheet
217Kb / 4P
   POWER TRANSISTORS(8A,125W)
2N6298 MOSPEC-2N6298 Datasheet
177Kb / 4P
   POWER TRANSISTORS(8A, 75W)
2SD1047 MOSPEC-2SD1047 Datasheet
130Kb / 3P
   POWER TRANSISTORS(12A,140V,100W)
2SC3153 MOSPEC-2SC3153 Datasheet
127Kb / 3P
   POWER TRANSISTORS(6A,800V,100W)
2SC2938 MOSPEC-2SC2938 Datasheet
120Kb / 3P
   POWER TRANSISTORS(10A,400V,100W)
2N6569 MOSPEC-2N6569 Datasheet
144Kb / 3P
   POWER TRANSISTORS(12A,40V,100W)
BUV37 MOSPEC-BUV37 Datasheet
85Kb / 2P
   POWER TRANSISTORS(15A,400V,100W)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com