Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FY12AAJ-03F Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # FY12AAJ-03F
Description  MITSUBISHI Nch POWER MOSFET HIGH-SPEED SWITCHING USE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

FY12AAJ-03F Datasheet(HTML) 3 Page - Renesas Technology Corp

  FY12AAJ-03F Datasheet HTML 1Page - Renesas Technology Corp FY12AAJ-03F Datasheet HTML 2Page - Renesas Technology Corp FY12AAJ-03F Datasheet HTML 3Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Sep. 2001
MITSUBISHI Nch POWER MOSFET
FY12AAJ-03F
HIGH-SPEED SWITCHING USE
V (BR)DSS
V (BR)GSS
IDSS
IGSS
VGS (th)
rDS (ON)
rDS (ON)
rDS (ON)
VDS (ON)
| yfs |
Ciss
Coss
Crss
td (on)
tr
td (off)
tf
Qg
Qgs
Qgd
VSD
Rth (ch-a)
trr
V
V
mA
µA
V
m
m
m
V
S
pF
pF
pF
ns
ns
ns
ns
nC
nC
nC
V
°C/W
ns
30
±20
1.0
1.5
9.0
12.5
14.5
0.108
25
1800
500
230
18
20
50
17
35
4
10
0.75
45
0.1
±10
2.0
11.5
17.5
20.0
0.138
1.10
62.5
ELECTRICAL CHARACTERISTICS (Tch = 25
°C)
Drain-source breakdown voltage
Gate-source breakdown voltage
Drain-source leakage current
Gate-source leakage current
Gate-source threshold voltage
Drain-source on-state resistance
Drain-source on-state resistance
Drain-source on-state resistance
Drain-source on-state voltage
Forward transfer admittance
Input capacitance
Output capacitance
Reverse transfer capacitance
Turn-on delay time
Rise time
Turn-off delay time
Fall time
Total gate charge
Gate-source charge
Gate-drain charge
Source-drain voltage
Thermal resistance
Reverse recovery time
Symbol
Unit
Parameter
Test conditions
Limits
Min.
Typ.
Max.
ID = 1mA, VGS = 0V
IG =
±100µA, VGS = 0V
VDS = 30V, VGS = 0V
VGS =
±20V, VDS = 0V
ID = 1mA, VDS = 10V
ID = 12A, VGS = 10V
ID = 6A, VGS = 4.5V
ID = 6A, VGS = 4V
ID = 12A, VGS = 10V
ID = 12A, VDS = 10V
VDS = 10V, VGS = 0V, f = 1MHz
VDD = 15V, ID = 6A, VGS = 10V, RG = 5
VDD = 15V, VGS = 10V, ID = 12A
IS = 1.8A, VGS = 0V
Channel to air
IS = 1.8A, dis/dt = –50A/
µs


Similar Part No. - FY12AAJ-03F

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
FY10AAJ-03 MITSUBISHI-FY10AAJ-03 Datasheet
38Kb / 4P
   HIGH-SPEED SWITCHING USE
FY10AAJ-03A MITSUBISHI-FY10AAJ-03A Datasheet
38Kb / 4P
   HIGH-SPEED SWITCHING USE
logo
Powerex Power Semicondu...
FY10AAJ-03A POWEREX-FY10AAJ-03A Datasheet
43Kb / 4P
   Nch POWER MOSFET HIGH-SPEED SWITCHING USE
logo
Renesas Technology Corp
FY10AAJ-03F RENESAS-FY10AAJ-03F Datasheet
163Kb / 3P
   MITSUBISHI Nch POWER MOSFET HIGH-SPEED SWITCHING USE
logo
STANLEY ELECTRIC CO.,LT...
FY1101C-2005-M-TR STANLEY-FY1101C-2005-M-TR Datasheet
587Kb / 18P
   Lead-free soldering compatible
More results

Similar Description - FY12AAJ-03F

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
FY8ACH-02A RENESAS-FY8ACH-02A Datasheet
91Kb / 5P
   MITSUBISHI Nch POWER MOSFET HIGH-SPEED SWITCHING USE
FY5ACH-03A RENESAS-FY5ACH-03A Datasheet
92Kb / 5P
   MITSUBISHI Nch POWER MOSFET HIGH-SPEED SWITCHING USE
FS20KMA-5A RENESAS-FS20KMA-5A Datasheet
93Kb / 5P
   MITSUBISHI Nch POWER MOSFET HIGH-SPEED SWITCHING USE
FL10KM-12A RENESAS-FL10KM-12A Datasheet
93Kb / 5P
   MITSUBISHI Nch POWER MOSFET HIGH-SPEED SWITCHING USE
FL12KM-12A RENESAS-FL12KM-12A Datasheet
93Kb / 5P
   MITSUBISHI Nch POWER MOSFET HIGH-SPEED SWITCHING USE
FS70UMH-03 RENESAS-FS70UMH-03 Datasheet
80Kb / 5P
   MITSUBISHI Nch POWER MOSFET HIGH-SPEED SWITCHING USE
FL14KM-8A RENESAS-FL14KM-8A Datasheet
89Kb / 5P
   MITSUBISHI Nch POWER MOSFET HIGH-SPEED SWITCHING USE
FY5ACJ-03F RENESAS-FY5ACJ-03F Datasheet
205Kb / 5P
   MITSUBISHI Nch POWER MOSFET HIGH-SPEED SWITCHING USE
FY7ACH-03A RENESAS-FY7ACH-03A Datasheet
93Kb / 5P
   MITSUBISHI Nch POWER MOSFET HIGH-SPEED SWITCHING USE
FS12UMA-5A RENESAS-FS12UMA-5A Datasheet
92Kb / 5P
   MITSUBISHI Nch POWER MOSFET HIGH-SPEED SWITCHING USE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com