Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FS10ASH-06 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # FS10ASH-06
Description  MITSUBISHI Nch POWER MOSFET HIGH-SPEED SWITCHING USE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

FS10ASH-06 Datasheet(HTML) 5 Page - Renesas Technology Corp

  FS10ASH-06 Datasheet HTML 1Page - Renesas Technology Corp FS10ASH-06 Datasheet HTML 2Page - Renesas Technology Corp FS10ASH-06 Datasheet HTML 3Page - Renesas Technology Corp FS10ASH-06 Datasheet HTML 4Page - Renesas Technology Corp FS10ASH-06 Datasheet HTML 5Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Feb.1999
MITSUBISHI Nch POWER MOSFET
FS10ASH-06
HIGH-SPEED SWITCHING USE
0
1.0
2.0
3.0
4.0
5.0
0
4
8
12
16
20
VDS = 10V
Tch = 25°C
ID = 10A
20V
40V
0
8
16
24
32
40
0
0.4
0.8
1.2
1.6
2.0
VGS = 0V
Pulse Test
TC = 125°C
75°C
25°C
GATE-SOURCE VOLTAGE
VS.GATE CHARGE
(TYPICAL)
GATE CHARGE Qg (nC)
SOURCE-DRAIN DIODE
FORWARD CHARACTERISTICS
(TYPICAL)
SOURCE-DRAIN VOLTAGE VSD (V)
CHANNEL TEMPERATURE Tch (°C)
THRESHOLD VOLTAGE VS.
CHANNEL TEMPERATURE
(TYPICAL)
TRANSIENT THERMAL IMPEDANCE
CHARACTERISTICS
CHANNEL TEMPERATURE Tch (°C)
BREAKDOWN VOLTAGE VS.
CHANNEL TEMPERATURE
(TYPICAL)
PULSE WIDTH tw (s)
ON-STATE RESISTANCE VS.
CHANNEL TEMPERATURE
(TYPICAL)
CHANNEL TEMPERATURE Tch (°C)
10–1
100
2
3
4
5
7
101
2
3
4
5
7
–50
0
50
100
150
VGS = 4V
ID = 1/2ID
Pulse Test
0
0.4
0.8
1.2
1.6
2.0
–50
0
50
100
150
VDS = 10V
ID = 1mA
0.4
0.6
0.8
1.0
1.2
1.4
–50
0
50
100
150
VGS = 0V
ID = 1mA
10–1
100
2
3
5
7
101
2
3
5
7
102
2
3
5
7
10–423 57
23 57
23 57
23 57100 23 57101 23 57102
10–3
10–2
10–1
PDM
tw
D
=
T
tw
T
D = 1.0
0.5
0.2
0.1
0.05
0.02
0.01
Single Pulse


Similar Part No. - FS10ASH-06

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
FS10ASH-06 MITSUBISHI-FS10ASH-06 Datasheet
38Kb / 4P
   HIGH-SPEED SWITCHING USE
logo
Powerex Power Semicondu...
FS10ASH-06 POWEREX-FS10ASH-06 Datasheet
43Kb / 4P
   Nch POWER MOSFET HIGH-SPEED SWITCHING USE
logo
Inchange Semiconductor ...
FS10ASH-06 ISC-FS10ASH-06 Datasheet
379Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Renesas Technology Corp
FS10ASH-06 RENESAS-FS10ASH-06_15 Datasheet
98Kb / 7P
   HIGH-SPEED SWITCHING USE
More results

Similar Description - FS10ASH-06

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
FY8ACH-02A RENESAS-FY8ACH-02A Datasheet
91Kb / 5P
   MITSUBISHI Nch POWER MOSFET HIGH-SPEED SWITCHING USE
FY5ACH-03A RENESAS-FY5ACH-03A Datasheet
92Kb / 5P
   MITSUBISHI Nch POWER MOSFET HIGH-SPEED SWITCHING USE
FS20KMA-5A RENESAS-FS20KMA-5A Datasheet
93Kb / 5P
   MITSUBISHI Nch POWER MOSFET HIGH-SPEED SWITCHING USE
FL10KM-12A RENESAS-FL10KM-12A Datasheet
93Kb / 5P
   MITSUBISHI Nch POWER MOSFET HIGH-SPEED SWITCHING USE
FL12KM-12A RENESAS-FL12KM-12A Datasheet
93Kb / 5P
   MITSUBISHI Nch POWER MOSFET HIGH-SPEED SWITCHING USE
FS70UMH-03 RENESAS-FS70UMH-03 Datasheet
80Kb / 5P
   MITSUBISHI Nch POWER MOSFET HIGH-SPEED SWITCHING USE
FL14KM-8A RENESAS-FL14KM-8A Datasheet
89Kb / 5P
   MITSUBISHI Nch POWER MOSFET HIGH-SPEED SWITCHING USE
FY5ACJ-03F RENESAS-FY5ACJ-03F Datasheet
205Kb / 5P
   MITSUBISHI Nch POWER MOSFET HIGH-SPEED SWITCHING USE
FY12AAJ-03F RENESAS-FY12AAJ-03F Datasheet
163Kb / 3P
   MITSUBISHI Nch POWER MOSFET HIGH-SPEED SWITCHING USE
FY7ACH-03A RENESAS-FY7ACH-03A Datasheet
93Kb / 5P
   MITSUBISHI Nch POWER MOSFET HIGH-SPEED SWITCHING USE
FS12UMA-5A RENESAS-FS12UMA-5A Datasheet
92Kb / 5P
   MITSUBISHI Nch POWER MOSFET HIGH-SPEED SWITCHING USE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com