Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FY8ACH-02A Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # FY8ACH-02A
Description  MITSUBISHI Nch POWER MOSFET HIGH-SPEED SWITCHING USE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

FY8ACH-02A Datasheet(HTML) 4 Page - Renesas Technology Corp

  FY8ACH-02A Datasheet HTML 1Page - Renesas Technology Corp FY8ACH-02A Datasheet HTML 2Page - Renesas Technology Corp FY8ACH-02A Datasheet HTML 3Page - Renesas Technology Corp FY8ACH-02A Datasheet HTML 4Page - Renesas Technology Corp FY8ACH-02A Datasheet HTML 5Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Sep. 2001
MITSUBISHI Nch POWER MOSFET
FY8ACH-02A
HIGH-SPEED SWITCHING USE
100
101
23 4 5
7
102
23 4 5
7
100
101
2
3
4
5
7
102
2
3
4
5
7
TC = 25°C
125°C
75°C
VDS = 10V
Pulse Test
0
10
20
30
40
50
0
1.0
2.0
3.0
4.0
5.0
TC = 25°C
VDS = 10V
Pulse Test
10–1
100
23 4 5
7
101
23 4 5
7
100
101
2
3
4
5
7
102
2
3
4
5
7
TCh = 25°C
VDD = 10V
VGS = 4V
RGEN = RGS = 50
td(off)
td(on)
tf
tr
ON-STATE VOLTAGE VS.
GATE-SOURCE VOLTAGE
(TYPICAL)
GATE-SOURCE VOLTAGE VGS (V)
ON-STATE RESISTANCE VS.
DRAIN CURRENT
(TYPICAL)
DRAIN CURRENT ID (A)
TRANSFER CHARACTERISTICS
(TYPICAL)
GATE-SOURCE VOLTAGE VGS (V)
FORWARD TRANSFER ADMITTANCE
VS. DRAIN CURRENT
(TYPICAL)
DRAIN CURRENT ID (A)
SWITCHING CHARACTERISTICS
(TYPICAL)
DRAIN-SOURCE VOLTAGE VDS (V)
CAPACITANCE VS.
DRAIN-SOURCE VOLTAGE
(TYPICAL)
DRAIN CURRENT ID (A)
0
0.4
0.8
1.2
1.6
2.0
0
1.0
2.0
3.0
4.0
5.0
8A
4A
ID = 16A
TC = 25°C
Pulse Test
0
8
16
24
32
40
10–1 2
100
35 7
2
101
35 7
2
102
35 7
TC = 25°C
Pulse Test
VGS = 2.5V
4V
10–1
100
23 4 5
7
101
23 4 5
7
102
103
2
3
4
5
7
104
2
3
4
5
7
Ciss
Coss
Crss
TCh = 25°C
f = 1MHZ
VGS = 0V


Similar Part No. - FY8ACH-02A

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
FY8ACH-02A MITSUBISHI-FY8ACH-02A Datasheet
38Kb / 4P
   HIGH-SPEED SWITCHING USE
More results

Similar Description - FY8ACH-02A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
FY5ACH-03A RENESAS-FY5ACH-03A Datasheet
92Kb / 5P
   MITSUBISHI Nch POWER MOSFET HIGH-SPEED SWITCHING USE
FS20KMA-5A RENESAS-FS20KMA-5A Datasheet
93Kb / 5P
   MITSUBISHI Nch POWER MOSFET HIGH-SPEED SWITCHING USE
FL10KM-12A RENESAS-FL10KM-12A Datasheet
93Kb / 5P
   MITSUBISHI Nch POWER MOSFET HIGH-SPEED SWITCHING USE
FL12KM-12A RENESAS-FL12KM-12A Datasheet
93Kb / 5P
   MITSUBISHI Nch POWER MOSFET HIGH-SPEED SWITCHING USE
FS70UMH-03 RENESAS-FS70UMH-03 Datasheet
80Kb / 5P
   MITSUBISHI Nch POWER MOSFET HIGH-SPEED SWITCHING USE
FL14KM-8A RENESAS-FL14KM-8A Datasheet
89Kb / 5P
   MITSUBISHI Nch POWER MOSFET HIGH-SPEED SWITCHING USE
FY5ACJ-03F RENESAS-FY5ACJ-03F Datasheet
205Kb / 5P
   MITSUBISHI Nch POWER MOSFET HIGH-SPEED SWITCHING USE
FY12AAJ-03F RENESAS-FY12AAJ-03F Datasheet
163Kb / 3P
   MITSUBISHI Nch POWER MOSFET HIGH-SPEED SWITCHING USE
FY7ACH-03A RENESAS-FY7ACH-03A Datasheet
93Kb / 5P
   MITSUBISHI Nch POWER MOSFET HIGH-SPEED SWITCHING USE
FS12UMA-5A RENESAS-FS12UMA-5A Datasheet
92Kb / 5P
   MITSUBISHI Nch POWER MOSFET HIGH-SPEED SWITCHING USE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com