Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STW15NB50 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STW15NB50
Description  N-CHANNEL 500V - 0.33ohm - 14.6A - T0-247/ISOWATT218 PowerMESH MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW15NB50 Datasheet(HTML) 2 Page - STMicroelectronics

  STW15NB50 Datasheet HTML 1Page - STMicroelectronics STW15NB50 Datasheet HTML 2Page - STMicroelectronics STW15NB50 Datasheet HTML 3Page - STMicroelectronics STW15NB50 Datasheet HTML 4Page - STMicroelectronics STW15NB50 Datasheet HTML 5Page - STMicroelectronics STW15NB50 Datasheet HTML 6Page - STMicroelectronics STW15NB50 Datasheet HTML 7Page - STMicroelectronics STW15NB50 Datasheet HTML 8Page - STMicroelectronics STW15NB50 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
THERMAL DATA
T O-247
ISOW ATT 218
Rthj-ca se
Thermal Resistance Junction-case
Max
0. 66
1. 56
oC/W
Rthj- amb
Rthc- si nk
Tl
Thermal Resistance Junction-ambient
Max
Thermal Resistance Case-sink
Typ
Maximum Lead Temperature For Soldering Purpose
30
0.1
300
oC/W
oC/W
oC
AVALANCHE CHARACTERISTICS
Symb ol
Parameter
Max Valu e
Uni t
IAR
Avalanche Current, Repetitive or Not -Repet itive
(pulse width limited by Tj max)
14.6
A
EAS
Single Pulse Avalanche Energy
(starting Tj =25
oC, ID =IAR,VDD =50 V)
850
mJ
ELECTRICAL CHARACTERISTICS (Tcase =25
oC unless otherwise specified)
OFF
Symb ol
Parameter
Test Cond ition s
Mi n.
Typ .
Max.
Un it
V(BR)DSS
Drain-source
Breakdown Volt age
ID =250
µAVGS =0
500
V
IDSS
Zero G ate Voltage
Drain Current (VGS =0)
VDS =Max Rating
VDS =Max Rating
Tc =125
oC
1
50
µA
µA
IGSS
Gate-body Leakage
Current (VDS =0)
VGS =
± 30 V
± 100
nA
ON (
∗)
Symb ol
Parameter
Test Cond ition s
Mi n.
Typ .
Max.
Un it
VGS(th)
Gate Threshold
Voltage
VDS =VGS
ID =250
µA
3
45V
RDS( on)
St atic Drain-source On
Resistance
VGS =10 V
ID = 7.5 A
0. 33
0.36
ID(o n)
On St ate Drain Current
VDS >ID(on) xRDS(on)max
VGS =10 V
14. 6
A
DYNAMIC
Symb ol
Parameter
Test Cond ition s
Mi n.
Typ .
Max.
Un it
gfs (
∗)Forward
Transconduct ance
VDS >ID(on) xRDS(on)max
ID =7.5 A
8
12
S
Ciss
Coss
Crss
Input Capacitance
Output Capacit ance
Reverse T ransfer
Capacitance
VDS =25 V
f = 1 MHz
VGS = 0
2600
330
40
3400
430
55
pF
pF
pF
STW15NB50 - STH15NB50FI
2/9


Similar Part No. - STW15NB50

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STW15N50 STMICROELECTRONICS-STW15N50 Datasheet
340Kb / 7P
   nullN-CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR
May 1993
STW15N80K5 STMICROELECTRONICS-STW15N80K5 Datasheet
1Mb / 22P
   N-channel 800 V, 0.3 ohm typ., 14 A SuperMESH 5 Power MOSFET
logo
Inchange Semiconductor ...
STW15N80K5 ISC-STW15N80K5 Datasheet
329Kb / 2P
   isc N-Channel MOSFET Transistor
logo
STMicroelectronics
STW15N95K5 STMICROELECTRONICS-STW15N95K5 Datasheet
1Mb / 18P
   Ultra low gate charge
February 2014 Rev 2
logo
Inchange Semiconductor ...
STW15N95K5 ISC-STW15N95K5 Datasheet
351Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - STW15NB50

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
IRFP450 STMICROELECTRONICS-IRFP450 Datasheet
90Kb / 8P
   N - CHANNEL 500V - 0.33ohm - 14A - TO-247 PowerMESH] MOSFET
STW11NB80 STMICROELECTRONICS-STW11NB80 Datasheet
87Kb / 8P
   N-CHANNEL 800V - 0.65ohm - 11A - T0-247 PowerMESH MOSFET
STW13NB60 STMICROELECTRONICS-STW13NB60 Datasheet
111Kb / 9P
   N - CHANNEL 600V - 0.48ohm - 13A - TO-247/ISOWATT218 PowerMESH MOSFET
STW18NB40 STMICROELECTRONICS-STW18NB40 Datasheet
142Kb / 7P
   N-CHANNEL 400V - 0.19ohm - 18.4A TO-247/ISOWATT218 PowerMESH MOSFET
June 2002
STW10NC60 STMICROELECTRONICS-STW10NC60 Datasheet
337Kb / 9P
   N-CHANNEL 600V - 0.6ohm - 10A - TO-247/ISOWATT218 PowerMesh?줚I MOSFET
logo
New Jersey Semi-Conduct...
IRFP450 NJSEMI-IRFP450 Datasheet
841Kb / 3P
   N - CHANNEL 500V - 0.33Q - 14A - TO-247 PowerMESH??MOSFET
logo
STMicroelectronics
STW20NB50 STMICROELECTRONICS-STW20NB50 Datasheet
86Kb / 8P
   N - CHANNEL 500V - 0.22ohm - 20A - TO-247 PowerMESH MOSFET
STW8NB90 STMICROELECTRONICS-STW8NB90 Datasheet
311Kb / 9P
   N-CHANNEL 900V - 1.1 ohm - 8 A TO-247/ISOWATT218 PowerMesh??MOSFET
STW20NC50 STMICROELECTRONICS-STW20NC50 Datasheet
249Kb / 8P
   N-CHANNEL 500V - 0.22ohm - 18.4A TO-247 PowerMesh?줚I MOSFET
STW14NB50 STMICROELECTRONICS-STW14NB50 Datasheet
50Kb / 5P
   N-CHANNEL 500V - 0.40 ohm - 14A - TO-247 PowerMESH MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com