Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M37160MF Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # M37160MF
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
Download  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37160MF Datasheet(HTML) 1 Page - Renesas Technology Corp

  M37160MF Datasheet HTML 1Page - Renesas Technology Corp M37160MF Datasheet HTML 2Page - Renesas Technology Corp M37160MF Datasheet HTML 3Page - Renesas Technology Corp M37160MF Datasheet HTML 4Page - Renesas Technology Corp M37160MF Datasheet HTML 5Page - Renesas Technology Corp M37160MF Datasheet HTML 6Page - Renesas Technology Corp M37160MF Datasheet HTML 7Page - Renesas Technology Corp M37160MF Datasheet HTML 8Page - Renesas Technology Corp M37160MF Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 131 page
background image
1. DESCRIPTION
The M37160M8/MA/MF-XXXSP/FP and M37160EFSP/FP are single-
chip microcomputers designed with CMOS silicon gate technology.
They have an OSD and I2C-BUS interface, making them perfect for
a channel selection system for TV.
The M37160EFSP/FP has a built-in PROM that can be written elec-
trically.
2. FEATURES
qNumber of basic instructions .................................................... 71
qMemory size
ROM ............ 32K bytes (M37160M8-XXXSP/FP)
40K bytes (M37160MA-XXXSP/FP)
60K bytes (M37160MF-XXXSP/FP,
M37160EFSP/FP)
RAM .......... 1152 bytes (M37160M8-XXXSP/FP)
1472bytes (M37160MA/MF-XXXSP/FP,
M37160EFSP/FP)
(*ROM correction memory included)
qMinimum instruction execution time
................................ 0.451
µs (at 4.43 MHz oscillation frequency)
qPower source voltage ................................................. 5 V ± 10 %
qSubroutine nesting ............................................. 128 levels (Max.)
qInterrupts ....................................................... 16 types, 15 vectors
q8-bit timers .................................................................................. 6
qProgrammable I/O ports (Ports P0, P1, P2, P30, P31) ............. 25
qInput ports (Ports P35-P37,P50,P51) .......................................... 5
qOutput ports (Ports P52-P55) ..................................................... 4
qSerial I/O ............................................................ 8-bit ✕ 1 channel
qMulti-master I2C-BUS interface .............................. 1 (3 systems)
qA-D comparator (7-bit resolution) ................................ 8 channels
qPWM output circuit ........................................ 14-bit ✕ 1, 8-bit ✕ 5
qPower dissipation
In high-speed mode ......................................................... 165 mW
(at VCC = 5.5V, FSCIN = 4.43 MHz, OSD on)
In low-speed mode ......................................................... 0.33 mW
(at VCC = 5.5V, 32 kHz oscillation frequency)
qROM correction function ................................................ 2 vectors
qOSD function
Display characters ................................... 32 characters ✕ 2 lines
(It is possible to display 3 lines or more by software)
Kinds of characters ............................... 254 kinds
+
62 kinds
(coloring unit)
(per charactor unit) (per dot unit)
Character display area ........................ OSD1 mode: 16 ✕ 26 dots
OSD2 mode: 16 ✕ 20 dots
CD OSD mode: 16 ✕ 20 dots
Kinds of character sizes ................................. OSD1 mode: 1 kind
OSD2 mode: 8 kinds
CD OSD mode: 8 kinds
Kinds of character colors .................................. 8 colors (R, G, B)
Coloring unit ............ dot, character, character background, raster
Display position
Horizontal: 128 levels
Vertical: 512 levels
Attribute ........................................................................................
OSD1 mode: smooth italic, underline, flash, automatic solid space
OSD2 mode: border
Smooth roll-up
Window function
3. APPLICATION
TV
Rev.1.01
2003.11.13
page 1 of 130
M37160M8/MA/MF-XXXSP/FP,M37160EFSP/FP
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
REJ03B0064-0100Z
Rev.1.01
2003.11.13


Similar Part No. - M37160MF

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M37160M8 RENESAS-M37160M8_15 Datasheet
1,009Kb / 133P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
More results

Similar Description - M37160MF

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP85890A SONY-CXP85890A Datasheet
167Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP87240A SONY-CXP87240A Datasheet
635Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP872P48A SONY-CXP872P48A Datasheet
638Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP80712B SONY-CXP80712B Datasheet
567Kb / 24P
   CMOS 8-bit Single Chip Microcomputer
CXP818P48A SONY-CXP818P48A Datasheet
547Kb / 26P
   CMOS 8-bit Single Chip Microcomputer
CXP81900 SONY-CXP81900 Datasheet
545Kb / 8P
   CMOS 8-bit Single Chip Microcomputer
CXP81952 SONY-CXP81952 Datasheet
557Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP81952M SONY-CXP81952M Datasheet
364Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP819P60 SONY-CXP819P60 Datasheet
554Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP82000 SONY-CXP82000 Datasheet
286Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP820P60 SONY-CXP820P60 Datasheet
282Kb / 23P
   CMOS 8-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com