Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STH13NB60FI Datasheet(PDF) 2 Page - STMicroelectronics

Part # STH13NB60FI
Description  N - CHANNEL 600V - 0.48ohm - 13A - TO-247/ISOWATT218 PowerMESH MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STH13NB60FI Datasheet(HTML) 2 Page - STMicroelectronics

  STH13NB60FI Datasheet HTML 1Page - STMicroelectronics STH13NB60FI Datasheet HTML 2Page - STMicroelectronics STH13NB60FI Datasheet HTML 3Page - STMicroelectronics STH13NB60FI Datasheet HTML 4Page - STMicroelectronics STH13NB60FI Datasheet HTML 5Page - STMicroelectronics STH13NB60FI Datasheet HTML 6Page - STMicroelectronics STH13NB60FI Datasheet HTML 7Page - STMicroelectronics STH13NB60FI Datasheet HTML 8Page - STMicroelectronics STH13NB60FI Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
THERMAL DATA
TO-247
ISOW AT T218
Rthj-case
Thermal Resistance Junction-case
Max
0.66
1.56
oC/W
Rthj-amb
Rthc-sink
T l
Thermal Resistance Junction-ambient
Max
Thermal Resistance Case-sink
Typ
Maximum Lead Temperature For Soldering Purpose
30
0.1
300
oC/W
oC/W
oC
AVALANCHE CHARACTERISTICS
Symbo l
Parameter
Max Valu e
Unit
IAR
Avalanche Current , Repet itive or Not-Repet itive
(pulse width limited by Tj max)
13
A
EAS
Single Pulse Avalanche Energy
(starting Tj =25
oC, ID =IAR,VDD =50 V)
700
mJ
ELECTRICAL CHARACTERISTICS (Tcase =25
oC unless otherwise specified)
OFF
Symbo l
Parameter
Test Con ditions
Min.
T yp.
Max.
Unit
V(BR)DSS
Drain-source
Breakdown Voltage
ID =250
µAVGS =0
600
V
IDSS
Zero G ate Voltage
Drain Current (VGS =0)
VDS =Max Rating
VDS = Max Rating
Tc =125
oC
1
50
µA
µA
IGSS
Gat e-body Leakage
Current (VDS =0)
VGS =
± 30 V
± 100
nA
ON (
∗)
Symbo l
Parameter
Test Con ditions
Min.
T yp.
Max.
Unit
VGS(th)
Gat e Threshold
Voltage
VDS =VGS
ID = 250
µA
345
V
RDS(on)
Static Drain-source O n
Resist ance
VGS =10V
ID = 6.5 A
0.48
0.54
ID(o n)
On Stat e Drain Current
VDS >ID(o n) xRDS(on )max
VGS =10 V
13
A
DYNAMIC
Symbo l
Parameter
Test Con ditions
Min.
T yp.
Max.
Unit
gfs (
∗)Forward
Transconduct ance
VDS >ID(o n) xRDS(on )max
ID =6.5 A
8
12
S
Ciss
Cos s
Crss
Input Capacitance
Out put Capacitance
Reverse T ransfer
Capacitance
VDS =25 V
f = 1 MHz
VGS = 0
2600
325
30
pF
pF
pF
STW13NB60 STH13NB60FI
2/9


Similar Part No. - STH13NB60FI

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STH13N120K5-2AG STMICROELECTRONICS-STH13N120K5-2AG Datasheet
584Kb / 15P
   Automotive-grade N-channel 1200 V, 0.62 typ., 12 A, MDmesh K5 Power MOSFET in an H²PAK‑2 package
June 2020 Rev 5
More results

Similar Description - STH13NB60FI

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STW10NC60 STMICROELECTRONICS-STW10NC60 Datasheet
337Kb / 9P
   N-CHANNEL 600V - 0.6ohm - 10A - TO-247/ISOWATT218 PowerMesh?줚I MOSFET
STW18NB40 STMICROELECTRONICS-STW18NB40 Datasheet
142Kb / 7P
   N-CHANNEL 400V - 0.19ohm - 18.4A TO-247/ISOWATT218 PowerMESH MOSFET
June 2002
STW12NC60 STMICROELECTRONICS-STW12NC60 Datasheet
86Kb / 8P
   N-CHANNEL 600V - 0.48ohm - 12A TO-247 PowerMeshII MOSFET
STW15NB50 STMICROELECTRONICS-STW15NB50 Datasheet
110Kb / 9P
   N-CHANNEL 500V - 0.33ohm - 14.6A - T0-247/ISOWATT218 PowerMESH MOSFET
STW8NB90 STMICROELECTRONICS-STW8NB90 Datasheet
311Kb / 9P
   N-CHANNEL 900V - 1.1 ohm - 8 A TO-247/ISOWATT218 PowerMesh??MOSFET
STP13NK60Z STMICROELECTRONICS-STP13NK60Z Datasheet
657Kb / 14P
   N-CHANNEL 600V-0.48ohm-13A TO-220/FP/D2PAK/I2PAK/TO-247 Zener-Protected SuperMESH?줡ower MOSFET
STW10NB60 STMICROELECTRONICS-STW10NB60 Datasheet
93Kb / 8P
   N - CHANNEL 600V - 0.69ohm - 10A - TO-247 PowerMESH MOSFET
STW16NB60 STMICROELECTRONICS-STW16NB60 Datasheet
252Kb / 8P
   N-CHANNEL 600V - 0.3ohm - 16A TO-247 PowerMesh??MOSFET
STGF20NB60S STMICROELECTRONICS-STGF20NB60S Datasheet
293Kb / 10P
   N-CHANNEL 13A - 600V TO-220FP PowerMESH IGBT
STW12NB60 STMICROELECTRONICS-STW12NB60 Datasheet
250Kb / 8P
   N-CHANNEL 600V - 0.5ohm - 12A TO-247 PowerMesh?줚I MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com