Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HA17903PSJ Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # HA17903PSJ
Description  Dual Comparator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HA17903PSJ Datasheet(HTML) 6 Page - Renesas Technology Corp

  HA17903PSJ Datasheet HTML 1Page - Renesas Technology Corp HA17903PSJ Datasheet HTML 2Page - Renesas Technology Corp HA17903PSJ Datasheet HTML 3Page - Renesas Technology Corp HA17903PSJ Datasheet HTML 4Page - Renesas Technology Corp HA17903PSJ Datasheet HTML 5Page - Renesas Technology Corp HA17903PSJ Datasheet HTML 6Page - Renesas Technology Corp HA17903PSJ Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
HA17903 Series
Rev.1.00 Jun 15, 2005 page 6 of 6
Package Dimensions
7.62
DP-8B
RENESAS Code
JEITA Package Code
Previous Code
Max
Nom
Min
Dimension in Millimeters
Symbol
Reference
9.6
6.3
5.06
MASS[Typ.]
0.51g
A
Z
b
D
E
A
b
c
θ
e
L
1
1
p
3
e
0.5
0.58
1.3
0.20
0.25
0.35
2.29
2.54
2.79
0
°
15
°
PRDP0008AF-A
P-DIP8-6.3x9.6-2.54
10.6
7.4
0.38
0.48
1.27
2.54
1
p
3
14
85
0.89
c
Z
e
b
b
D
e
θ
PRSP0008DE-B
P-SOP8-4.4x4.85-1.27
A
L
e
c
b
D
E
A
b
c
θ
x
y
H
Z
L
2
1
1
E
1
MASS[Typ.]
0.1g
4.85
1.05
0.12
0
°
8
°
6.5
0.15
0.20
0.25
0.45
0.00
0.1
0.20
4.4
0.42
0.60
0.85
2.03
Reference
Symbol
Dimension in Millimeters
Min
Nom
Max
Previous Code
JEITA Package Code
RENESAS Code
FP-8DGV
5.25
1
A
p
0.35
0.4
6.75
6.35
1.27
0.15
0.75
5
8
4
F
*1
*3
p
M
x
y
1
Index mark
Z
b
D
p
Terminal cross section
( Ni/Pd/Au plating )
b
1
Detail F
L
L
θ
NOTE)
1. DIMENSIONS"*1 (Nom)"AND"*2"
DO NOT INCLUDE MOLD FLASH.
2. DIMENSION"*3"DOES NOT
INCLUDE TRIM OFFSET.
e


Similar Part No. - HA17903PSJ

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HA17903PSJ HITACHI-HA17903PSJ Datasheet
40Kb / 8P
   Dual Comparator
More results

Similar Description - HA17903PSJ

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HA17903 HITACHI-HA17903 Datasheet
40Kb / 8P
   Dual Comparator
logo
Mitsubishi Electric Sem...
M51923P MITSUBISHI-M51923P Datasheet
110Kb / 4P
   DUAL COMPARATOR
logo
Fairchild Semiconductor
LM319 FAIRCHILD-LM319_12 Datasheet
174Kb / 8P
   Dual Comparator
logo
Renesas Technology Corp
M5233L RENESAS-M5233L Datasheet
1Mb / 4P
   DUAL COMPARATOR
logo
Linear Technology
LM119 LINER-LM119_15 Datasheet
198Kb / 12P
   Dual Comparator
LT319A LINER-LT319A_15 Datasheet
198Kb / 12P
   Dual Comparator
LM319 LINER-LM319_15 Datasheet
198Kb / 12P
   Dual Comparator
LT119A LINER-LT119A_15 Datasheet
198Kb / 12P
   Dual Comparator
logo
Fairchild Semiconductor
LM319 FAIRCHILD-LM319 Datasheet
111Kb / 10P
   Dual Comparator
logo
Fujitsu Component Limit...
MB47393 FUJITSU-MB47393 Datasheet
81Kb / 9P
   DUAL COMPARATOR
logo
Renesas Technology Corp
M51923P RENESAS-M51923P Datasheet
1Mb / 5P
   DUAL COMPARATOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com