Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HA17901FPK Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # HA17901FPK
Description  Quadruple Comparators
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HA17901FPK Datasheet(HTML) 1 Page - Renesas Technology Corp

  HA17901FPK Datasheet HTML 1Page - Renesas Technology Corp HA17901FPK Datasheet HTML 2Page - Renesas Technology Corp HA17901FPK Datasheet HTML 3Page - Renesas Technology Corp HA17901FPK Datasheet HTML 4Page - Renesas Technology Corp HA17901FPK Datasheet HTML 5Page - Renesas Technology Corp HA17901FPK Datasheet HTML 6Page - Renesas Technology Corp HA17901FPK Datasheet HTML 7Page - Renesas Technology Corp HA17901FPK Datasheet HTML 8Page - Renesas Technology Corp HA17901FPK Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Rev.1.00 Jun 15, 2005 page 1 of 12
HA17901 Series
Quadruple Comparators
REJ03D0684-0100
(Previous: ADE-204-047)
Rev.1.00
Jun 15, 2005
Description
The HA17901 series products are comparators designed for use in power or control systems.
These IC operate from a single power-supply voltage over a wide range of voltages, and feature a reduced power-supply
current since the power-supply voltage is determined independently.
These comparators have the unique characteristic of ground being included in the common-mode input voltage range,
even when operating from a single-voltage power supply. These products have a wide range of applications, including
limit comparators, simple A/D converters, pulse/square-wave/time delay generators, wide range VCO circuits, MOS
clock timers, multivibrators, and high-voltage logic gates.
Features
• Wide power-supply voltage range: 2 to 36V
• Extremely low current drain: 0.8mA
• Low input bias current: 25nA
• Low input offset current: 5nA
• Low input offset voltage: 2mV
• The common-mode input voltage range includes ground.
• Low output saturation voltage: 1mV (5µA), 70mV (1mA)
• Output voltages compatible with CMOS logic systems
Ordering Information
Type No.
Application
Package Code (Previous Code)
HA17901PJ
Car use
PRDP0014AB-A (DP-14)
HA17901FPJ
PRSP0014DF-B (FP-14DAV)
HA17901FPK
PRSP0014DF-B (FP-14DAV)


Similar Part No. - HA17901FPK

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HA17901FPK HITACHI-HA17901FPK Datasheet
79Kb / 16P
   Quadruple Comparators
More results

Similar Description - HA17901FPK

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HA17339A RENESAS-HA17339A Datasheet
159Kb / 15P
   Quadruple Comparators
logo
Panasonic Semiconductor
AN1339 PANASONIC-AN1339 Datasheet
44Kb / 3P
   Quadruple Comparators
logo
Renesas Technology Corp
HA17339ATELL-E RENESAS-HA17339ATELL-E Datasheet
188Kb / 17P
   Quadruple Comparators
HA17901A RENESAS-HA17901A Datasheet
165Kb / 16P
   Quadruple Comparators
logo
Hitachi Semiconductor
HA17901 HITACHI-HA17901 Datasheet
79Kb / 16P
   Quadruple Comparators
logo
Renesas Technology Corp
HA17339A RENESAS-HA17339A_15 Datasheet
188Kb / 17P
   Quadruple Comparators
HA17901A RENESAS-HA17901A_15 Datasheet
194Kb / 18P
   Quadruple Comparators
logo
Linear Dimensions Semic...
LND339 LINEAR_DIMENSIONS-LND339 Datasheet
124Kb / 5P
   Quadruple Differential Comparators
logo
Texas Instruments
TLC374 TI-TLC374_V01 Datasheet
1Mb / 28P
[Old version datasheet]   LinCMOS QUADRUPLE DIFFERENTIAL COMPARATORS
TLC374 TI-TLC374 Datasheet
771Kb / 28P
[Old version datasheet]   LinCMOS QUADRUPLE DIFFERENTIAL COMPARATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com