Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HA16342NT Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # HA16342NT
Description  Redundant Secondary Switching Power Supply Controller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HA16342NT Datasheet(HTML) 5 Page - Renesas Technology Corp

  HA16342NT Datasheet HTML 1Page - Renesas Technology Corp HA16342NT Datasheet HTML 2Page - Renesas Technology Corp HA16342NT Datasheet HTML 3Page - Renesas Technology Corp HA16342NT Datasheet HTML 4Page - Renesas Technology Corp HA16342NT Datasheet HTML 5Page - Renesas Technology Corp HA16342NT Datasheet HTML 6Page - Renesas Technology Corp HA16342NT Datasheet HTML 7Page - Renesas Technology Corp HA16342NT Datasheet HTML 8Page - Renesas Technology Corp HA16342NT Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
HA16341NT/FP, HA16342NT/FP
Rev.4.00 Jun 15, 2005 page 5 of 19
Absolute Maximum Ratings (cont.)
(Ta = 25
°C)
Item
Symbol
Ratings
Unit
Note
CF(+) terminal voltage
VCF(+)max
–0.3 to Vref
V
CF(
−) terminal voltage
VCF(
−)max
–0.3 to Vref
V
CFo terminal voltage
VCFomax
–0.3 to Vref
V
CB terminal voltage
VCBmax
–0.3 to Vref
V
DB terminal voltage
VDBmax
–0.3 to Vref
V
Maximum power dissipation
PT
4.17
W
1
Operating temperature
Topr
–40 to +105
°C
Storage temperature
Tstg
–55 to +150
°C
Junction temperature
Tj
150
°C
Note:
1. This is allowable value up to Ta = 25
°C.
Derate by
θj-a = 30°C/W above that temperature.
θj-a = 30°C/W is the case that HA16341NT is mounted on 30% wiring density glass epoxy board (105 mm ×
76.2 mm
× 1.6 mmt) and HA16341FP is mounted on a board which thermal resistance is 23°C/W because of
θj-pin (SOP) = 7°C/W typ.
5.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.17
4.5
Ambient Temperature Ta (
°C)
−50 −30 −10
170
150
130
110
90
70
50
30
10


Similar Part No. - HA16342NT

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HA16342NT HITACHI-HA16342NT Datasheet
230Kb / 21P
   Redundant Secondary Switching Power Supply Controller
More results

Similar Description - HA16342NT

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HA16341NT HITACHI-HA16341NT Datasheet
230Kb / 21P
   Redundant Secondary Switching Power Supply Controller
logo
Adlink Technology Inc.
CPCIS-ET1100 ADLINK-CPCIS-ET1100 Datasheet
211Kb / 2P
   Redundant Power Supply
logo
Sparkle Power Inc.
FSP700-62R01 SPI-FSP700-62R01 Datasheet
77Kb / 1P
   350Watts 11 Redundant Switching Power Supply
FSP600-60MRA SPI-FSP600-60MRA Datasheet
70Kb / 1P
   600Watts 11 Mini Redundant Switching Power Supply
FSP700-50DRS SPI-FSP700-50DRS Datasheet
53Kb / 1P
   700Watts 11 2U Redundant Switching Power Supply
FSP500-80MR1 SPI-FSP500-80MR1 Datasheet
355Kb / 2P
   500 Watts, 11 Redundant Switching Power Supply
FSP600-80MRA SPI-FSP600-80MRA Datasheet
75Kb / 1P
   600Watts 11 Mini Redundant Switching Power Supply
SPR2CA800LGP SPI-SPR2CA800LGP Datasheet
50Kb / 1P
   800Watts 11 2U Redundant Switching Power Supply
logo
BOSER Technology Co., L...
ARI-6400F BOSER-ARI-6400F Datasheet
79Kb / 1P
   400W Redundant Power Supply
logo
List of Unclassifed Man...
TC-950RVN3 ETC2-TC-950RVN3 Datasheet
266Kb / 17P
   950W Redundant Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com