Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HA16174P Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # HA16174P
Description  Power Factor Correction Controller IC
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HA16174P Datasheet(HTML) 3 Page - Renesas Technology Corp

  HA16174P Datasheet HTML 1Page - Renesas Technology Corp HA16174P Datasheet HTML 2Page - Renesas Technology Corp HA16174P Datasheet HTML 3Page - Renesas Technology Corp HA16174P Datasheet HTML 4Page - Renesas Technology Corp HA16174P Datasheet HTML 5Page - Renesas Technology Corp HA16174P Datasheet HTML 6Page - Renesas Technology Corp HA16174P Datasheet HTML 7Page - Renesas Technology Corp HA16174P Datasheet HTML 8Page - Renesas Technology Corp HA16174P Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 37 page
background image
HA16174P/FP
Rev.1.00 Jan 06, 2006 page 3 of 36
Block Diagram
Gate Driver
+/– 1.0 A (PEAK)
5 V Internal Bias
Circuit Ground
VCC
IAC
CS
CAO
GND
FB
EO
OUT
27.5 V
5 V VREF
Generator
PFC-ON
0.1
µ
VREF
UVL
PFC-DT
RAMP
RT
K = 0.20
K = 0.05
B+OVP
PFC-OFF
25
µA
SS
CT
PG
Oscillator
65 kHz
15.4
µs
770 ns
0.65 V
3.6 V
VAMP
Gain
Select
B+
GOOD
FB LOW
PGADJ
DELAY
VREF
GOOD
VREF
GOOD
In
Out
CLIMIT
3.3 k
55 k
CAMP
VREF
IMO = K
× {IAC × (VEO – 1V)}
IMO
IAC
2.5 V
K
0.30 V
0.50 V
VREF
GOOD
VREF
2.40 V
100
µA
10
µA
DELAY
RESET
2.50 V
VREF
1.25 V
1.75 V
1.60 V
PG
DELAY
PFC
DELAY
PFC
DELAY
IN
OUT
IN
OUT
PG
DELAY
DELAY
RESET
Shut
down
4.0 V
2.688 V
2.638 V
2.638 V
3.0 V
B+PG
RESET
B+PG
RESET
VREF
SS
Gain
Selector
0.95 V
Shut
down
Reset:
Vcc<5 V
UVLO
H
L
10.5 V
9.0 V
R
S
Q
Q
R
S
Q
Q
R
S
Q
Q
S
R
Q
Q
S
R
Q
Q
S
R
Q
Q
S
R
Q
Q
6
1
3
15
2
11
16
9
10
7
12
8
14
13
5
4


Similar Part No. - HA16174P

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HA16174 RENESAS-HA16174 Datasheet
103Kb / 1P
   Renesas PFC Control IC for Digital-TV
More results

Similar Description - HA16174P

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HA16178P RENESAS-HA16178P Datasheet
282Kb / 25P
   Power Factor Correction Controller IC
logo
Rohm
BD7695FJ ROHM-BD7695FJ Datasheet
1Mb / 27P
   Power Factor Correction Controller IC
15.Jul.2022 Rev.001
logo
Renesas Technology Corp
R2A20111SP RENESAS-R2A20111SP Datasheet
308Kb / 41P
   Power Factor Correction Controller IC
logo
Rohm
BD7690FJ ROHM-BD7690FJ Datasheet
2Mb / 26P
   Power Factor Correction Controller IC
logo
Renesas Technology Corp
R2A20111SP RENESAS-R2A20111SP_16 Datasheet
266Kb / 8P
   Power Factor Correction Controller IC
R2A20111SP RENESAS-R2A20111SP_09 Datasheet
124Kb / 8P
   Power Factor Correction Controller IC
R2A20115SP RENESAS-R2A20115SP_15 Datasheet
144Kb / 10P
   Power Factor Correction Controller IC
R2A20111SP RENESAS-R2A20111SP_15 Datasheet
139Kb / 10P
   Power Factor Correction Controller IC
logo
Rohm
BD7690FJ-E ROHM-BD7690FJ-E Datasheet
2Mb / 26P
   Power Factor Correction Controller IC
logo
Renesas Technology Corp
R2A20115SP RENESAS-R2A20115SP Datasheet
128Kb / 8P
   Power Factor Correction Controller IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com