Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HA16141FP Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # HA16141FP
Description  PFC and PWM Controller
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HA16141FP Datasheet(HTML) 5 Page - Renesas Technology Corp

  HA16141FP Datasheet HTML 1Page - Renesas Technology Corp HA16141FP Datasheet HTML 2Page - Renesas Technology Corp HA16141FP Datasheet HTML 3Page - Renesas Technology Corp HA16141FP Datasheet HTML 4Page - Renesas Technology Corp HA16141FP Datasheet HTML 5Page - Renesas Technology Corp HA16141FP Datasheet HTML 6Page - Renesas Technology Corp HA16141FP Datasheet HTML 7Page - Renesas Technology Corp HA16141FP Datasheet HTML 8Page - Renesas Technology Corp HA16141FP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
HA16141P/FP, HA16142P/FP
Rev.5.00 Jun 15, 2005 page 5 of 17
Absolute Maximum Ratings
(Ta = 25
°C)
Item
Symbol
Rating
Unit
Note
Supply voltage
VCC
20
V
Peak PFC-OUT current
Ipk-pfc
±1.5
A
3
Peak PWM-OUT current
Ipk-pwm
±1.0
A
3
DC PFC-OUT current
Idc-pfc
±0.15
A
DC PWM-OUT current
Idc-pwm
±0.10
A
Vi-group1
–0.3 to VCC
V
4
Terminal voltage
Vi-group2
–0.3 to Vref
V
5
CAO voltage
Vcao
–0.3 to Veoh-ca
V
PFC-EO voltage
Vpfc-eo
–0.3 to Veoh-pfc
V
PWM-EO voltage
Vpwm-eo
–0.3 to Veoh-pwm
V
PFC-ON voltage
Vpfc-on
–0.3 to +7
V
IAC voltage
Vi-ac
–0.3 to +5
V
IAC current
Ii-ac
0.8
mA
PFC-CS voltage
Vi-cs
–1.5 to +0.3
V
TIM voltage
Vi-tim
–0.3 to +6
V
VREF current
Io-ref
–20
mA
PG voltage
Vo-pg
–0.3 to +7
V
PG current
Io-pg
15
mA
Power dissipation
PT
1
W
6
Operating temperature
Topr
–40 to +105
°C
Storage temperature
Tstg
–55 to +150
°C
Junction temperature
Tj
150
°C
Notes: 1. Rated voltages are with reference to the GND pin.
2. For rated currents, inflow to the IC is indicated by (+), and outflow by (–).
3. Shows the transient current when driving a capacitive load.
4. Group1 is the rated voltage for the following pins: PFC-OUT, PWM-OUT
5. Group2 is the rated voltage for the following pins: VREF, PFC-FB, PWM-CS
6. This is the value when the ambient temperature (Ta) is 25
°C or below. If Ta exceeds 25°C, the graph below
applies. For the SOP package, this value is based on actual measurements on a 10% wiring density glass
epoxy circuit board (40 mm
× 40 mm × 1.6 mm).
1
0.5
0
−40
0
50
100
150
25
°C
−8mW/°C
105
°C
Ambient temperature Ta (
°C)


Similar Part No. - HA16141FP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HA16141FP RENESAS-HA16141FP Datasheet
213Kb / 20P
   PFC and PWM Controller
Preliminary Rev.4 Sep. 2001
logo
Hitachi Semiconductor
HA16141FP HITACHI-HA16141FP Datasheet
239Kb / 18P
   PFC and PWM Controller
More results

Similar Description - HA16141FP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HA16142FP RENESAS-HA16142FP Datasheet
213Kb / 20P
   PFC and PWM Controller
Preliminary Rev.4 Sep. 2001
logo
Hitachi Semiconductor
HA16141P HITACHI-HA16141P Datasheet
239Kb / 18P
   PFC and PWM Controller
logo
Fairchild Semiconductor
FAN4800AU FAIRCHILD-FAN4800AU Datasheet
987Kb / 20P
   PFC/ PWM Controller Combination
AN-8027 FAIRCHILD-AN-8027 Datasheet
620Kb / 17P
   PFCPWM Combination Controller
FAN4800A FAIRCHILD-FAN4800A_09 Datasheet
647Kb / 24P
   PFC/PWM Controller Combination
FAN4803CP2 FAIRCHILD-FAN4803CP2 Datasheet
116Kb / 12P
   8-Pin PFC and PWM Controller Combo
FAN4803CP1 FAIRCHILD-FAN4803CP1 Datasheet
109Kb / 12P
   8-Pin PFC and PWM Controller Combo
FAN4800AS FAIRCHILD-FAN4800AS Datasheet
583Kb / 19P
   PFC/PWM Controller Combination
FAN4800AUN FAIRCHILD-FAN4800AUN Datasheet
987Kb / 20P
   PFC/ PWM Controller Combination
ML4803 FAIRCHILD-ML4803 Datasheet
133Kb / 12P
   8-Pin PFC and PWM Controller Combo
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com