Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HA16114 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # HA16114
Description  Switching Regulator for Chopper Type DC/DC Converter
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HA16114 Datasheet(HTML) 2 Page - Renesas Technology Corp

  HA16114 Datasheet HTML 1Page - Renesas Technology Corp HA16114 Datasheet HTML 2Page - Renesas Technology Corp HA16114 Datasheet HTML 3Page - Renesas Technology Corp HA16114 Datasheet HTML 4Page - Renesas Technology Corp HA16114 Datasheet HTML 5Page - Renesas Technology Corp HA16114 Datasheet HTML 6Page - Renesas Technology Corp HA16114 Datasheet HTML 7Page - Renesas Technology Corp HA16114 Datasheet HTML 8Page - Renesas Technology Corp HA16114 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 34 page
background image
HA16116FP/FPJ, HA16121FP/FPJ
Rev.2.0, Sep.18.2003, page 2 of 33
Features
• Wide operating supply voltage range* (3.9 V to 40.0 V)
• Wide operating frequency range (600 kHz maximum operation)
• Direct power MOS FET driving (output current ±1 A peak in maximum rating)
• Pulse-by-pulse overcurrent protection circuit with intermittent operation function (When overcurrent
state continues beyond time set in timer, the IC operates intermittently to prevent excessive output
current.)
• Grounding the ON/OFF pin turns the IC off, saving power dissipation. (HA16116: I
OFF = 10 µA max.;
HA16121: I
OFF = 150 µA max.)
• Built-in UVL circuit (UVL voltage can be varied with external resistance.)
• Built-in soft start and quick shutoff functions
Note:
The reference voltage 2.5 V is under the condition of V
IN ≥ 4.5 V.
Ordering Information
Hitachi Control ICs for Chopper-Type DC/DC Converters
Control Functions
Channels
Product
Number
Channel
No.
Step-Up
Step-Down
Inverting
Output Circuits
Overcurrent
Protection
Ch 1
❍❍
Dual
HA17451
Ch 2
❍❍
Open collector
SCP with timer (latch)
HA16114
❍❍
Single
HA16120
——
Ch 1
❍❍
HA16116
Ch 2
Ch 1
❍❍
Dual
HA16121
Ch 2
——
Totem pole
power MOS FET
driver
Pulse-by-pulse
current limiter and
intermittent operation
by on/off timer


Similar Part No. - HA16114

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HA16114 RENESAS-HA16114 Datasheet
499Kb / 38P
   Switching Regulator for Chopper Type DC/DC Converter
logo
Hitachi Semiconductor
HA16114FP HITACHI-HA16114FP Datasheet
275Kb / 38P
   Switching Regulator for Chopper Type DC/DC Converter
logo
Renesas Technology Corp
HA16114FP RENESAS-HA16114FP Datasheet
499Kb / 38P
   Switching Regulator for Chopper Type DC/DC Converter
logo
Hitachi Semiconductor
HA16114FPJ HITACHI-HA16114FPJ Datasheet
275Kb / 38P
   Switching Regulator for Chopper Type DC/DC Converter
logo
Renesas Technology Corp
HA16114FPJ RENESAS-HA16114FPJ Datasheet
499Kb / 38P
   Switching Regulator for Chopper Type DC/DC Converter
More results

Similar Description - HA16114

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HA16114P RENESAS-HA16114P Datasheet
499Kb / 38P
   Switching Regulator for Chopper Type DC/DC Converter
logo
Hitachi Semiconductor
HA16116FP HITACHI-HA16116FP Datasheet
250Kb / 34P
   Switching Regulator for Chopper Type DC/DC Converter
HA16114P HITACHI-HA16114P Datasheet
275Kb / 38P
   Switching Regulator for Chopper Type DC/DC Converter
logo
Toshiba Semiconductor
2SK2311 TOSHIBA-2SK2311_09 Datasheet
433Kb / 6P
   Chopper Regulator, DC−DC Converter and Switching Regulator Applications
2SK2998 TOSHIBA-2SK2998_10 Datasheet
382Kb / 6P
   Chopper Regulator, DC−DC Converter Applications
2SK2884 TOSHIBA-2SK2884_09 Datasheet
433Kb / 6P
   Chopper Regulator, DC−DC Converter Applications
2SK4023 TOSHIBA-2SK4023 Datasheet
215Kb / 6P
   Switching Regulator, DC/DC Converter
2SK4023 TOSHIBA-2SK4023_09 Datasheet
188Kb / 6P
   Switching Regulator, DC/DC Converter
2SK2266 TOSHIBA-2SK2266_09 Datasheet
441Kb / 6P
   Chopper Regulator, DC- DC Converter and Motor Drive
2SK4003 TOSHIBA-2SK4003_09 Datasheet
145Kb / 3P
   Chopper Regulator, DC-DC Converter and Motor Drive
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com