Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H7N1002LMTL-E Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # H7N1002LMTL-E
Description  Silicon N Channel MOS FET High Speed Power Switching
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H7N1002LMTL-E Datasheet(HTML) 5 Page - Renesas Technology Corp

  H7N1002LMTL-E Datasheet HTML 1Page - Renesas Technology Corp H7N1002LMTL-E Datasheet HTML 2Page - Renesas Technology Corp H7N1002LMTL-E Datasheet HTML 3Page - Renesas Technology Corp H7N1002LMTL-E Datasheet HTML 4Page - Renesas Technology Corp H7N1002LMTL-E Datasheet HTML 5Page - Renesas Technology Corp H7N1002LMTL-E Datasheet HTML 6Page - Renesas Technology Corp H7N1002LMTL-E Datasheet HTML 7Page - Renesas Technology Corp H7N1002LMTL-E Datasheet HTML 8Page - Renesas Technology Corp H7N1002LMTL-E Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
H7N1002LD, H7N1002LS, H7N1002LM
Rev.7.00 Apr 07, 2006 page 5 of 8
Avalanche Test Circuit
Avalanche Waveform
0
ID
VDS
IAP
V(BR)DSS
VDD
EAR =
• L • IAP
2
2
1
VDSS
VDSS – VDD
D.U.T
Rg
IAP
Monitor
VDS
Monitor
VDD
50
Vin
15 V
L
Source to Drain Voltage
VSD (V)
Reverse Drain Current vs.
Source to Drain Voltage
Channel Temperature Tch (°C)
Maximum Avalanche Energy vs.
Channel Temperature Derating
200
25
50
75
100
125
150
0
40
80
120
160
IAP = 50 A
VDD = 25 V
duty < 0.1 %
Rg
≥ 50 Ω
0
0
20
40
60
80
0.4
0.8
1.2
1.6
2.0
VGS = 0, –5 V
10 V
100
Pulse Test
5 V
Pulse Width PW (S)
Normalized Transient Thermal Impedance vs. Pulse Width
3
1
0.3
0.1
0.03
0.01
10
µ
100
µ
1 m
10 m
100 m
1
10
Tc = 25°C
D = 1
0.5
0.2
0.1
0.05
0.01
PDM
PW
T
D =
PW
T
θch – c (t) = γ s (t) • θch – c
θch – c = 1.25°C/W, Tc = 25°C
0.02
1sho
t pulse


Similar Part No. - H7N1002LMTL-E

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
H7N1002LMTL-E RENESAS-H7N1002LMTL-E Datasheet
138Kb / 9P
   Silicon N Channel MOS FET High Speed Power Switching
More results

Similar Description - H7N1002LMTL-E

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
H7N0608LD RENESAS-H7N0608LD Datasheet
118Kb / 12P
   Silicon N Channel MOS FET High Speed Power Switching
H5N1503P RENESAS-H5N1503P Datasheet
81Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJK6015DPK RENESAS-RJK6015DPK Datasheet
107Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
H7N0310LD RENESAS-H7N0310LD Datasheet
131Kb / 14P
   Silicon N Channel MOS FET High Speed Power Switching
2SK2788 RENESAS-2SK2788_11 Datasheet
82Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJK5013DPE RENESAS-RJK5013DPE_15 Datasheet
89Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJL5014DPK RENESAS-RJL5014DPK_15 Datasheet
89Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
H5N5006DL RENESAS-H5N5006DL_15 Datasheet
113Kb / 10P
   Silicon N Channel MOS FET High Speed Power Switching
H7N1005LD RENESAS-H7N1005LD_15 Datasheet
145Kb / 11P
   Silicon N Channel MOS FET High Speed Power Switching
HAT2179R RENESAS-HAT2179R_15 Datasheet
126Kb / 9P
   Silicon N Channel MOS FET High Speed Power Switching
H7N1005DL RENESAS-H7N1005DL_15 Datasheet
139Kb / 11P
   Silicon N Channel MOS FET High Speed Power Switching
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com