Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H7N0607DL-E Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # H7N0607DL-E
Description  Silicon N Channel MOS FET High Speed Power Switching
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H7N0607DL-E Datasheet(HTML) 4 Page - Renesas Technology Corp

  H7N0607DL-E Datasheet HTML 1Page - Renesas Technology Corp H7N0607DL-E Datasheet HTML 2Page - Renesas Technology Corp H7N0607DL-E Datasheet HTML 3Page - Renesas Technology Corp H7N0607DL-E Datasheet HTML 4Page - Renesas Technology Corp H7N0607DL-E Datasheet HTML 5Page - Renesas Technology Corp H7N0607DL-E Datasheet HTML 6Page - Renesas Technology Corp H7N0607DL-E Datasheet HTML 7Page - Renesas Technology Corp H7N0607DL-E Datasheet HTML 8Page - Renesas Technology Corp H7N0607DL-E Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
H7N0607DL, H7N0607DS
Rev.3.00, Jan.27.2005, page 4 of 8
0.1
1
10
10
100
1
Case Temperature
Tc
(
°C)
Static Drain to Source on State Resistance
vs. Temperature
Drain Current
ID
(A)
Forward Transfer Admittance vs.
Drain Current
100
80
60
40
20
–50
0
50
100
200
150
0
VGS = 10 V
4.5 V
Pulse Test
2, 5, 10 A
ID = 10 A
5 A
2 A
100
Tc = –40
°C
150
°C
25
°C
VDS = 10 V
Pulse Test
1
0.1
0.3
3
10
30
100
010
20
30
40
50
100
1000
300
100
80
60
40
20
0
20
16
12
8
4
10
20
30
40
50
0
1000
100
300
30
10
1
3
0.1
0.3
3
10
100
1000
100
300
30
3
10
1
30
30
1
10
VGS = 0
f = 1 MHz
Ciss
Coss
Crss
ID = 30 A
VGS
VDS
VGS = 10 V, VDS = 30 V
PW = 5
µs, duty < 1 %
Rg = 4.7
tr
tr
td(on)
td(off)
tf
tf
3000
10000
Reverse Drain Current
IDR
(A)
Body-Drain Diode Reverse
Recovery Time
Drain to Source Voltage VDS
(V)
Typical Capacitance vs.
Drain to Source Voltage
Gate Charge
Qg (nc)
Dynamic Input Characteristics
Drain Current
ID
(A)
Switching Characteristics
di / dt = 100 A /
µs
VGS = 0, Ta = 25°C
VDD = 50 V
25 V
10 V
VDD = 50 V
25 V
10 V


Similar Part No. - H7N0607DL-E

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
H7N0607DL RENESAS-H7N0607DL_15 Datasheet
110Kb / 11P
   Silicon N Channel MOS FET High Speed Power Switching
More results

Similar Description - H7N0607DL-E

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
H7N0608LD RENESAS-H7N0608LD Datasheet
118Kb / 12P
   Silicon N Channel MOS FET High Speed Power Switching
H5N1503P RENESAS-H5N1503P Datasheet
81Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJK6015DPK RENESAS-RJK6015DPK Datasheet
107Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
H7N0310LD RENESAS-H7N0310LD Datasheet
131Kb / 14P
   Silicon N Channel MOS FET High Speed Power Switching
2SK2788 RENESAS-2SK2788_11 Datasheet
82Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJK5013DPE RENESAS-RJK5013DPE_15 Datasheet
89Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJL5014DPK RENESAS-RJL5014DPK_15 Datasheet
89Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
H5N5006DL RENESAS-H5N5006DL_15 Datasheet
113Kb / 10P
   Silicon N Channel MOS FET High Speed Power Switching
H7N1005LD RENESAS-H7N1005LD_15 Datasheet
145Kb / 11P
   Silicon N Channel MOS FET High Speed Power Switching
HAT2179R RENESAS-HAT2179R_15 Datasheet
126Kb / 9P
   Silicon N Channel MOS FET High Speed Power Switching
H7N1005DL RENESAS-H7N1005DL_15 Datasheet
139Kb / 11P
   Silicon N Channel MOS FET High Speed Power Switching
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com