Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H7N0603DS Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # H7N0603DS
Description  Silicon N Channel MOS FET High Speed Power Switching
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H7N0603DS Datasheet(HTML) 1 Page - Renesas Technology Corp

  H7N0603DS Datasheet HTML 1Page - Renesas Technology Corp H7N0603DS Datasheet HTML 2Page - Renesas Technology Corp H7N0603DS Datasheet HTML 3Page - Renesas Technology Corp H7N0603DS Datasheet HTML 4Page - Renesas Technology Corp H7N0603DS Datasheet HTML 5Page - Renesas Technology Corp H7N0603DS Datasheet HTML 6Page - Renesas Technology Corp H7N0603DS Datasheet HTML 7Page - Renesas Technology Corp H7N0603DS Datasheet HTML 8Page - Renesas Technology Corp H7N0603DS Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Rev.2.00, Jan.26.2005, page 1 of 8
H7N0603DL, H7N0603DS
Silicon N Channel MOS FET
High speed power Switching
REJ03G0123-0200
Rev.2.00
Jan.26.2005
Features
• Low on - resistance
RDS (on) = 11 m
Ω typ.
• Low drive current
• Capable of 4.5 gate drive
Outline
1. Gate
2. Drain
3. Source
4. Drain
H7N0603DL
PRSS0004ZD-B
(Previous code: DPAK(L)-2)
1 2
3
4
PRSS0004ZD-C
(Previous code: DPAK-(S))
H7N0603DS
4
1 2
3
D
G
S
Absolute Maximum Ratings
(Ta = 25
°C)
Item
Symbol
Ratings
Unit
Drain to source voltage
VDSS
60
V
Gate to source voltage
VGSS
±20
V
Drain current
ID
30
A
Drain peak current
ID (pulse)
Note1
120
A
Body drain diode reverse drain current
IDR
30
A
Avalanche current
IAP
Note3
25
A
Avalanche energy
EAR
Note3
53.6
mJ
Channel dissipation
Pch
Note2
40
W
Channel temperature
Tch
150
°C
Storage temperature
Tstg
–55 to +150
°C
Notes: 1. PW
≤ 10 µs, duty cycle ≤ 1%
2. Tc = 25
°C
3. Tch = 25
°C, Rg ≥ 50Ω


Similar Part No. - H7N0603DS

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
H7N0603DL ISC-H7N0603DL Datasheet
317Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Renesas Technology Corp
H7N0603DL RENESAS-H7N0603DL_15 Datasheet
109Kb / 11P
   Silicon N Channel MOS FET High speed power Switching
More results

Similar Description - H7N0603DS

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
H7N0608LD RENESAS-H7N0608LD Datasheet
118Kb / 12P
   Silicon N Channel MOS FET High Speed Power Switching
H5N1503P RENESAS-H5N1503P Datasheet
81Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJK6015DPK RENESAS-RJK6015DPK Datasheet
107Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
H7N0310LD RENESAS-H7N0310LD Datasheet
131Kb / 14P
   Silicon N Channel MOS FET High Speed Power Switching
2SK2788 RENESAS-2SK2788_11 Datasheet
82Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJK5013DPE RENESAS-RJK5013DPE_15 Datasheet
89Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJL5014DPK RENESAS-RJL5014DPK_15 Datasheet
89Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
H5N5006DL RENESAS-H5N5006DL_15 Datasheet
113Kb / 10P
   Silicon N Channel MOS FET High Speed Power Switching
H7N1005LD RENESAS-H7N1005LD_15 Datasheet
145Kb / 11P
   Silicon N Channel MOS FET High Speed Power Switching
HAT2179R RENESAS-HAT2179R_15 Datasheet
126Kb / 9P
   Silicon N Channel MOS FET High Speed Power Switching
H7N1005DL RENESAS-H7N1005DL_15 Datasheet
139Kb / 11P
   Silicon N Channel MOS FET High Speed Power Switching
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com