Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BCR3AS-12B-T13 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # BCR3AS-12B-T13
Description  Triac Low Power Use
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

BCR3AS-12B-T13 Datasheet(HTML) 7 Page - Renesas Technology Corp

  BCR3AS-12B-T13 Datasheet HTML 1Page - Renesas Technology Corp BCR3AS-12B-T13 Datasheet HTML 2Page - Renesas Technology Corp BCR3AS-12B-T13 Datasheet HTML 3Page - Renesas Technology Corp BCR3AS-12B-T13 Datasheet HTML 4Page - Renesas Technology Corp BCR3AS-12B-T13 Datasheet HTML 5Page - Renesas Technology Corp BCR3AS-12B-T13 Datasheet HTML 6Page - Renesas Technology Corp BCR3AS-12B-T13 Datasheet HTML 7Page - Renesas Technology Corp BCR3AS-12B-T13 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
BCR3AS-12B (The product guaranteed maximum junction temperature of 150
°C)
REJ03G0450-0300
Rev.3.00
Nov 30, 2007
Page 7 of 7
Package Dimensions
SC-63
0.32g
MASS[Typ.]
PRSS0004ZA-A
RENESAS Code
JEITA Package Code
Previous Code
Unit: mm
0.5 ± 0.2
0.1 ± 0.1
0.5 ± 0.2
0.76
0.76 ± 0.2
2.3 ± 0.2
5.3 ± 0.2
6.6
2.3
Package Name
MP-3A
Order Code
Lead form
Standard packing
Quantity
Standard order code
Standard order
code example
Surface-mounted type
Taping
3000
Type name – T +Direction (1 or 2) +3
BCR3AS-12B-T13
Surface-mounted type
Plastic Magazine
(Tube)
75
Type name
BCR3AS-12B
Note : Please confirm the specification about the shipping in detail.


Similar Part No. - BCR3AS-12B-T13

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
BCR3AS-12B-T13 KERSEMI-BCR3AS-12B-T13 Datasheet
1Mb / 13P
   Planar Passivation Type
More results

Similar Description - BCR3AS-12B-T13

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
BCR3AS-12A RENESAS-BCR3AS-12A_15 Datasheet
131Kb / 9P
   Triac Low Power Use
BCR08AM-12 RENESAS-BCR08AM-12 Datasheet
134Kb / 7P
   Triac Low Power Use
BCR08AM-14A RENESAS-BCR08AM-14A Datasheet
116Kb / 7P
   Triac Low Power Use
BCR3PM-12L RENESAS-BCR3PM-12L Datasheet
121Kb / 7P
   Triac Low Power Use
BCR2PM-12 RENESAS-BCR2PM-12 Datasheet
120Kb / 7P
   Triac Low Power Use
BCR2PM-12RE RENESAS-BCR2PM-12RE Datasheet
81Kb / 7P
   Triac Low Power Use
BCR08AS-12 RENESAS-BCR08AS-12 Datasheet
146Kb / 8P
   Triac Low Power Use
BCR08AM-12A RENESAS-BCR08AM-12A Datasheet
114Kb / 7P
   Triac Low Power Use
BCR3KM-14L RENESAS-BCR3KM-14L Datasheet
140Kb / 8P
   Triac Low Power Use
BCR08AS-12A RENESAS-BCR08AS-12A_15 Datasheet
126Kb / 8P
   Triac Low Power Use
BCR3AM-14B RENESAS-BCR3AM-14B_15 Datasheet
144Kb / 10P
   Triac Low Power Use
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com