Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BCR3AS-12B Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # BCR3AS-12B
Description  Triac Low Power Use
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

BCR3AS-12B Datasheet(HTML) 1 Page - Renesas Technology Corp

  BCR3AS-12B Datasheet HTML 1Page - Renesas Technology Corp BCR3AS-12B Datasheet HTML 2Page - Renesas Technology Corp BCR3AS-12B Datasheet HTML 3Page - Renesas Technology Corp BCR3AS-12B Datasheet HTML 4Page - Renesas Technology Corp BCR3AS-12B Datasheet HTML 5Page - Renesas Technology Corp BCR3AS-12B Datasheet HTML 6Page - Renesas Technology Corp BCR3AS-12B Datasheet HTML 7Page - Renesas Technology Corp BCR3AS-12B Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
REJ03G0450-0300
Rev.3.00
Nov 30, 2007
Page 1 of 7
BCR3AS-12B
Triac
Low Power Use
(The product guaranteed maximum junction temperature of 150
°C)
REJ03G0450-0300
Rev.3.00
Nov 30, 2007
Features
• I
T(RMS) : 3 A
• V
DRM : 600 V
• I
FGT I, IRGT I, IRGT III : 15 mA
• Non-Insulated Type
• Planar Passivation Type
Outline
2, 4
1
3
1. T1 Terminal
2. T2 Terminal
3. Gate Terminal
4. T2 Terminal
1
3
2
4
RENESAS Package code: PRSS0004ZA-A
(Package name: MP-3A)
Applications
Hybrid IC, solid state relay, switching mode power supply, light dimmer, electric fan, electric blanket, control of
household equipment such as washing machine, and other general purpose control applications
Warning
1. Refer to the recommended circuit values around the triac before using.
2. Be sure to exchange the specification before using. Otherwise, general triacs with the maximum
junction temperature of 125°C will be supplied.
Maximum Ratings
Voltage class
Parameter
Symbol
12
Unit
Repetitive peak off-state voltage
Note1
VDRM
600
V
Non-repetitive peak off-state voltage
Note1
VDSM
720
V


Similar Part No. - BCR3AS-12B

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
BCR3AS-12B KERSEMI-BCR3AS-12B Datasheet
1Mb / 13P
   Planar Passivation Type
BCR3AS-12B-T13 KERSEMI-BCR3AS-12B-T13 Datasheet
1Mb / 13P
   Planar Passivation Type
logo
Renesas Technology Corp
BCR3AS-12B RENESAS-BCR3AS-12B_15 Datasheet
147Kb / 10P
   Triac Low Power Use(The product guaranteed maximum junction temperature of 150째C)
More results

Similar Description - BCR3AS-12B

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
BCR3AS-12A RENESAS-BCR3AS-12A_15 Datasheet
131Kb / 9P
   Triac Low Power Use
BCR08AM-12 RENESAS-BCR08AM-12 Datasheet
134Kb / 7P
   Triac Low Power Use
BCR08AM-14A RENESAS-BCR08AM-14A Datasheet
116Kb / 7P
   Triac Low Power Use
BCR3PM-12L RENESAS-BCR3PM-12L Datasheet
121Kb / 7P
   Triac Low Power Use
BCR2PM-12 RENESAS-BCR2PM-12 Datasheet
120Kb / 7P
   Triac Low Power Use
BCR2PM-12RE RENESAS-BCR2PM-12RE Datasheet
81Kb / 7P
   Triac Low Power Use
BCR08AS-12 RENESAS-BCR08AS-12 Datasheet
146Kb / 8P
   Triac Low Power Use
BCR08AM-12A RENESAS-BCR08AM-12A Datasheet
114Kb / 7P
   Triac Low Power Use
BCR3KM-14L RENESAS-BCR3KM-14L Datasheet
140Kb / 8P
   Triac Low Power Use
BCR08AS-12A RENESAS-BCR08AS-12A_15 Datasheet
126Kb / 8P
   Triac Low Power Use
BCR3AM-14B RENESAS-BCR3AM-14B_15 Datasheet
144Kb / 10P
   Triac Low Power Use
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com