Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BB501C Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # BB501C
Description  Built in Biasing Circuit MOS FET IC UHF RF Amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

BB501C Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button BB501C Datasheet HTML 2Page - Renesas Technology Corp BB501C Datasheet HTML 3Page - Renesas Technology Corp BB501C Datasheet HTML 4Page - Renesas Technology Corp BB501C Datasheet HTML 5Page - Renesas Technology Corp BB501C Datasheet HTML 6Page - Renesas Technology Corp BB501C Datasheet HTML 7Page - Renesas Technology Corp BB501C Datasheet HTML 8Page - Renesas Technology Corp BB501C Datasheet HTML 9Page - Renesas Technology Corp BB501C Datasheet HTML 10Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
BB501C
Rev.6.00 Aug 10, 2005 page 9 of 9
Package Dimensions
A
S
M
x
S
y
e
e2
b1
A
EHE
L
L1
Q
c
D
B
B
b
AA
b1
b3
c1
c
B-B Section
Pattern of terminal position areas
b4
l1
b5
l1
e1
e2
e
A3
LP
S
A
A2
A1
A
A1
A2
b
b1
c
c1
D
E
e
HE
L
LP
x
y
b4
e1
l1
Q
0.8
0
0.8
0.25
0.1
1.8
1.15
1.8
0.3
0.2
0.32
0.25
0.9
0.13
0.11
2.0
1.25
0.65
2.1
1.5
0.2
1.1
0.1
1.0
0.4
0.35
0.42
0.5
0.15
2.2
1.35
2.4
0.7
L1
0.1
0.5
0.6
0.05
0.05
0.45
0.9
Dimension in Millimeters
Reference
Symbol
Min
Nom
Max
A3
e2
0.6
b2
0.3
b3
0.4
b5
0.55
SC-82A
0.006g
MASS[Typ.]
CMPAK-4(T) / CMPAK-4(T)V
PTSP0004ZA-A
RENESAS Code
JEITA Package Code
Package Name
b
A-A Section
b2
c1
c
Ordering Information
Part Name
Quantity
Shipping Container
BB501CAS-TL-E
3000
φ 178 mm Reel, 8 mm Emboss Taping
Note:
For some grades, production may be terminated. Please contact the Renesas sales office to check the state of
production before ordering the product.


Similar Part No. - BB501C

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
BB501C HITACHI-BB501C Datasheet
71Kb / 13P
   Build in Biasing Circuit MOS FET IC UHF/VHF RF Amplifier
More results

Similar Description - BB501C

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
BB506M RENESAS-BB506M Datasheet
129Kb / 9P
   Built in Biasing Circuit MOS FET IC UHF RF Amplifier
BB506C RENESAS-BB506C Datasheet
111Kb / 9P
   Built in Biasing Circuit MOS FET IC UHF RF Amplifier
BB502M RENESAS-BB502M Datasheet
216Kb / 11P
   Built in Biasing Circuit MOS FET IC UHF RF Amplifier
BB506C RENESAS-BB506C_15 Datasheet
185Kb / 10P
   Built in Biasing Circuit MOS FET IC UHF RF Amplifier
BB503M RENESAS-BB503M Datasheet
300Kb / 11P
   Built in Biasing Circuit MOS FET IC UHF RF Amplifier
BB502M RENESAS-BB502M_11 Datasheet
138Kb / 11P
   Built in Biasing Circuit MOS FET IC UHF RF Amplifier
BB502C RENESAS-BB502C Datasheet
118Kb / 11P
   Built in Biasing Circuit MOS FET IC UHF RF Amplifier
BB502C RENESAS-BB502C_11 Datasheet
145Kb / 11P
   Built in Biasing Circuit MOS FET IC UHF RF Amplifier
BB101C RENESAS-BB101C Datasheet
273Kb / 8P
   Built in Biasing Circuit MOS FET IC UHF RF Amplifier
BB101M RENESAS-BB101M Datasheet
274Kb / 8P
   Built in Biasing Circuit MOS FET IC UHF RF Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com