Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HAT1054R-EL-E Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # HAT1054R-EL-E
Description  Silicon P Channel Power MOS FET High Speed Power Switching
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HAT1054R-EL-E Datasheet(HTML) 3 Page - Renesas Technology Corp

  HAT1054R-EL-E Datasheet HTML 1Page - Renesas Technology Corp HAT1054R-EL-E Datasheet HTML 2Page - Renesas Technology Corp HAT1054R-EL-E Datasheet HTML 3Page - Renesas Technology Corp HAT1054R-EL-E Datasheet HTML 4Page - Renesas Technology Corp HAT1054R-EL-E Datasheet HTML 5Page - Renesas Technology Corp HAT1054R-EL-E Datasheet HTML 6Page - Renesas Technology Corp HAT1054R-EL-E Datasheet HTML 7Page - Renesas Technology Corp HAT1054R-EL-E Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
HAT1054R
Rev.3.00 Sep 07, 2005 page 3 of 7
Main Characteristics
4.0
1.0
0
2.0
3.0
0
50
100
150
200
Ambient Temperature
Ta (°C)
Power vs. Temperature Derating
Test Condition:
When using the glass epoxy board
(FR4 40
× 40 × 1.6 mm), PW ≤ 10 s
Drain to Source Voltage VDS (V)
Maximum Safe Operation Area
–0.1
–100
–10
–1
–0.1
–0.01
–0.3
–1
–3
–10
–30
–100
–30
–3
–0.3
–0.03
Ta = 25°C
1 shot pulse
1 Drive Operation
–20
–16
–12
0
–4
–8
0
Drain to Source Voltage
VDS (V)
Typical Output Characteristics
–2 V
Pulse Test
–2.5 V
–2
–4
–6
–8
–10
–20
0
–4
–8
–12
–16
0
Gate to Source Voltage
VGS (V)
Typical Transfer Characteristics
–1
–2
–3
–4
–5
Tc = –25°C
75°C
25°C
VDS = –10 V
Pulse Test
Note 5:
When using the glass epoxy board
(FR4 40
× 40 × 1.6 mm)
–0.20
0
–0.04
–0.08
–0.12
–0.16
0
Gate to Source Voltage
VGS (V)
Drain to Source Saturation Voltage vs.
Gate to Source Voltage
–2
–4
–6
–8
–10
Pulse Test
ID = –5 A
–2 A
–1 A
Drain Current
ID (A)
Static Drain to Source on State Resistance
vs. Drain Current
1
0.2
0.5
0.1
0.02
0.05
0.01
–20
–0.2
–0.5
–1
–2
–5
–10
100
µs
1 ms
PW
=
10
ms
DC
Operation
(PW
≤ 10
s)
VGS = –1.5 V
–10 V
–5 V
10
µs
1 Drive
Ope
ration
–4.5 V
VGS = –2.5 V
Pulse Test
–4 V
Note
5
Operation in
this area is
limited by RDS (on)


Similar Part No. - HAT1054R-EL-E

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HAT1054R RENESAS-HAT1054R_15 Datasheet
115Kb / 10P
   Silicon P Channel Power MOS FET High Speed Power Switching
More results

Similar Description - HAT1054R-EL-E

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HAT1055R RENESAS-HAT1055R_15 Datasheet
136Kb / 12P
   Silicon P Channel Power MOS FET High Speed Power Switching
logo
Hitachi Semiconductor
HAT1029R HITACHI-HAT1029R Datasheet
53Kb / 10P
   Silicon P Channel Power MOS FET High Speed Power Switching
logo
Renesas Technology Corp
HAT1065R RENESAS-HAT1065R Datasheet
61Kb / 4P
   Silicon P Channel Power MOS FET High Speed Power Switching
HAT1020R RENESAS-HAT1020R_15 Datasheet
109Kb / 9P
   Silicon P Channel Power MOS FET High Speed Power Switching
logo
Hitachi Semiconductor
HAT1025R HITACHI-HAT1025R Datasheet
56Kb / 9P
   Silicon P Channel Power MOS FET High Speed Power Switching
HAT1033T HITACHI-HAT1033T Datasheet
53Kb / 9P
   Silicon P Channel Power MOS FET High Speed Power Switching
HAT1038R HITACHI-HAT1038R Datasheet
60Kb / 10P
   Silicon P Channel Power MOS FET High Speed Power Switching
logo
Renesas Technology Corp
HAT1047R RENESAS-HAT1047R Datasheet
116Kb / 10P
   Silicon P Channel Power MOS FET High Speed Power Switching
HAT1024R RENESAS-HAT1024R_15 Datasheet
115Kb / 10P
    Silicon P Channel Power MOS FET High Speed Power Switching
HAT1038R RENESAS-HAT1038R_15 Datasheet
248Kb / 10P
   Silicon P Channel Power MOS FET High Speed Power Switching
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com