Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BB301CAW-TL-E Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # BB301CAW-TL-E
Description  Built in Biasing Circuit MOS FET IC VHF RF Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

BB301CAW-TL-E Datasheet(HTML) 4 Page - Renesas Technology Corp

  BB301CAW-TL-E Datasheet HTML 1Page - Renesas Technology Corp BB301CAW-TL-E Datasheet HTML 2Page - Renesas Technology Corp BB301CAW-TL-E Datasheet HTML 3Page - Renesas Technology Corp BB301CAW-TL-E Datasheet HTML 4Page - Renesas Technology Corp BB301CAW-TL-E Datasheet HTML 5Page - Renesas Technology Corp BB301CAW-TL-E Datasheet HTML 6Page - Renesas Technology Corp BB301CAW-TL-E Datasheet HTML 7Page - Renesas Technology Corp BB301CAW-TL-E Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
BB301C
Rev.3.00 Aug 10, 2005 page 4 of 7
200
150
100
50
0
50
100
150
200
25
20
15
10
5
0
12
3
4
5
20
16
12
8
4
0
12
34
5
0
12
3
4
5
VG2S = 1 V
VDS = 5 V
RG = 82 kΩ
2 V
Ambient Temperature Ta (
°C)
Maximum Channel Power
Dissipation Curve
Drain to Source Voltage VDS (V)
Typical Output Characteristics
30
25
20
15
10
5
82
k
100
k Ω
120
k Ω
150
k Ω
180
k Ω
RG =
220
kΩ
Gate2 to Source Voltage VG2S (V)
Gate1 Voltage VG1 (V)
Drain Current vs. Gate1 Voltage
Drain Current vs.
Gate2 to Source Voltage
VDS = VG1 = 5 V
120 k Ω
100 k Ω
82 k Ω
68 k Ω
RG = 220 kΩ
150 k Ω
180 k
VG2S = 4 V
VG1 = VDS
20
16
12
8
4
0
12
3
4
5
20
16
12
8
4
0
1
234
5
VG2S = 1 V
2 V
VDS = 5 V
RG = 100 kΩ
VG2S = 1 V
VDS = 5 V
RG = 150 kΩ
2 V
4 V
3 V
Gate1 Voltage VG1 (V)
Drain Current vs. Gate1 Voltege
Gate1 Voltage VG1 (V)
Drain Current vs. Gate1 Voltege


Similar Part No. - BB301CAW-TL-E

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
BB301C HITACHI-BB301C Datasheet
46Kb / 10P
   Build in Biasing Circuit MOS FET IC UHF RF Amplifier
More results

Similar Description - BB301CAW-TL-E

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
BB304C RENESAS-BB304C Datasheet
217Kb / 10P
   Built in Biasing Circuit MOS FET IC VHF RF Amplifier
BB305C RENESAS-BB305C Datasheet
213Kb / 10P
   Built in Biasing Circuit MOS FET IC VHF RF Amplifier
BB301M RENESAS-BB301M Datasheet
181Kb / 8P
   Built in Biasing Circuit MOS FET IC VHF RF Amplifier
BB302M RENESAS-BB302M Datasheet
295Kb / 10P
   Built in Biasing Circuit MOS FET IC VHF RF Amplifier
BB304M RENESAS-BB304M Datasheet
301Kb / 10P
   Built in Biasing Circuit MOS FET IC VHF RF Amplifier
TBB1010 RENESAS-TBB1010_11 Datasheet
120Kb / 8P
   Twin Built in Biasing Circuit MOS FET IC VHF/VHF RF Amplifier
TBB1016 RENESAS-TBB1016_11 Datasheet
121Kb / 10P
   Twin Built in Biasing Circuit MOS FET IC VHF/VHF RF Amplifier
TBB1010 RENESAS-TBB1010_06 Datasheet
93Kb / 8P
   Twin Built in Biasing Circuit MOS FET IC VHF/VHF RF Amplifier
TBB1016 RENESAS-TBB1016 Datasheet
104Kb / 10P
   Twin Built in Biasing Circuit MOS FET IC VHF/VHF RF Amplifier
TBB1016 RENESAS-TBB1016_15 Datasheet
182Kb / 11P
   Twin Built in Biasing Circuit MOS FET IC VHF/VHF RF Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com