Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HAT2167N-EL-E Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # HAT2167N-EL-E
Description  Silicon N Channel Power MOS FET Power Switching
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HAT2167N-EL-E Datasheet(HTML) 1 Page - Renesas Technology Corp

  HAT2167N-EL-E Datasheet HTML 1Page - Renesas Technology Corp HAT2167N-EL-E Datasheet HTML 2Page - Renesas Technology Corp HAT2167N-EL-E Datasheet HTML 3Page - Renesas Technology Corp HAT2167N-EL-E Datasheet HTML 4Page - Renesas Technology Corp HAT2167N-EL-E Datasheet HTML 5Page - Renesas Technology Corp HAT2167N-EL-E Datasheet HTML 6Page - Renesas Technology Corp HAT2167N-EL-E Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
REJ03G1681-0200 Rev.2.00 May 27, 2008
Page 1 of 6
HAT2167N
Silicon N Channel Power MOS FET
Power Switching
REJ03G1681-0200
Rev.2.00
May 27, 2008
Features
• High speed switching
• Capable of 4.5 V gate drive
• Low drive current
• High density mounting
• Low on-resistance
RDS(on) = 4.5 m
Ω typ. (at V
GS = 10 V)
Outline
RENESAS Package code: PTSP0008DC-A
(Package name: LFPAK-i)
1, 2, 3
Source
4
Gate
5, 6, 7, 8 Drain
8(D)
7(D)
6(D)
5(D)
1(S)
2(S)
3(S)
4(G)
G
D
SSS
4
12 3
5
D
6
D
7
D
8
Absolute Maximum Ratings
(Ta = 25°C)
Item
Symbol
Ratings
Unit
Drain to source voltage
VDSS
30
V
Gate to source voltage
VGSS
±20
V
Drain current
ID
40
A
Drain peak current
ID(pulse)
Note1
160
A
Body-drain diode reverse drain current
IDR
40
A
Avalanche current
IAP
Note 2
20
A
Avalanche energy
EAR
Note 2
40
mJ
Channel dissipation
Pch
Note3
20
W
Channel to case thermal resistance
θch-C
6.25
°C/W
Channel temperature
Tch
150
°C
Storage temperature
Tstg
–55 to +150
°C
Notes: 1. PW
≤ 10 µs, duty cycle ≤ 1%
2. Value at Tch = 25°C, Rg
≥ 50 Ω
3. Tc = 25
°C


Similar Part No. - HAT2167N-EL-E

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HAT2167H RENESAS-HAT2167H Datasheet
98Kb / 8P
   Silicon N Channel Power MOS FET Power Switching
HAT2167H-EL-E RENESAS-HAT2167H-EL-E Datasheet
98Kb / 8P
   Silicon N Channel Power MOS FET Power Switching
More results

Similar Description - HAT2167N-EL-E

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HAT2299WP RENESAS-HAT2299WP Datasheet
108Kb / 7P
   Silicon N Channel Power MOS FET Power Switching
HAT2142H RENESAS-HAT2142H Datasheet
125Kb / 12P
   Silicon N Channel Power MOS FET Power Switching
HAT2171H RENESAS-HAT2171H_15 Datasheet
108Kb / 10P
   Silicon N Channel Power MOS FET Power Switching
HAT2183WP RENESAS-HAT2183WP_15 Datasheet
111Kb / 9P
   Silicon N Channel Power MOS FET Power Switching
HAT2184WP RENESAS-HAT2184WP_15 Datasheet
130Kb / 9P
   Silicon N Channel Power MOS FET Power Switching
HAT2169H RENESAS-HAT2169H_15 Datasheet
108Kb / 10P
   Silicon N Channel Power MOS FET Power Switching
HAT2096H RENESAS-HAT2096H_15 Datasheet
104Kb / 9P
   Silicon N Channel Power MOS FET Power Switching
HAT2193WP RENESAS-HAT2193WP_15 Datasheet
121Kb / 9P
   Silicon N Channel Power MOS FET Power Switching
HAT2201R RENESAS-HAT2201R_15 Datasheet
112Kb / 10P
   Silicon N Channel Power MOS FET Power Switching
HAT2201R RENESAS-HAT2201R_16 Datasheet
216Kb / 9P
   Silicon N Channel Power MOS FET Power Switching
RJK0211DPA RENESAS-RJK0211DPA Datasheet
71Kb / 4P
   Silicon N Channel Power MOS FET Power Switching
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com