Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HAT2132H Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # HAT2132H
Description  Silicon N Channel MOS FET High Speed Power Switching
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HAT2132H Datasheet(HTML) 4 Page - Renesas Technology Corp

  HAT2132H Datasheet HTML 1Page - Renesas Technology Corp HAT2132H Datasheet HTML 2Page - Renesas Technology Corp HAT2132H Datasheet HTML 3Page - Renesas Technology Corp HAT2132H Datasheet HTML 4Page - Renesas Technology Corp HAT2132H Datasheet HTML 5Page - Renesas Technology Corp HAT2132H Datasheet HTML 6Page - Renesas Technology Corp HAT2132H Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
HAT2132H
Rev.3.00 Dec 07, 2006 page 4 of 6
Case Temperature
Tc
(°C)
Static Drain to Source on State Resistance
vs. Temperature
Drain Current ID (A)
Forward Transfer Admittance vs.
Drain Current
2.5
–40
0
40
80
120
160
0
0.5
1.0
1.5
2.0
330
0.1
1
10
100
0.3
10
100
30
1
0.3
3
0.1
Drain to Source Voltage VDS (V)
Typical Capacitance vs.
Drain to Source Voltage
Drain Current
ID (A)
Switching Characteristics
020406080
100
5000
2000
1000
500
200
100
50
20
10
5
400
0
100
200
300
020
40
60
80
100
0
4
8
12
16
Gate Charge
Qg (nc)
Dynamic Input Characteristics
0.1
0.3
1
3
10
30
100
1000
500
50
200
100
20
10
Reverse Drain Current
IDR (A)
Body-Drain Diode Reverse
Recovery Time
100
300
10
3
0.1
0.2
2
10
1
0.5
5
1000
30
1
VGS = 10 V, VDD = 100 V
PW = 10
µs, duty ≤ 1 %
Rg = 10
ID = 8 A
5 A
2 A
VGS = 10 V
75°C
Pulse Test
VDS = 10 V
Pulse Test
di / dt = 100 A /
µs
VGS = 0, Ta = 25°C
Ciss
Coss
Crss
VGS = 0
f = 1 MHz
VGS
VDS
ID = 6 A
tf
tr
td(off)
td(on)
VDD = 50 V
100 V
160 V
VDD = 160 V
100 V
50 V
Tc = –25°C
25°C


Similar Part No. - HAT2132H

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HAT2132H RENESAS-HAT2132H_15 Datasheet
130Kb / 9P
   Silicon N Channel MOS FET High Speed Power Switching
More results

Similar Description - HAT2132H

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
H7N0608LD RENESAS-H7N0608LD Datasheet
118Kb / 12P
   Silicon N Channel MOS FET High Speed Power Switching
H5N1503P RENESAS-H5N1503P Datasheet
81Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJK6015DPK RENESAS-RJK6015DPK Datasheet
107Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
H7N0310LD RENESAS-H7N0310LD Datasheet
131Kb / 14P
   Silicon N Channel MOS FET High Speed Power Switching
2SK2788 RENESAS-2SK2788_11 Datasheet
82Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJK5013DPE RENESAS-RJK5013DPE_15 Datasheet
89Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJL5014DPK RENESAS-RJL5014DPK_15 Datasheet
89Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
H5N5006DL RENESAS-H5N5006DL_15 Datasheet
113Kb / 10P
   Silicon N Channel MOS FET High Speed Power Switching
H7N1005LD RENESAS-H7N1005LD_15 Datasheet
145Kb / 11P
   Silicon N Channel MOS FET High Speed Power Switching
HAT2179R RENESAS-HAT2179R_15 Datasheet
126Kb / 9P
   Silicon N Channel MOS FET High Speed Power Switching
H7N1005DL RENESAS-H7N1005DL_15 Datasheet
139Kb / 11P
   Silicon N Channel MOS FET High Speed Power Switching
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com