Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HAT2099H Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # HAT2099H
Description  Silicon N Channel Power MOS FET Power Switching
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HAT2099H Datasheet(HTML) 2 Page - Renesas Technology Corp

  HAT2099H Datasheet HTML 1Page - Renesas Technology Corp HAT2099H Datasheet HTML 2Page - Renesas Technology Corp HAT2099H Datasheet HTML 3Page - Renesas Technology Corp HAT2099H Datasheet HTML 4Page - Renesas Technology Corp HAT2099H Datasheet HTML 5Page - Renesas Technology Corp HAT2099H Datasheet HTML 6Page - Renesas Technology Corp HAT2099H Datasheet HTML 7Page - Renesas Technology Corp HAT2099H Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
HAT2099H
Rev.5.00 Sep 07, 2005 page 2 of 7
Absolute Maximum Ratings
(Ta = 25
°C)
Item
Symbol
Value
Unit
Drain to source voltage
VDSS
30
V
Gate to source voltage
VGSS
±20
V
Drain current
ID
50
A
Drain peak current
ID (pulse)
Note 1
200
A
Body-drain diode reverse drain current
IDR
50
A
Avalanche current
IAP
Note 3
5
A
Avalanche energy
EAR
Note 3
2.5
mJ
Channel dissipation
Pch
Note 2
30
W
Channel temperature
Tch
150
°C
Storage temperature
Tstg
–55 to +150
°C
Notes: 1. PW
≤ 10 µs, duty cycle ≤ 1%
2. Tc = 25
°C
3. Value at Tch = 25
°C, Rg ≥ 50 Ω
Electrical Characteristics
(Ta = 25
°C)
Item
Symbol
Min
Typ
Max
Unit
Test Conditions
Drain to source breakdown voltage
V (BR) DSS
30
V
ID = 10 mA, VGS = 0
Gate to source breakdown voltage
V (BR) GSS
±20
V
IG =
±100 µA, VDS = 0
Gate to source leak current
IGSS
±10
µA
VGS =
±16 V, VDS = 0
Zero gate voltage drain current
IDSS
1
µA
VDS = 30 V, VGS = 0
Gate to source cutoff voltage
VGS (off)
1.0
2.5
V
VDS = 10 V, ID = 1 mA
RDS (on)
2.9
3.7
m
ID = 25 A, VGS = 10 V
Note 4
Static drain to source on state resistance
RDS (on)
5.0
7.3
m
ID = 25 A, VGS = 4.5 V
Note 4
Forward transfer admittance
|yfs|
39
65
S
ID = 25 A, VDS = 10 V
Note 4
Input capacitance
Ciss
4750
pF
Output capacitance
Coss
1180
pF
Reverse transfer capacitance
Crss
650
pF
VDS = 10 V
VGS = 0
f = 1 MHz
Total gate charge
Qg
75
nC
Gate to source charge
Qgs
16
nC
Gate to drain charge
Qgd
14
nC
VDD = 10 V
VGS = 10 V
ID = 50 A
Turn-on delay time
td (on)
26
ns
Rise time
tr
60
ns
Turn-off delay time
td (off)
85
ns
Fall time
tf
26
ns
VGS = 10 V, ID = 25 A
VDD
≅ 10 V
RL = 0.4
Rg = 4.7
Body-drain diode forward voltage
VDF
0.85
0.98
V
IF = 50 A, VGS = 0
Note 4
Body-drain diode reverse recovery time
trr
60
ns
IF = 50 A, VGS = 0
diF/dt = 50 A/
µs
Note:
4. Pulse test


Similar Part No. - HAT2099H

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HAT2099H RENESAS-HAT2099H Datasheet
125Kb / 12P
   Silicon N Channel Power MOS FET Power Switching
HAT2099H RENESAS-HAT2099H_15 Datasheet
109Kb / 10P
   Silicon N Channel Power MOS FET Power Switching
More results

Similar Description - HAT2099H

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HAT2299WP RENESAS-HAT2299WP Datasheet
108Kb / 7P
   Silicon N Channel Power MOS FET Power Switching
HAT2142H RENESAS-HAT2142H Datasheet
125Kb / 12P
   Silicon N Channel Power MOS FET Power Switching
HAT2171H RENESAS-HAT2171H_15 Datasheet
108Kb / 10P
   Silicon N Channel Power MOS FET Power Switching
HAT2183WP RENESAS-HAT2183WP_15 Datasheet
111Kb / 9P
   Silicon N Channel Power MOS FET Power Switching
HAT2184WP RENESAS-HAT2184WP_15 Datasheet
130Kb / 9P
   Silicon N Channel Power MOS FET Power Switching
HAT2169H RENESAS-HAT2169H_15 Datasheet
108Kb / 10P
   Silicon N Channel Power MOS FET Power Switching
HAT2096H RENESAS-HAT2096H_15 Datasheet
104Kb / 9P
   Silicon N Channel Power MOS FET Power Switching
HAT2193WP RENESAS-HAT2193WP_15 Datasheet
121Kb / 9P
   Silicon N Channel Power MOS FET Power Switching
HAT2201R RENESAS-HAT2201R_15 Datasheet
112Kb / 10P
   Silicon N Channel Power MOS FET Power Switching
HAT2201R RENESAS-HAT2201R_16 Datasheet
216Kb / 9P
   Silicon N Channel Power MOS FET Power Switching
RJK0211DPA RENESAS-RJK0211DPA Datasheet
71Kb / 4P
   Silicon N Channel Power MOS FET Power Switching
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com