Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BCR5AM-12LB-A8 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # BCR5AM-12LB-A8
Description  Triac Medium Power Use (The product guaranteed maximum junction temperature of 150째C)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

BCR5AM-12LB-A8 Datasheet(HTML) 7 Page - Renesas Technology Corp

  BCR5AM-12LB-A8 Datasheet HTML 1Page - Renesas Technology Corp BCR5AM-12LB-A8 Datasheet HTML 2Page - Renesas Technology Corp BCR5AM-12LB-A8 Datasheet HTML 3Page - Renesas Technology Corp BCR5AM-12LB-A8 Datasheet HTML 4Page - Renesas Technology Corp BCR5AM-12LB-A8 Datasheet HTML 5Page - Renesas Technology Corp BCR5AM-12LB-A8 Datasheet HTML 6Page - Renesas Technology Corp BCR5AM-12LB-A8 Datasheet HTML 7Page - Renesas Technology Corp BCR5AM-12LB-A8 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
BCR5AM-12LB (The product guaranteed maximum junction temperature of 150
°C)
REJ03G0452-0300
Rev.3.00
Nov 30, 2007
Page 7 of 7
Package Dimensions
SC-46
2.0g
MASS[Typ.]
PRSS0004AA-A
RENESAS Code
JEITA Package Code
Previous Code
Unit: mm
10.5Max
4.5
1.3
2.54
2.54
0.8
1.0
φ3.6
2.6
0.5
Package Name
TO-220
Order Code
Lead form
Standard packing
Quantity
Standard order code
Standard order
code example
Straight type
Vinyl sack
100
Type name
BCR5AM-12LB
Lead form
Plastic Magazine (Tube)
50
Type name – Lead forming code
BCR5AM-12LB-A8
Note : Please confirm the specification about the shipping in detail.


Similar Part No. - BCR5AM-12LB-A8

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
BCR5AM-12L POWEREX-BCR5AM-12L Datasheet
80Kb / 6P
   Triac 5 Amperes/400-600 Volts
logo
Renesas Technology Corp
BCR5AM-12LA RENESAS-BCR5AM-12LA Datasheet
122Kb / 7P
   Triac Medium Power Use
BCR5AM-12LA-A8 RENESAS-BCR5AM-12LA-A8 Datasheet
122Kb / 7P
   Triac Medium Power Use
More results

Similar Description - BCR5AM-12LB-A8

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
BCR20AM-12LB RENESAS-BCR20AM-12LB Datasheet
118Kb / 8P
   Triac Medium Power Use (The product guaranteed maximum junction temperature of 150째C)
BCR16CM-12LB RENESAS-BCR16CM-12LB Datasheet
126Kb / 8P
   Triac Medium Power Use (The product guaranteed maximum junction temperature of 150째C)
BCR10CS-12LA RENESAS-BCR10CS-12LA Datasheet
113Kb / 7P
   Triac Medium Power Use (The product guaranteed maximum junction temperature of 150째C)
BCR5AS-12B RENESAS-BCR5AS-12B Datasheet
132Kb / 8P
   Triac Medium Power Use (The product guaranteed maximum junction temperature of 150째C)
BCR8CS-12LB RENESAS-BCR8CS-12LB Datasheet
126Kb / 8P
   Triac Medium Power Use (The product guaranteed maximum junction temperature of 150째C)
BCR12CM-12LB RENESAS-BCR12CM-12LB Datasheet
125Kb / 8P
   Triac Medium Power Use (The product guaranteed maximum junction temperature of 150째C)
BCR5PM-12L RENESAS-BCR5PM-12L Datasheet
138Kb / 8P
   Triac Medium Power Use (The product guaranteed maximum junction temperature of 150째C)
BCR10CS-12LB RENESAS-BCR10CS-12LB Datasheet
125Kb / 8P
   Triac Medium Power Use (The product guaranteed maximum junction temperature of 150째C)
BCR10PM-12LD RENESAS-BCR10PM-12LD Datasheet
127Kb / 8P
   Triac Medium Power Use (The product guaranteed maximum junction temperature of 150째C)
BCR12CS-12LB RENESAS-BCR12CS-12LB Datasheet
125Kb / 8P
   Triac Medium Power Use (The product guaranteed maximum junction temperature of 150째C)
BCR30AM-12LB RENESAS-BCR30AM-12LB Datasheet
118Kb / 8P
   Triac Medium Power Use (The product guaranteed maximum junction temperature of 150째C)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com