Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HAT2033R Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # HAT2033R
Description  Silicon N Channel Power MOS FET High Speed Power Switching
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HAT2033R Datasheet(HTML) 4 Page - Renesas Technology Corp

  HAT2033R Datasheet HTML 1Page - Renesas Technology Corp HAT2033R Datasheet HTML 2Page - Renesas Technology Corp HAT2033R Datasheet HTML 3Page - Renesas Technology Corp HAT2033R Datasheet HTML 4Page - Renesas Technology Corp HAT2033R Datasheet HTML 5Page - Renesas Technology Corp HAT2033R Datasheet HTML 6Page - Renesas Technology Corp HAT2033R Datasheet HTML 7Page - Renesas Technology Corp HAT2033R Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
HAT2033R, HAT2033RJ
Rev.4.00 Sep 07, 2005 page 4 of 7
Case Temperature
Tc
(°C)
Static Drain to Source on State Resistance
vs. Temperature
Drain Current ID (A)
Forward Transfer Admittance vs.
Drain Current
0.10
0.08
0.02
0.04
0.06
–40
0
40
80
120
160
0
1, 2, 5 A
10 V
VGS = 4 V
0.1
0.3
1
3
10
30
100
50
20
5
10
2
0.5
1
Pulse Test
Reverse Drain Current IDR (A)
Body-Drain Diode Reverse
Recovery Time
Drain to Source Voltage VDS (V)
Typical Capacitance vs.
Drain to Source Voltage
Gate Charge
Qg (nc)
Dynamic Input Characteristics
0.1
0.3
1
3
10
30
100
1000
500
200
50
100
20
10
010
20
30
40
50
5000
2000
1000
500
200
50
20
100
10
100
0
20
40
60
80
0
20
8
1624
3240
0
4
8
12
16
VGS
VDS
ID = 7 A
VDD = 50 V
25 V
10 V
VDD = 50 V
25 V
10 V
di / dt = 50 A /
µs
VGS = 0, Ta = 25°C
5 A
Drain Current
ID (A)
Switching Characteristics
100
300
10
3
0.1
0.3
30
10
3
100
1
1000
30
1
tr
td(on)
td(off)
tf
ID = 1, 2 A
25°C
Tc = –25°C
75°C
VDS = 10 V
Pulse Test
Ciss
Coss
Crss
VGS = 0
f = 1 MHz
VGS = 4 V, VDD = 30 V
PW = 3
µs, duty ≤ 1 %


Similar Part No. - HAT2033R

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HAT2033R HITACHI-HAT2033R Datasheet
56Kb / 10P
   Silicon N Channel Power MOS FET High Speed Power Switching
logo
SHENZHEN DOINGTER SEMIC...
HAT2033R DOINGTER-HAT2033R Datasheet
1Mb / 5P
   N-Channel MOSFET uses advanced trench technology
logo
Hitachi Semiconductor
HAT2033RJ HITACHI-HAT2033RJ Datasheet
56Kb / 10P
   Silicon N Channel Power MOS FET High Speed Power Switching
logo
Renesas Technology Corp
HAT2033R RENESAS-HAT2033R_15 Datasheet
116Kb / 10P
   Silicon N Channel Power MOS FET High Speed Power Switching
More results

Similar Description - HAT2033R

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HAT2026R RENESAS-HAT2026R_15 Datasheet
108Kb / 9P
   Silicon N Channel Power MOS FET High Speed Power Switching
HAT2058R RENESAS-HAT2058R_15 Datasheet
249Kb / 10P
   Silicon N Channel Power MOS FET High Speed Power Switching
RJK0631JPE RENESAS-RJK0631JPE Datasheet
126Kb / 7P
   Silicon N Channel Power MOS FET High Speed Power Switching
HAT2058R RENESAS-HAT2058R Datasheet
86Kb / 10P
   Silicon N Channel Power MOS FET High Speed Power Switching
logo
Hitachi Semiconductor
HAT2025R HITACHI-HAT2025R Datasheet
51Kb / 9P
   Silicon N Channel Power MOS FET High Speed Power Switching
HAT2033R HITACHI-HAT2033R Datasheet
56Kb / 10P
   Silicon N Channel Power MOS FET High Speed Power Switching
HAT2049T HITACHI-HAT2049T Datasheet
52Kb / 9P
   Silicon N Channel Power MOS FET High Speed Power Switching
HAT2050T HITACHI-HAT2050T Datasheet
57Kb / 9P
   Silicon N Channel Power MOS FET High Speed Power Switching
logo
Renesas Technology Corp
RJK0631JPD RENESAS-RJK0631JPD_13 Datasheet
99Kb / 7P
   Silicon N Channel Power MOS FET High Speed Power Switching
RJK0631JPE RENESAS-RJK0631JPE_13 Datasheet
101Kb / 7P
   Silicon N Channel Power MOS FET High Speed Power Switching
HAT2092R RENESAS-HAT2092R Datasheet
80Kb / 8P
   Silicon N Channel Power MOS FET High Speed Power Switching
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com