Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HA16108FP Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # HA16108FP
Description  PWM Switching Regulator for High-performance Voltage Mode Control
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HA16108FP Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button HA16108FP Datasheet HTML 3Page - Renesas Technology Corp HA16108FP Datasheet HTML 4Page - Renesas Technology Corp HA16108FP Datasheet HTML 5Page - Renesas Technology Corp HA16108FP Datasheet HTML 6Page - Renesas Technology Corp HA16108FP Datasheet HTML 7Page - Renesas Technology Corp HA16108FP Datasheet HTML 8Page - Renesas Technology Corp HA16108FP Datasheet HTML 9Page - Renesas Technology Corp HA16108FP Datasheet HTML 10Page - Renesas Technology Corp HA16108FP Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 40 page
background image
HA16107P/FP, HA16108P/FP
Rev.4.00 Jun 15, 2005 page 7 of 39
3. Programming of Maximum ON-Duty (Du Max)
The preceding equations should be used to program the deadband or maximum ON-duty. The following table gives
a summary.
Condition
RT1 > RT2
RT1 = RT2
RT1 < RT2
Triangle
waveform
Du max
Less than 50%
50%
Greater than 50%*
Note:
In a primary-control switching regulator, Du Max > 50% is dangerous because the transformer will saturate.
Soft Start and Quick Shutdown
One purpose of the soft-start function is to protect the switching controller and power MOS FET from surges at power-
up. Another purpose is to let the secondary-side DC voltage rise smoothly.
When power goes off, the quick-shutdown function rapidly discharges the capacitor in the soft-start circuit (and at the
same time switches the PWM output off) to prepare for the next power-on.
The soft-start function in these ICs lets the PWM output develop smoothly from zero to the designated pulse width at
power-up. The soft-start voltage is the 3.8 V voltage value of an internal Zener diode, so the PWM output is able to
start widening gradually as soon as the soft-start function starts operating. The soft-start function will start promptly
even if CST is large.
The soft-start and quick-shutdown modes are selected automatically in the IC, under control of the UVL signal.


Similar Part No. - HA16108FP

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HA16108FP HITACHI-HA16108FP Datasheet
170Kb / 38P
   PWM Switching Regulator for High-performance Voltage Mode Control
HA16108FP HITACHI-HA16108FP Datasheet
361Kb / 16P
   600kHz PWM Switching Regulator Controller
More results

Similar Description - HA16108FP

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HA16107P HITACHI-HA16107P Datasheet
170Kb / 38P
   PWM Switching Regulator for High-performance Voltage Mode Control
logo
List of Unclassifed Man...
THX208 ETC2-THX208 Datasheet
804Kb / 22P
   High-performance current - mode PWM regulator
logo
Allegro MicroSystems
STR-A60XXM ALLEGRO-STR-A60XXM Datasheet
403Kb / 14P
   Current Mode Control PWM Regulator IC For Switching Power Supplies
logo
Sanken electric
STR2W152D SANKEN-STR2W152D Datasheet
188Kb / 9P
   Current Mode Control PWM Regulator ICs For Switching Power Supplies
STR2W152D SANKEN-STR2W152D Datasheet
188Kb / 9P
   Current Mode Control PWM Regulator ICs For Switching Power Supplies
logo
Seiko Instruments Inc
S-8333CAAA-I8T1U SII-S-8333CAAA-I8T1U Datasheet
2Mb / 44P
   PWM CONTROL SWITCHING REGULATOR CONTROLLER
logo
Semtech Corporation
SC4905A SEMTECH-SC4905A_06 Datasheet
365Kb / 24P
   High Performance Voltage Mode PWM Controller
SC4905A SEMTECH-SC4905A Datasheet
344Kb / 20P
   HIGH PERFORMANCE VOLTAGE MODE PWM CONTROLLER
SC4905A SEMTECH-SC4905A_16 Datasheet
369Kb / 24P
   High Performance Voltage Mode PWM Controller
logo
New Japan Radio
NJM2378 NJRC-NJM2378 Datasheet
294Kb / 8P
   PWM SWITCHING REGULATOR CONTROL IC FOR SLAVE TYPE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com