Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HA1631S01LP Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # HA1631S01LP
Description  Single CMOS Comparator (Push Pull/Open Drain Output)
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HA1631S01LP Datasheet(HTML) 1 Page - Renesas Technology Corp

  HA1631S01LP Datasheet HTML 1Page - Renesas Technology Corp HA1631S01LP Datasheet HTML 2Page - Renesas Technology Corp HA1631S01LP Datasheet HTML 3Page - Renesas Technology Corp HA1631S01LP Datasheet HTML 4Page - Renesas Technology Corp HA1631S01LP Datasheet HTML 5Page - Renesas Technology Corp HA1631S01LP Datasheet HTML 6Page - Renesas Technology Corp HA1631S01LP Datasheet HTML 7Page - Renesas Technology Corp HA1631S01LP Datasheet HTML 8Page - Renesas Technology Corp HA1631S01LP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
Rev.2.00 Mar 10, 2006 page 1 of 22
HA1631S01/02/03/04 Series
Single CMOS Comparator (Push Pull/Open Drain Output)
REJ03D0056-0200
Rev.2.00
Mar 10, 2006
Description
The HA1631S01/02/03/04 are low power single CMOS Comparator featuring low voltage operation with typical current
supply of 5
µA/50 µA. They are designed to operate from a single power supply. HA1631S01/02 have push-pull full
swing outputs that allow direct connections to logic devices. The Open Drain version HA1631S03/04 enable Output
Level shifting through external pull up resistors. Available in an ultra-small CMPAK-5 package, they occupy only 1/8
the area of the SOP-8 package.
Features
• Low supply current
HA1631S01/03
: IDDtyp = 5
µA (V
DD = 3.0 V)
HA1631S02/04
: IDDtyp = 50
µA (V
DD = 3.0 V)
• Low voltage operation
: VDD = 1.8 to 5.5 V
• Low input offset voltage : V
IOmax = 5 mV
• Low input bias current
: IIBtyp = 1 pA
• Maximum output voltage : V
OHmin = 2.9 V (at VDD = 3.0 V)
• Input common voltage range includes ground
• On-chip ESD protection
• Available in CMPAK-5 and MPAK-5 package using Pb free lead frame
Ordering Information
Type No.
Package Name
Package Code
HA1631S01CM
HA1631S02CM
HA1631S03CM
HA1631S04CM
CMPAK-5
PTSP0005ZC-A
HA1631S01LP
HA1631S02LP
HA1631S03LP
HA1631S04LP
MPAK-5
PLSP0005ZB-A


Similar Part No. - HA1631S01LP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HA1631S01LP RENESAS-HA1631S01LP Datasheet
272Kb / 23P
   Single CMOS Comparator (Push Pull/Open Drain Output)
More results

Similar Description - HA1631S01LP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HA1631S01 RENESAS-HA1631S01 Datasheet
272Kb / 23P
   Single CMOS Comparator (Push Pull/Open Drain Output)
HA1631S01020304 RENESAS-HA1631S01020304_15 Datasheet
509Kb / 24P
   Single CMOS Comparator (Push Pull/Open Drain Output)
HA1631D01 RENESAS-HA1631D01_15 Datasheet
644Kb / 29P
   Dual CMOS Comparator (Push Pull/Open Drain Output)
HA1631D01 RENESAS-HA1631D01 Datasheet
627Kb / 27P
   Dual CMOS Comparator (Push Pull/Open Drain Output)
logo
Texas Instruments
LMV7235 TI1-LMV7235 Datasheet
1Mb / 30P
[Old version datasheet]   Open-Drain and Push-Pull Output
logo
AiT Semiconductor Inc.
AO331 AITSEMI-AO331 Datasheet
1Mb / 11P
   OPEN-DRAIN OUTPUT LOW POWER CMOS SINGLE COMPARATOR
REV1.0
logo
SG Micro Corp
SGM8704 SGMICRO-SGM8704 Datasheet
368Kb / 17P
   Push-Pull Output Comparator
SGM8705 SGMICRO-SGM8705 Datasheet
334Kb / 15P
   Push-Pull Output Comparator
SGM8702 SGMICRO-SGM8702 Datasheet
349Kb / 14P
   Open Drain Output Comparator
logo
Unisonic Technologies
ULC3491 UTC-ULC3491 Datasheet
121Kb / 5P
   1.8V, NANOPOWER, CMOS INPUT, PUSH-PULL OUTPUT COMPARATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com