Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HA16103FPK Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # HA16103FPK
Description  Watchdog Timer
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HA16103FPK Datasheet(HTML) 2 Page - Renesas Technology Corp

  HA16103FPK Datasheet HTML 1Page - Renesas Technology Corp HA16103FPK Datasheet HTML 2Page - Renesas Technology Corp HA16103FPK Datasheet HTML 3Page - Renesas Technology Corp HA16103FPK Datasheet HTML 4Page - Renesas Technology Corp HA16103FPK Datasheet HTML 5Page - Renesas Technology Corp HA16103FPK Datasheet HTML 6Page - Renesas Technology Corp HA16103FPK Datasheet HTML 7Page - Renesas Technology Corp HA16103FPK Datasheet HTML 8Page - Renesas Technology Corp HA16103FPK Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
HA16103FPJ/FPK
Rev.3.00 Jun 15, 2005 page 2 of 18
Pin Arrangement
P-RUN
GND
NC
NC
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
NC
(Top view)
Rf
Cf
R
CR
R
VOadj
VOUT
STBY
V
RES
NMI
C
V
V
NC
STBYadj
VNMIadj
RES
CONT
CC
Pin Functions
No.
Pin Name
Description
1
NC
NC pin
2
P-RUN
P-RUN signal input pin for watchdog timer
3
Rf
Connect resistor Rf. Frequency bandwidth of the filter circuit depends on Rf
4
Cf
Connect resistor Cf. Frequency bandwidth of the filter circuit depends on Cf
5
RR
Connect resistor RR. Reset-signal power-on time depends on RR
6
CR
Connect resistor CR. Reset-signal power-on time depends on CR
7
GND
Ground
8
Voadj
5-V reference voltage fine-tuning pin. Connect a resistor between this pin and GND.
The value of output voltage is given by
VOUT = {1 + 5.34/(R1 // 2.0)}
× Voadj Unit for R1: kΩ
9
VOUT
Connect the collector of an external PNP-type transistor. The pin supplies 5-V
regulated voltage for internal circuit
10
NC
NC pin
11
NC
NC pin
12
VCONT
The external PNP-type transistor’s base control pin
13
VCC
Supply voltage pin. Operating supply voltage range is 6.0 to 40 V.
14
CRES
If the voltage of VOUT pin declines to less than Detection voltage(1) (because of an
instant power cut or other cause),
NMI signals are generated.
If tRES ≈ 0.5•Rf•CRES(sec) has passed since then, RES signals are generated.
If the voltage of VOUT pin inclines to more than Detection voltage(1) (in case of re-
start from LVI state),
NMI signals are stop. tr ≈ 0.5•Rf•CRES(sec) has passed since
then,
RES signals are stop. Connect capacitor CRES between this pin and GND to
adjust the
RES signals delay time(tRES, tr). If delay time is unnecessary, make this pin
open (tRES = 2
µs typ. tr = 10 µs typ. at open)
15
VNMIadj
NMI detection voltage fine-tuning pin. Connect a resistor between this pin and VOUT
pin or GND. The value of output voltage is given by
VNMI = {1 + (R2 // 25.5)/(R3 // 10.6)}
× VNMIadj. Unit for R2, R3: kΩ
16
NMI
NMI signal output pin. Connect to pin NMI of the microcomputer
17
RES
RES signal output pin. Connect to pin RES of the microcomputer
18
VSTBYadj
STBY detection voltage tuning pin. Connect a resistor between this pin and VOUT or
GND. The value of output voltage is given by
VSTBY = 1.89
× {1 + 21/(7.9 + 8.85 // R4)} × VSTBYadj Unit for R4: kΩ
19
STBY
STBY signal output pin. Connect to pin STBY of the microcomputer
20
NC
NC pin


Similar Part No. - HA16103FPK

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HA16103FPK HITACHI-HA16103FPK Datasheet
106Kb / 21P
   Watchdog Timer
More results

Similar Description - HA16103FPK

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HA16103 HITACHI-HA16103 Datasheet
106Kb / 21P
   Watchdog Timer
logo
Axiomtek Co., Ltd.
EBOX630-850-FL AXIOMTEK-EBOX630-850-FL Datasheet
350Kb / 1P
   Watchdog Timer
logo
Toshiba Semiconductor
TA8030F TOSHIBA-TA8030F Datasheet
292Kb / 9P
   WATCHDOG TIMER
TA8030S TOSHIBA-TA8030S Datasheet
267Kb / 9P
   WATCHDOG TIMER
logo
Renesas Technology Corp
M5295AL RENESAS-M5295AL Datasheet
165Kb / 13P
   Watchdog Timer
logo
Hitachi Semiconductor
HA1835P HITACHI-HA1835P Datasheet
59Kb / 13P
   Watchdog Timer
logo
Mitsubishi Electric Sem...
M5295AL MITSUBISHI-M5295AL Datasheet
116Kb / 8P
   WATCHDOG TIMER
logo
Axiomtek Co., Ltd.
EBOX622-831-FL AXIOMTEK-EBOX622-831-FL Datasheet
327Kb / 1P
   Watchdog Timer
logo
Hitachi Metals, Ltd
HA16117F HITACHI-METALS-HA16117F Datasheet
250Kb / 31P
   CMOS Watchdog Timer
logo
Renesas Technology Corp
HA16117F RENESAS-HA16117F Datasheet
551Kb / 31P
   CMOS Watchdog Timer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com