Electronic Components Datasheet Search |
|
HA12222F Datasheet(PDF) 1 Page - Renesas Technology Corp |
|
HA12222F Datasheet(HTML) 1 Page - Renesas Technology Corp |
1 / 53 page Rev.6.00 Jun 15, 2005 page 1 of 52 HA12216F/HA12221F Series Audio Signal Processor for Car Deck (Decode only Dolby B type NR with PB Amp.) REJ03F0132-0600 (Previous: ADE-207-254E) Rev.6.00 Jun 15, 2005 Description HA12216F/HA12221F series are silicon monolithic bipolar IC providing Dolby B type noise reduction, music sensor, PB equalizer system in one chip. Notes: 1. Dolby is a trademark of Dolby Laboratories Licensing Corporation. A license from Dolby Laboratories Licensing Corporation is required for the use of this IC. 2. HA12221F series does not include Dolby B NR. Functions • PB equalizer × 2 channel • Music sensor × 1 channel • Dolby B NR (Only HA12216F series) × 2 channel • Line mute (Tape radio) SW × 2 channel Features • Different type of PB equalizer characteristics selection (120 µs/70 µs) is available with fully electronic control switching built-in. • Changeable to Forward, Reverse-mode for PB head with fully electronic control switching built-in. • Available to change music sensing level by external resistor. • Available to change response of music sensor by external capacitor. • Music sensing level, built-in switch to change a band (MSGV). • NR ON/OFF fully electronic control switching built-in. (Only HA12216F series) • Line mute (Tape radio) control switching built-in. • Available to connect direct with MPU. • These ICs are strong for a cellular phone noise. (18 dB improvement from HA12163) |
Similar Part No. - HA12222F |
|
Similar Description - HA12222F |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |