Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HA12229F Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # HA12229F
Description  Audio Signal Processor for Car Deck (Decode only Dolby B-type NR* with PB Amp.)
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HA12229F Datasheet(HTML) 4 Page - Renesas Technology Corp

  HA12229F Datasheet HTML 1Page - Renesas Technology Corp HA12229F Datasheet HTML 2Page - Renesas Technology Corp HA12229F Datasheet HTML 3Page - Renesas Technology Corp HA12229F Datasheet HTML 4Page - Renesas Technology Corp HA12229F Datasheet HTML 5Page - Renesas Technology Corp HA12229F Datasheet HTML 6Page - Renesas Technology Corp HA12229F Datasheet HTML 7Page - Renesas Technology Corp HA12229F Datasheet HTML 8Page - Renesas Technology Corp HA12229F Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 49 page
background image
HA12228F/HA12229F
Rev.2.00 Jun 15, 2005 page 4 of 48
Pin Description, Equivalent Circuit (cont.)
(VCC = 9 V single supply, Ta = 25
°C, No Signal, The value in the table shows typical value.)
Pin No.
Terminal Name
Note
Equivalent Circuit
Description
30
M-OUT(R)
1
M-OUT(L)
V = VCC/2
V
VCC
GND
Equalizer output for
time constant
37
FIN(R)
39
FIN(L)
Equalizer input
(FORWARD)
35
RIN(R)
33
RIN(L)
Equalizer input
(REVERSE)
20
MUTE ON/OFF
21 *
1
NR ON/OFF
19
120/70
17
F/R
18
S/R(MS GV)
22 k
GND
100 k
Mode control input
16
MSOUT
I
100 k
200
VCC
GND
MS output (to MPU) *
2
10
MS Gv(S)
11
MS Gv(R)
V = VCC/2
V
90 k
MS gain terminal *
2
31
NFI(R)
40
NFI(L)
V = VCC/2
V
to Vref
VCC
Equalizer output for
time constant
Notes: 1. Non connection regarding HA12229F.
2. MS: Music Sensor


Similar Part No. - HA12229F

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HA12229F HITACHI-HA12229F Datasheet
304Kb / 51P
   Audio Signal Processor for Car Deck(Decode only Dolby B-type NR with PB Amp.)
More results

Similar Description - HA12229F

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HA12216F HITACHI-HA12216F Datasheet
343Kb / 53P
   Audio Signal Processor for Car Deck(Decode only Dolby B type NR with PB Amp.)
HA12192F HITACHI-HA12192F Datasheet
517Kb / 89P
   Audio Signal Processor for Car Deck(Decode only Dolby B-type NR with PB Amp.)
HA12228F HITACHI-HA12228F Datasheet
304Kb / 51P
   Audio Signal Processor for Car Deck(Decode only Dolby B-type NR with PB Amp.)
logo
Renesas Technology Corp
HA12216F RENESAS-HA12216F Datasheet
549Kb / 53P
   Audio Signal Processor for Car Deck (Decode only Dolby B type NR with PB Amp.)
logo
Hitachi Semiconductor
HA12163 HITACHI-HA12163 Datasheet
578Kb / 66P
   Audio Signal Processor for Car Deck and Cassette Deck (Dolby B-type NR with PB Amp)
HA12173 HITACHI-HA12173 Datasheet
1Mb / 66P
   Audio Signal Processor for Car Deck and Cassette Deck (Dolby B/C-type NR with PB Amp)
HA12179F HITACHI-HA12179F Datasheet
259Kb / 40P
   Audio Signal Processer for Car Deck and Cassette Deck(Dolby B-type NR with PB Amp)
HA12203NT HITACHI-HA12203NT Datasheet
687Kb / 97P
   Audio Signal Processor for Cassette Deck(Dolby B-type NR with Recording System)
HA12226F HITACHI-HA12226F Datasheet
491Kb / 86P
   Audio Signal Processor for Cassette Deck(Dolby B-type NR with Recording System)
logo
Renesas Technology Corp
HA12226F RENESAS-HA12226F Datasheet
731Kb / 84P
   Audio Signal Processor for Cassette Deck(Dolby B-type NR with Recording System)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com