Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H7P1002DSTL-E Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # H7P1002DSTL-E
Description  Silicon P Channel MOS FET High Speed Power Switching
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H7P1002DSTL-E Datasheet(HTML) 3 Page - Renesas Technology Corp

  H7P1002DSTL-E Datasheet HTML 1Page - Renesas Technology Corp H7P1002DSTL-E Datasheet HTML 2Page - Renesas Technology Corp H7P1002DSTL-E Datasheet HTML 3Page - Renesas Technology Corp H7P1002DSTL-E Datasheet HTML 4Page - Renesas Technology Corp H7P1002DSTL-E Datasheet HTML 5Page - Renesas Technology Corp H7P1002DSTL-E Datasheet HTML 6Page - Renesas Technology Corp H7P1002DSTL-E Datasheet HTML 7Page - Renesas Technology Corp H7P1002DSTL-E Datasheet HTML 8Page - Renesas Technology Corp H7P1002DSTL-E Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
H7P1002DL, H7P1002DS
REJ03G1601-0100 Rev.1.00 Nov 16, 2007
Page 3 of 8
Main Characteristics
Case Temperature
Tc (°C)
Power vs. Temperature Derating
Drain to Source Voltage
VDS (V)
Typical Output Characteristics
Gate to Source Voltage
VGS (V)
Typical Transfer Characteristics
–20
0
–5
–10
–15
0
–2
–4–6–8
–10
–20
0
–5
–10
–15
0–1
–2
–3
–4
–5
Tc = 75°C
50
40
0
10
20
30
050
100
25
75
125
150
VDS = –10 V
Pulse Test
–10 V
–5 V
–8 V
–4 V
–3.5 V
–3 V
VGS = –2 V
Pulse Test
Drain to Source Voltage
VDS (V)
Maximum Safe Operation Area
–10
–0.3
–1
–30
–3
–0.1
–0.03
–0.01
–0.1 –0.3 –1
–3
–30
–10
–300
–100
–1000
–100
Ta = 25°C
PW
=
10
ms
(1
shot)
DC
Operation
(Tc
= 25
°C)
100
µs
Operation in
this area is
limited by RDS (on)
Gate to Source Voltage
VGS (V)
Drain to Source Saturation Voltage vs.
Gate to Source Voltage
–1.2
0
–0.2
–0.4
–0.6
–0.8
–1.0
0–4
–8
–12
–16
–20
Pulse Test
ID = –10 A
–5 A
–2 A
Drain Current
ID (A)
Static Drain to Source on State Resistance
vs. Drain Current
200
100
20
50
10
–2
–20
–50
–1
–10
–5
–100
1000
500
VGS = –4 V
–10 V
Pulse Test
–25°C
25°C


Similar Part No. - H7P1002DSTL-E

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
H7P1002DL RENESAS-H7P1002DL_15 Datasheet
137Kb / 11P
   Silicon P Channel MOS FETHigh Speed Power Switching
More results

Similar Description - H7P1002DSTL-E

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SJ484 HITACHI-2SJ484 Datasheet
43Kb / 9P
   Silicon P-Channel MOS FET High Speed Power Switching
2SJ517 HITACHI-2SJ517 Datasheet
43Kb / 8P
   Silicon P Channel MOS FET High Speed Power Switching
2SJ534 HITACHI-2SJ534 Datasheet
52Kb / 9P
   Silicon P Channel MOS FET High Speed Power Switching
2SJ544 HITACHI-2SJ544 Datasheet
54Kb / 9P
   Silicon P Channel MOS FET High Speed Power Switching
2SJ174 HITACHI-2SJ174 Datasheet
571Kb / 4P
   SILICON P-CHANNEL MOS FET HIGH SPEED POWER SWITCHING
2SJ177 HITACHI-2SJ177 Datasheet
268Kb / 2P
   SILICON P-CHANNEL MOS FET HIGH SPEED POWER SWITCHING
2SJ220L HITACHI-2SJ220L Datasheet
171Kb / 1P
   SILICON P-CHANNEL MOS FET HIGH SPEED POWER SWITCHING
2SJ505 HITACHI-2SJ505 Datasheet
54Kb / 10P
   Silicon P Channel MOS FET High Speed Power Switching
2SJ506 HITACHI-2SJ506 Datasheet
50Kb / 10P
   Silicon P Channel MOS FET High Speed Power Switching
2SJ526 HITACHI-2SJ526 Datasheet
51Kb / 9P
   Silicon P Channel MOS FET High Speed Power Switching
2SJ527 HITACHI-2SJ527 Datasheet
54Kb / 9P
   Silicon P Channel MOS FET High Speed Power Switching
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com