Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HAT2193WP Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # HAT2193WP
Description  Silicon N Channel Power MOS FET Power Switching
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HAT2193WP Datasheet(HTML) 2 Page - Renesas Technology Corp

  HAT2193WP Datasheet HTML 1Page - Renesas Technology Corp HAT2193WP Datasheet HTML 2Page - Renesas Technology Corp HAT2193WP Datasheet HTML 3Page - Renesas Technology Corp HAT2193WP Datasheet HTML 4Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
HAT2193WP
Rev.1.00, Aug.24.2005, page 2 of 3
Electrical Characteristics
(Ta = 25°C)
Item
Symbol
Min
Typ
Max
Unit
Test conditions
Drain to source breakdown voltage
V(BR)DSS
250
V
ID = 10 mA, VGS = 0
Zero gate voltage drain current
IDSS
1
µA
VDS = 250 V, VGS = 0
Gate to source leak current
IGSS
±0.1
µA
VGS =
±30 V, VDS = 0
Gate to source cutoff voltage
VGS(off)
3.0
4.5
V
VDS = 10 V, ID = 1 mA
Forward transfer admittance
|yfs|
3
5
S
ID = 3.5 A, VDS = 10 V
Note4
Static drain to source on state
resistance
RDS(on)
0.35
0.40
ID = 3.5 A, VGS = 10 V
Note4
Input capacitance
Ciss
430
pF
Output capacitance
Coss
70
pF
Reverse transfer capacitance
Crss
5
pF
VDS = 25 V
VGS = 0
f = 1 MHz
Turn-on delay time
td(on)
24
ns
Rise time
tr
17
ns
Turn-off delay time
td(off)
46
ns
Fall time
tf
8
ns
ID = 3.5 A
VGS = 10 V
RL = 35.7
Rg = 10
Total gate charge
Qg
10
nC
Gate to source charge
Qgs
2.5
nC
Gate to drain charge
Qgd
4
nC
VDD = 200 V
VGS = 10 V
ID = 7 A
Body-drain diode forward voltage
VDF
0.9
1.4
V
IF = 7 A, VGS = 0
Note4
Body-drain diode reverse recovery time
trr
110
ns
IF = 7 A, VGS = 0
diF/dt = 100 A/
µs
Notes: 4. Pulse test


Similar Part No. - HAT2193WP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HAT2193WP RENESAS-HAT2193WP_09 Datasheet
108Kb / 7P
   Silicon N Channel Power MOS FET Power Switching
HAT2193WP RENESAS-HAT2193WP_15 Datasheet
121Kb / 9P
   Silicon N Channel Power MOS FET Power Switching
More results

Similar Description - HAT2193WP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HAT2299WP RENESAS-HAT2299WP Datasheet
108Kb / 7P
   Silicon N Channel Power MOS FET Power Switching
HAT2142H RENESAS-HAT2142H Datasheet
125Kb / 12P
   Silicon N Channel Power MOS FET Power Switching
HAT2171H RENESAS-HAT2171H_15 Datasheet
108Kb / 10P
   Silicon N Channel Power MOS FET Power Switching
HAT2183WP RENESAS-HAT2183WP_15 Datasheet
111Kb / 9P
   Silicon N Channel Power MOS FET Power Switching
HAT2184WP RENESAS-HAT2184WP_15 Datasheet
130Kb / 9P
   Silicon N Channel Power MOS FET Power Switching
HAT2169H RENESAS-HAT2169H_15 Datasheet
108Kb / 10P
   Silicon N Channel Power MOS FET Power Switching
HAT2096H RENESAS-HAT2096H_15 Datasheet
104Kb / 9P
   Silicon N Channel Power MOS FET Power Switching
HAT2193WP RENESAS-HAT2193WP_15 Datasheet
121Kb / 9P
   Silicon N Channel Power MOS FET Power Switching
HAT2201R RENESAS-HAT2201R_15 Datasheet
112Kb / 10P
   Silicon N Channel Power MOS FET Power Switching
HAT2201R RENESAS-HAT2201R_16 Datasheet
216Kb / 9P
   Silicon N Channel Power MOS FET Power Switching
RJK0211DPA RENESAS-RJK0211DPA Datasheet
71Kb / 4P
   Silicon N Channel Power MOS FET Power Switching
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com