Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N5881 Datasheet(PDF) 3 Page - Mospec Semiconductor

Part # 2N5881
Description  POWER TRANSISTORS(15A,160W)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSPEC [Mospec Semiconductor]
Direct Link  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor

2N5881 Datasheet(HTML) 3 Page - Mospec Semiconductor

  2N5881 Datasheet HTML 1Page - Mospec Semiconductor 2N5881 Datasheet HTML 2Page - Mospec Semiconductor 2N5881 Datasheet HTML 3Page - Mospec Semiconductor 2N5881 Datasheet HTML 4Page - Mospec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
A


Similar Part No. - 2N5881

ManufacturerPart #DatasheetDescription
logo
Boca Semiconductor Corp...
2N5881 BOCA-2N5881 Datasheet
186Kb / 4P
   COMPLEMENTARY SILICON HIGH-POWER TRANSISTORS
logo
List of Unclassifed Man...
2N5881 ETC-2N5881 Datasheet
347Kb / 8P
   Power Transistors
logo
Savantic, Inc.
2N5881 SAVANTIC-2N5881 Datasheet
112Kb / 3P
   Silicon NPN Power Transistors
logo
Quanzhou Jinmei Electro...
2N5881 JMNIC-2N5881 Datasheet
118Kb / 3P
   Silicon NPN Power Transistors
logo
Seme LAB
2N5881 SEME-LAB-2N5881 Datasheet
15Kb / 1P
   Bipolar NPN Device in a Hermetically sealed TO3
More results

Similar Description - 2N5881

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2N6282 MOSPEC-2N6282 Datasheet
211Kb / 4P
   POWER TRANSISTORS(20A,160W)
2N3055A MOSPEC-2N3055A Datasheet
193Kb / 4P
   POWER TRANSISTORS(15A)
BD905 MOSPEC-BD905 Datasheet
143Kb / 3P
   POWER TRANSISTORS(15A,90W)
2N6546 MOSPEC-2N6546 Datasheet
211Kb / 4P
   POWER TRANSISTORS(15A,175W)
2N6486 MOSPEC-2N6486 Datasheet
190Kb / 4P
   POWER TRANSISTORS(15A,75W)
2SC3519 MOSPEC-2SC3519 Datasheet
138Kb / 3P
   POWER TRANSISTORS(15A,130W)
2N6676 MOSPEC-2N6676 Datasheet
137Kb / 3P
   POWER TRANSISTORS(15A,175W)
2SA1386 MOSPEC-2SA1386 Datasheet
124Kb / 3P
   POWER TRANSISTORS(15A,130W)
logo
MicroPower Direct, LLC
LBC-160 MPD-LBC-160 Datasheet
1Mb / 4P
   160W Output Power
logo
Mospec Semiconductor
BUV37 MOSPEC-BUV37 Datasheet
85Kb / 2P
   POWER TRANSISTORS(15A,400V,100W)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com