Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BCR3PM-12LA-A8 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # BCR3PM-12LA-A8
Description  Triac Low Power Use
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

BCR3PM-12LA-A8 Datasheet(HTML) 1 Page - Renesas Technology Corp

  BCR3PM-12LA-A8 Datasheet HTML 1Page - Renesas Technology Corp BCR3PM-12LA-A8 Datasheet HTML 2Page - Renesas Technology Corp BCR3PM-12LA-A8 Datasheet HTML 3Page - Renesas Technology Corp BCR3PM-12LA-A8 Datasheet HTML 4Page - Renesas Technology Corp BCR3PM-12LA-A8 Datasheet HTML 5Page - Renesas Technology Corp BCR3PM-12LA-A8 Datasheet HTML 6Page - Renesas Technology Corp BCR3PM-12LA-A8 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Rev.2.00,
Nov.08.2004,
page 1 of 6
BCR3PM-12L
Triac
Low Power Use
REJ03G0301-0200
Rev.2.00
Nov.08.2004
Features
• I
T (RMS) : 3 A
• V
DRM : 600 V
• I
FGTI, IRGTI, IRGT
: 20 mA (10 mA)
Note5
• Viso : 2000 V
• Insulated Type
• Planar Passivation Type
• UL Recognized : Yellow Card No. E223904
File No. E80271
Outline
2
1
3
TO-220F
2
1
3
1. T1 Terminal
2. T2 Terminal
3. Gate Terminal
Applications
Contactless AC switch, light dimmer, electric blanket, control of household equipment such as electric fan, solenoid
driver, small motor control, and other general purpose control applications
Maximum Ratings
Voltage class
Parameter
Symbol
12
Unit
Repetitive peak off-state voltage
Note1
VDRM
600
V
Non-repetitive peak off-state voltage
Note1
VDSM
720
V


Similar Part No. - BCR3PM-12LA-A8

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
BCR3PM-12LA-A8 RENESAS-BCR3PM-12LA-A8 Datasheet
101Kb / 7P
   Triac
More results

Similar Description - BCR3PM-12LA-A8

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
BCR3AS-12A RENESAS-BCR3AS-12A_15 Datasheet
131Kb / 9P
   Triac Low Power Use
BCR08AM-12 RENESAS-BCR08AM-12 Datasheet
134Kb / 7P
   Triac Low Power Use
BCR08AM-14A RENESAS-BCR08AM-14A Datasheet
116Kb / 7P
   Triac Low Power Use
BCR2PM-12 RENESAS-BCR2PM-12 Datasheet
120Kb / 7P
   Triac Low Power Use
BCR2PM-12RE RENESAS-BCR2PM-12RE Datasheet
81Kb / 7P
   Triac Low Power Use
BCR08AS-12 RENESAS-BCR08AS-12 Datasheet
146Kb / 8P
   Triac Low Power Use
BCR08AM-12A RENESAS-BCR08AM-12A Datasheet
114Kb / 7P
   Triac Low Power Use
BCR3KM-14L RENESAS-BCR3KM-14L Datasheet
140Kb / 8P
   Triac Low Power Use
BCR08AS-12A RENESAS-BCR08AS-12A_15 Datasheet
126Kb / 8P
   Triac Low Power Use
BCR3AM-14B RENESAS-BCR3AM-14B_15 Datasheet
144Kb / 10P
   Triac Low Power Use
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com