Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BCR8PM-12L Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # BCR8PM-12L
Description  Triac Medium Power Use
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

BCR8PM-12L Datasheet(HTML) 6 Page - Renesas Technology Corp

  BCR8PM-12L Datasheet HTML 1Page - Renesas Technology Corp BCR8PM-12L Datasheet HTML 2Page - Renesas Technology Corp BCR8PM-12L Datasheet HTML 3Page - Renesas Technology Corp BCR8PM-12L Datasheet HTML 4Page - Renesas Technology Corp BCR8PM-12L Datasheet HTML 5Page - Renesas Technology Corp BCR8PM-12L Datasheet HTML 6Page - Renesas Technology Corp BCR8PM-12L Datasheet HTML 7Page - Renesas Technology Corp BCR8PM-12L Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
BCR8PM-12L (The product guaranteed maximum junction temperature of 150
°C)
Rev.2.00,
Nov.08.2004,
page 6 of 7
Commutation Characteristics (Tj = 150°C)
Rate of Decay of On-State
Commutating Current (A/ms)
Gate Current Pulse Width (
µs)
Gate Trigger Current vs.
Gate Current Pulse Width
IRGT III
2
3
5
7
2
3
5
7
7
10
1
10
0
10
0
10
1
10
2
37
25
3
7
2
5
10
3
7
5
3
2
7
5
3
2
10
2
10
1
10
0
10
1
10
2
37
25
3
7
25
Main Voltage
Main Current
IT
(di/dt)c
τ
VD
Time
Time
(dv/dt)c
Typical Example
Tj = 150°C
IT = 4A
τ = 500µs
VD = 200V
f = 3Hz
III Quadrant
I Quadrant
Minimum
Characteristics
Value
Typical Example
330
330
330
C1
C1 = 0.1 to 0.47
µF
R1 = 47 to 100
C0 = 0.1
µF
R0 = 100
C0
R0
R1
Load
6
6
6V
6V
A
V
A
V
Gate Trigger Characteristics Test Circuits
Recommended Circuit Values Around The Triac
6
6V
A
V
Test Procedure I
Test Procedure III
Test Procedure II
IFGT I
IRGT I


Similar Part No. - BCR8PM-12L

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
BCR8PM-12L POWEREX-BCR8PM-12L Datasheet
83Kb / 6P
   Triac 8 Amperes/400-600 Volts
logo
Renesas Technology Corp
BCR8PM-12L RENESAS-BCR8PM-12L Datasheet
125Kb / 8P
   Triac Medium Power Use
BCR8PM-12LA RENESAS-BCR8PM-12LA Datasheet
125Kb / 8P
   Triac Medium Power Use
logo
Inchange Semiconductor ...
BCR8PM-12LA ISC-BCR8PM-12LA Datasheet
171Kb / 1P
   isc Thyristors
logo
Renesas Technology Corp
BCR8PM-12LA-A8 RENESAS-BCR8PM-12LA-A8 Datasheet
125Kb / 8P
   Triac Medium Power Use
More results

Similar Description - BCR8PM-12L

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
BCR2PM-14LE RENESAS-BCR2PM-14LE Datasheet
87Kb / 7P
   Triac Medium Power Use
BCR16PM-12LG RENESAS-BCR16PM-12LG_07 Datasheet
132Kb / 8P
   Triac Medium Power Use
BCR20KM-12L RENESAS-BCR20KM-12L Datasheet
117Kb / 7P
   Triac Medium Power Use
BCR8KM-20LA RENESAS-BCR8KM-20LA Datasheet
139Kb / 8P
   Triac Medium Power Use
BCR5LM-12LB RENESAS-BCR5LM-12LB_15 Datasheet
117Kb / 8P
   Triac Medium Power Use
BCR5LM-14LD RENESAS-BCR5LM-14LD_15 Datasheet
102Kb / 8P
   Triac Medium Power Use
BCR8PM-20LA RENESAS-BCR8PM-20LA_15 Datasheet
102Kb / 8P
   Triac Medium Power Use
BCR12LM-16LH RENESAS-BCR12LM-16LH_15 Datasheet
124Kb / 8P
   Triac Medium Power Use
BCR16PM-16LH RENESAS-BCR16PM-16LH_15 Datasheet
100Kb / 8P
   Triac Medium Power Use
BCR16RM-12LB RENESAS-BCR16RM-12LB_15 Datasheet
148Kb / 10P
   Triac Medium Power Use
BCR12LM-14LB RENESAS-BCR12LM-14LB_15 Datasheet
111Kb / 8P
   Triac Medium Power Use
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com