Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BCR5PM-14LD-A8 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # BCR5PM-14LD-A8
Description  Triac Medium Power Use
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

BCR5PM-14LD-A8 Datasheet(HTML) 1 Page - Renesas Technology Corp

  BCR5PM-14LD-A8 Datasheet HTML 1Page - Renesas Technology Corp BCR5PM-14LD-A8 Datasheet HTML 2Page - Renesas Technology Corp BCR5PM-14LD-A8 Datasheet HTML 3Page - Renesas Technology Corp BCR5PM-14LD-A8 Datasheet HTML 4Page - Renesas Technology Corp BCR5PM-14LD-A8 Datasheet HTML 5Page - Renesas Technology Corp BCR5PM-14LD-A8 Datasheet HTML 6Page - Renesas Technology Corp BCR5PM-14LD-A8 Datasheet HTML 7Page - Renesas Technology Corp BCR5PM-14LD-A8 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
REJ03G1563-0100
Rev.1.00
Jul 06, 2007
Page 1 of 7
BCR5PM-14LD
Triac
Medium Power Use
REJ03G1563-0100
Rev.1.00
Jul 06, 2007
Features
• I
T (RMS) : 5 A
• V
DRM : 700 V
• I
FGTI , IRGTI, IRGTIII : 50 mA
• Viso : 2000 V
• The product guaranteed maximum junction
temperature 150
°C.
• Insulated Type
• Planar Type
Outline
RENESAS Package code: PRSS0003AA-A
(Package name: TO-220F )
1. T1 Terminal
2. T2 Terminal
3. Gate Terminal
2
1
3
2
1
3
Applications
Motor control, heater control
Maximum Ratings
Voltage class
Parameter
Symbol
14
Unit
Repetitive peak off-state voltage
Note1
VDRM
700
V
Non-repetitive peak off-state voltage
Note1
VDSM
800
V


Similar Part No. - BCR5PM-14LD-A8

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
BCR5PM-14LD RENESAS-BCR5PM-14LD_15 Datasheet
103Kb / 8P
   Triac Medium Power Use
More results

Similar Description - BCR5PM-14LD-A8

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
BCR2PM-14LE RENESAS-BCR2PM-14LE Datasheet
87Kb / 7P
   Triac Medium Power Use
BCR16PM-12LG RENESAS-BCR16PM-12LG_07 Datasheet
132Kb / 8P
   Triac Medium Power Use
BCR20KM-12L RENESAS-BCR20KM-12L Datasheet
117Kb / 7P
   Triac Medium Power Use
BCR8KM-20LA RENESAS-BCR8KM-20LA Datasheet
139Kb / 8P
   Triac Medium Power Use
BCR5LM-12LB RENESAS-BCR5LM-12LB_15 Datasheet
117Kb / 8P
   Triac Medium Power Use
BCR5LM-14LD RENESAS-BCR5LM-14LD_15 Datasheet
102Kb / 8P
   Triac Medium Power Use
BCR8PM-20LA RENESAS-BCR8PM-20LA_15 Datasheet
102Kb / 8P
   Triac Medium Power Use
BCR12LM-16LH RENESAS-BCR12LM-16LH_15 Datasheet
124Kb / 8P
   Triac Medium Power Use
BCR16PM-16LH RENESAS-BCR16PM-16LH_15 Datasheet
100Kb / 8P
   Triac Medium Power Use
BCR16RM-12LB RENESAS-BCR16RM-12LB_15 Datasheet
148Kb / 10P
   Triac Medium Power Use
BCR12LM-14LB RENESAS-BCR12LM-14LB_15 Datasheet
111Kb / 8P
   Triac Medium Power Use
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com