Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BCR8CM-12LB-A8 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # BCR8CM-12LB-A8
Description  Triac Medium Power Use
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

BCR8CM-12LB-A8 Datasheet(HTML) 2 Page - Renesas Technology Corp

  BCR8CM-12LB-A8 Datasheet HTML 1Page - Renesas Technology Corp BCR8CM-12LB-A8 Datasheet HTML 2Page - Renesas Technology Corp BCR8CM-12LB-A8 Datasheet HTML 3Page - Renesas Technology Corp BCR8CM-12LB-A8 Datasheet HTML 4Page - Renesas Technology Corp BCR8CM-12LB-A8 Datasheet HTML 5Page - Renesas Technology Corp BCR8CM-12LB-A8 Datasheet HTML 6Page - Renesas Technology Corp BCR8CM-12LB-A8 Datasheet HTML 7Page - Renesas Technology Corp BCR8CM-12LB-A8 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
BCR8CM-12LB (The product guaranteed maximum junction temperature of 150
°C)
REJ03G0454-0300
Rev.3.00
Nov 30, 2007
Page 2 of 7
Parameter
Symbol
Ratings
Unit
Conditions
RMS on-state current
IT (RMS)
8
A
Commercial frequency, sine full wave
360° conduction, Tc = 130
°CNote3
Surge on-state current
ITSM
80
A
60Hz sinewave 1 full cycle, peak value,
non-repetitive
I
2t for fusing
I
2t
26
A
2s
Value corresponding to 1 cycle of half
wave 60Hz, surge on-state current
Peak gate power dissipation
PGM
5
W
Average gate power dissipation
PG (AV)
0.5
W
Peak gate voltage
VGM
10
V
Peak gate current
IGM
2
A
Junction temperature
Tj
– 40 to +150
°C
Storage temperature
Tstg
– 40 to +150
°C
Mass
2.0
g
Typical value
Notes: 1. Gate open.
Electrical Characteristics
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test conditions
Repetitive peak off-state current
IDRM
2.0
mA
Tj = 150
°C, VDRM applied
On-state voltage
VTM
1.5
V
Tc = 25
°C, ITM = 12 A,
Instantaneous measurement
Ι
VFGTΙ
1.5
V
ΙΙ
VRGTΙ
1.5
V
Gate trigger voltage
Note2
ΙΙΙ
VRGTΙΙΙ
1.5
V
Tj = 25
°C, VD = 6 V, RL = 6 Ω,
RG = 330
Ι
IFGTΙ
30
Note6
mA
ΙΙ
IRGTΙ
30
Note6
mA
Gate trigger current
Note2
ΙΙΙ
IRGTΙΙΙ
30
Note6
mA
Tj = 25
°C, VD = 6 V, RL = 6 Ω,
RG = 330
Gate non-trigger voltage
VGD
0.2/0.1
V
Tj = 125
°C/150°C,
VD = 1/2 VDRM
Thermal resistance
Rth (j-c)
2.0
°C/W
Junction to case
Note3 Note4
Critical-rate of rise of off-state
commutating voltage
Note5
(dv/dt)c
10/1
V/
µs
Tj = 125
°C/150°C
Notes: 2. Measurement using the gate trigger characteristics measurement circuit.
3. Case temperature is measured at the T2 tab 1.5 mm away from the molded case.
4. The contact thermal resistance Rth (c-f) in case of greasing is 1.0°C/W.
5. Test conditions of the critical-rate of rise of off-state commutating voltage is shown in the table below.
6. High sensitivity (IGT
≤ 20 mA) is also available. (IGT item: 1)
Test conditions
Commutating voltage and current waveforms
(inductive load)
1. Junction temperature
Tj = 125
°C/150°C
2. Rate of decay of on-state commutating current
(di/dt)c = – 4.0 A/ms
3. Peak off-state voltage
VD = 400 V
Supply Voltage
Time
Time
Time
Main Current
Main Voltage
(di/dt)c
VD
(dv/dt)c


Similar Part No. - BCR8CM-12LB-A8

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
BCR8CM-12LB RENESAS-BCR8CM-12LB_15 Datasheet
151Kb / 9P
   600V - 8A - Triac Medium Power Use
More results

Similar Description - BCR8CM-12LB-A8

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
BCR2PM-14LE RENESAS-BCR2PM-14LE Datasheet
87Kb / 7P
   Triac Medium Power Use
BCR16PM-12LG RENESAS-BCR16PM-12LG_07 Datasheet
132Kb / 8P
   Triac Medium Power Use
BCR20KM-12L RENESAS-BCR20KM-12L Datasheet
117Kb / 7P
   Triac Medium Power Use
BCR8KM-20LA RENESAS-BCR8KM-20LA Datasheet
139Kb / 8P
   Triac Medium Power Use
BCR5LM-12LB RENESAS-BCR5LM-12LB_15 Datasheet
117Kb / 8P
   Triac Medium Power Use
BCR5LM-14LD RENESAS-BCR5LM-14LD_15 Datasheet
102Kb / 8P
   Triac Medium Power Use
BCR8PM-20LA RENESAS-BCR8PM-20LA_15 Datasheet
102Kb / 8P
   Triac Medium Power Use
BCR12LM-16LH RENESAS-BCR12LM-16LH_15 Datasheet
124Kb / 8P
   Triac Medium Power Use
BCR16PM-16LH RENESAS-BCR16PM-16LH_15 Datasheet
100Kb / 8P
   Triac Medium Power Use
BCR16RM-12LB RENESAS-BCR16RM-12LB_15 Datasheet
148Kb / 10P
   Triac Medium Power Use
BCR12LM-14LB RENESAS-BCR12LM-14LB_15 Datasheet
111Kb / 8P
   Triac Medium Power Use
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com