Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BCR8PM-14L Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # BCR8PM-14L
Description  Triac Medium Power Use
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

BCR8PM-14L Datasheet(HTML) 5 Page - Renesas Technology Corp

  BCR8PM-14L Datasheet HTML 1Page - Renesas Technology Corp BCR8PM-14L Datasheet HTML 2Page - Renesas Technology Corp BCR8PM-14L Datasheet HTML 3Page - Renesas Technology Corp BCR8PM-14L Datasheet HTML 4Page - Renesas Technology Corp BCR8PM-14L Datasheet HTML 5Page - Renesas Technology Corp BCR8PM-14L Datasheet HTML 6Page - Renesas Technology Corp BCR8PM-14L Datasheet HTML 7Page - Renesas Technology Corp BCR8PM-14L Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
BCR8PM-14L
Rev.1.00, Aug.20.2004, page 5 of 7
Holding Current vs.
Junction Temperature
Junction Temperature (°C)
Latching Current vs.
Junction Temperature
Junction Temperature (°C)
Rate of Rise of Off-State Voltage (V/
µs)
Breakover Voltage vs.
Rate of Rise of Off-State Voltage
Breakover Voltage vs.
Junction Temperature
Junction Temperature (°C)
Commutation Characteristics
Rate of Decay of On-State
Commutating Current (A/ms)
Gate Current Pulse Width (
µs)
Gate Trigger Current vs.
Gate Current Pulse Width
103
7
5
3
2
–60
–20
20
102
7
5
3
2
60
100
140
4
4
–40
0
40
80
120
101
160
–40
0
40
80
120
103
7
5
3
2
102
7
5
3
2
101
7
5
3
2
100
160
100
80
40
20
0
140
40
–40
–60
–20 0
20
60 80
140
100 120
60
120
101
103
7
5
3
2
100
25
101
102
7
5
3
2
37
102
4
4
42
5
37
4
23
101
57 102 23 5 7 103 23 5 7 104
120
0
20
40
60
80
100
140
160
101
23
100
57 101 23 5 7 102 23 5 7 103
3
2
102
7
5
3
2
7
5
7
5
3
2
100
Typical Example
T2+, G+
T2–, G–
Typical Example
T2+, G–
Typical Example
Distribution
Typical Example
Tj = 125°C
I Quadrant
III Quadrant
Typical Example
IRGT III
IRGT I
IFGT I
Typical Example
Tj = 125°C
IT = 4A
τ = 500µs
VD = 200V
f = 3Hz
Main Voltage
Main Current
IT
(di/dt)c
τ
VD
Time
Time
(dv/dt)c
I Quadrant
III Quadrant
Minimum
Characteristics
Value
Typical Example


Similar Part No. - BCR8PM-14L

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
BCR8PM-14L ISC-BCR8PM-14L Datasheet
220Kb / 1P
   isc Thyristors
logo
Renesas Technology Corp
BCR8PM-14LA RENESAS-BCR8PM-14LA_15 Datasheet
102Kb / 8P
   Triac Medium Power Use
BCR8PM-14LD RENESAS-BCR8PM-14LD Datasheet
133Kb / 8P
   Triac Medium Power Use
BCR8PM-14LD RENESAS-BCR8PM-14LD Datasheet
115Kb / 9P
   Triac Medium Power Use
BCR8PM-14LD-A8 RENESAS-BCR8PM-14LD-A8 Datasheet
133Kb / 8P
   Triac Medium Power Use
More results

Similar Description - BCR8PM-14L

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
BCR2PM-14LE RENESAS-BCR2PM-14LE Datasheet
87Kb / 7P
   Triac Medium Power Use
BCR16PM-12LG RENESAS-BCR16PM-12LG_07 Datasheet
132Kb / 8P
   Triac Medium Power Use
BCR20KM-12L RENESAS-BCR20KM-12L Datasheet
117Kb / 7P
   Triac Medium Power Use
BCR8KM-20LA RENESAS-BCR8KM-20LA Datasheet
139Kb / 8P
   Triac Medium Power Use
BCR5LM-12LB RENESAS-BCR5LM-12LB_15 Datasheet
117Kb / 8P
   Triac Medium Power Use
BCR5LM-14LD RENESAS-BCR5LM-14LD_15 Datasheet
102Kb / 8P
   Triac Medium Power Use
BCR8PM-20LA RENESAS-BCR8PM-20LA_15 Datasheet
102Kb / 8P
   Triac Medium Power Use
BCR12LM-16LH RENESAS-BCR12LM-16LH_15 Datasheet
124Kb / 8P
   Triac Medium Power Use
BCR16PM-16LH RENESAS-BCR16PM-16LH_15 Datasheet
100Kb / 8P
   Triac Medium Power Use
BCR16RM-12LB RENESAS-BCR16RM-12LB_15 Datasheet
148Kb / 10P
   Triac Medium Power Use
BCR12LM-14LB RENESAS-BCR12LM-14LB_15 Datasheet
111Kb / 8P
   Triac Medium Power Use
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com