Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FX50SMJ-03 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # FX50SMJ-03
Description  High-Speed Switching Use Pch Power MOS FET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

FX50SMJ-03 Datasheet(HTML) 5 Page - Renesas Technology Corp

  FX50SMJ-03 Datasheet HTML 1Page - Renesas Technology Corp FX50SMJ-03 Datasheet HTML 2Page - Renesas Technology Corp FX50SMJ-03 Datasheet HTML 3Page - Renesas Technology Corp FX50SMJ-03 Datasheet HTML 4Page - Renesas Technology Corp FX50SMJ-03 Datasheet HTML 5Page - Renesas Technology Corp FX50SMJ-03 Datasheet HTML 6Page - Renesas Technology Corp FX50SMJ-03 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
FX50SMJ-03
Rev.1.00, Aug.20.2004, page 5 of 6
Channel Temperature Tch (°C)
Threshold Voltage vs.
Channel Temperature (Typical)
Channel Temperature Tch (°C)
Breakdown Voltage vs.
Channel Temperature (Typical)
On-State Resistance vs.
Channel Temperature (Typical)
Channel Temperature Tch (°C)
Transient Thermal Impedance Characteristics
Pulse Width tw (s)
Switching Time Measurement Circuit
Switching Waveform
10–2
10–1
2
3
5
7
100
2
3
5
7
101
2
3
5
7
10–42 3 57
2 3 57
2 3 57
2 3 57
100 23 5 7 101 23 5 7 102
10–3
10–2
10–1
D =1
0.5
0.2
0.1
0.05
0.02
0.01
Single Pulse
10–1
100
2
3
4
5
7
101
2
3
4
5
7
–50
0
50
100
150
0
– 0.8
–1.6
– 2.4
– 3.2
– 4.0
–50
0
50
100
150
0.4
0.6
0.8
1.0
1.2
1.4
–50
0
50
100
150
RL
VDD
RGEN
RGS
Vin Monitor
D.U.T.
tr
td(on)
Vin
90%
90%
10%
10%
Vout
td(off)
Vout
Monitor
90%
10%
tf
VGS = –10V
ID = 1/2 ID
Pulse Test
VDS = –10V
ID = –1mA
VGS = 0V
ID = –1mA
PDM
tw
D =
T
tw
T


Similar Part No. - FX50SMJ-03

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
FX50SMJ-03 MITSUBISHI-FX50SMJ-03 Datasheet
57Kb / 4P
   HIGH-SPEED SWITCHING USE
logo
Powerex Power Semicondu...
FX50SMJ-03 POWEREX-FX50SMJ-03 Datasheet
62Kb / 4P
   Pch POWER MOSFET HIGH-SPEED SWITCHING USE
More results

Similar Description - FX50SMJ-03

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
FX6KMJ-3 RENESAS-FX6KMJ-3 Datasheet
209Kb / 7P
   High-Speed Switching Use Pch Power MOS FET
FX20ASJ-06 RENESAS-FX20ASJ-06 Datasheet
172Kb / 7P
   High-Speed Switching Use Pch Power MOS FET
FX30KMJ-2 RENESAS-FX30KMJ-2 Datasheet
174Kb / 7P
   High-Speed Switching Use Pch Power MOS FET
FX50KMJ-06 RENESAS-FX50KMJ-06 Datasheet
174Kb / 7P
   High-Speed Switching Use Pch Power MOS FET
FX50SMJ-2 RENESAS-FX50SMJ-2 Datasheet
173Kb / 7P
   High-Speed Switching Use Pch Power MOS FET
FX50SMJ-06 RENESAS-FX50SMJ-06 Datasheet
173Kb / 7P
   High-Speed Switching Use Pch Power MOS FET
FX70KMJ-03 RENESAS-FX70KMJ-03 Datasheet
174Kb / 7P
   High-Speed Switching Use Pch Power MOS FET
FX20ASJ-03F RENESAS-FX20ASJ-03F_15 Datasheet
98Kb / 6P
   High-Speed Switching Use Pch Power MOS FET
FX6ASJ-03 RENESAS-FX6ASJ-03_06 Datasheet
199Kb / 7P
   High-Speed Switching Use Pch Power MOS FET
FX6ASJ-3 RENESAS-FX6ASJ-3 Datasheet
171Kb / 7P
   High-Speed Switching Use Pch Power MOS FET
FX6KMJ-2 RENESAS-FX6KMJ-2 Datasheet
210Kb / 7P
   High-Speed Switching Use Pch Power MOS FET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com