Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FX30KMJ-06-A8 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # FX30KMJ-06-A8
Description  High-Speed Switching Use
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

FX30KMJ-06-A8 Datasheet(HTML) 4 Page - Renesas Technology Corp

  FX30KMJ-06-A8 Datasheet HTML 1Page - Renesas Technology Corp FX30KMJ-06-A8 Datasheet HTML 2Page - Renesas Technology Corp FX30KMJ-06-A8 Datasheet HTML 3Page - Renesas Technology Corp FX30KMJ-06-A8 Datasheet HTML 4Page - Renesas Technology Corp FX30KMJ-06-A8 Datasheet HTML 5Page - Renesas Technology Corp FX30KMJ-06-A8 Datasheet HTML 6Page - Renesas Technology Corp FX30KMJ-06-A8 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
FX30KMJ-06
Rev.2.00
Aug 07, 2006
page 4 of 6
Transfer Characteristics (Typical)
Gate-Source Voltage VGS (V)
Forward Transfer Admittance vs.
Drain Current (Typical)
Drain Current ID (A)
Switching Characteristics (Typical)
Drain-Source Voltage VDS (V)
Capacitance vs.
Drain-Source Voltage (Typical)
Drain Current ID (A)
Gate-Source Voltage vs.
Gate Charge (Typical)
Gate Charge Qg (nC)
Source-Drain Diode Forward
Characteristics (Typical)
Source-Drain Voltage VSD (V)
–100
–101
–2 –3 –4 –5 –7
–102
–2 –3 –4–5 –7
100
101
2
3
4
5
7
102
2
3
4
5
7
25
°C
TC =
75
°C 125°C
0
–10
–20
–30
–40
–50
0
–2–4–6–8
–10
102
2
3
5
7
103
2
3
5
7
104
2
3
5
7
–100
–3 –5–7
–2
–101
–3 –5–7
2
–2
–2 –3
–102
–3 –5–7
Ciss
Coss
Crss
–100
–7
–101
–2 –3
–5 –7
–2 –3
–5
–7
101
5
7
102
2
2
3
5
7
3
5
td(off)
td(on)
tr
tf
0
–2
–4
–6
–8
–10
0
20406080
100
–10V
VDS =
–20V
–40V
0
–10
–20
–30
–40
–50
0
–0.4
–0.8
–1.2
–1.6
–2.0
125
°C
TC =
75
°C
25
°C
Tch = 25
°C
VDD = –30V
VGS = –10V
RGEN = RGS = 50
VDS = –10V
Pulse Test
VGS = 0V
Pulse Test
Tch = 25
°C
ID = –30A
Tch = 25
°C
f = 1MHz
VGS = 0V
Tc = 25
°C
VDS = –10V
Pulse Test


Similar Part No. - FX30KMJ-06-A8

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
FX30KMJ-06 MITSUBISHI-FX30KMJ-06 Datasheet
50Kb / 4P
   HIGH-SPEED SWITCHING USE
logo
Powerex Power Semicondu...
FX30KMJ-06 POWEREX-FX30KMJ-06 Datasheet
56Kb / 4P
   Pch POWER MOSFET HIGH-SPEED SWITCHING USE
More results

Similar Description - FX30KMJ-06-A8

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
FS18KM-10A MITSUBISHI-FS18KM-10A Datasheet
76Kb / 4P
   HIGH-SPEED SWITCHING USE
FS14KM-12A MITSUBISHI-FS14KM-12A Datasheet
79Kb / 4P
   HIGH-SPEED SWITCHING USE
FX50KMJ-06 MITSUBISHI-FX50KMJ-06 Datasheet
51Kb / 4P
   HIGH-SPEED SWITCHING USE
FS7KM-12 MITSUBISHI-FS7KM-12 Datasheet
45Kb / 4P
   HIGH-SPEED SWITCHING USE
FS50AS-03 MITSUBISHI-FS50AS-03 Datasheet
37Kb / 4P
   HIGH-SPEED SWITCHING USE
FS70UMH-03 MITSUBISHI-FS70UMH-03 Datasheet
40Kb / 4P
   HIGH-SPEED SWITCHING USE
FS7UM-16A MITSUBISHI-FS7UM-16A Datasheet
41Kb / 4P
   HIGH-SPEED SWITCHING USE
FK16VS-6 MITSUBISHI-FK16VS-6 Datasheet
51Kb / 5P
   HIGH-SPEED SWITCHING USE
FS5VS-10 MITSUBISHI-FS5VS-10 Datasheet
41Kb / 4P
   HIGH-SPEED SWITCHING USE
FS16UM-9 MITSUBISHI-FS16UM-9 Datasheet
43Kb / 4P
   HIGH-SPEED SWITCHING USE
FS1KM-16A MITSUBISHI-FS1KM-16A Datasheet
43Kb / 4P
   HIGH-SPEED SWITCHING USE
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com