Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FS100KMJ-03F Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # FS100KMJ-03F
Description  High-Speed Switching Use Nch Power MOS FET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

FS100KMJ-03F Datasheet(HTML) 4 Page - Renesas Technology Corp

  FS100KMJ-03F Datasheet HTML 1Page - Renesas Technology Corp FS100KMJ-03F Datasheet HTML 2Page - Renesas Technology Corp FS100KMJ-03F Datasheet HTML 3Page - Renesas Technology Corp FS100KMJ-03F Datasheet HTML 4Page - Renesas Technology Corp FS100KMJ-03F Datasheet HTML 5Page - Renesas Technology Corp FS100KMJ-03F Datasheet HTML 6Page - Renesas Technology Corp FS100KMJ-03F Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
FS100KMJ-03F
Rev.1.00, Aug.20.2004, page 4 of 6
Transfer Characteristics (Typical)
Gate-Source Voltage VGS (V)
Forward Transfer Admittance vs.
Drain Current (Typical)
Drain Current ID (A)
Switching Characteristics (Typical)
Drain-Source Voltage VDS (V)
Capacitance vs.
Drain-Source Voltage (Typical)
Drain Current ID (A)
Gate-Source Voltage vs.
Gate Charge (Typical)
Gate Charge Qg (nC)
Source-Drain Diode Forward
Characteristics (Typical)
Source-Drain Voltage VSD (V)
0
20
40
60
80
100
02468
10
23
5 7 10
1
23
5 7 10
2
10
0
10
3
7
5
3
2
7
5
3
2
7
5
3
2
10
2
10
1
10
0
23 5 710
0
10
–1
23 5 710
1
23 5 710
2
23
5 7 10
1
23
5 7 10
2
10
0
10
4
7
5
3
2
7
5
3
2
10
3
10
2
10
3
7
5
3
2
7
5
3
2
10
2
10
1
td(off)
tf
tr
td(on)
20V
25V
0
2
4
6
8
10
0
40
80
120
160
200
0
0.4
0.8
1.2
1.6
2.0
0
20
40
60
80
100
VDS = 15V
Tc = 25°C
VDS = 10V
Pulse Test
VDS = 10V
Pulse Test
Tc = 25°C
75°C
125°C
Tch = 25°C
f = 1MHz
VGS = 0V
Ciss
Coss
Crss
Tch = 25°C, VDD = 15V
VGS = 10V, RGEN = RGS = 50
Tch = 25°C
ID = 100A
VGS = 0V
Pulse Test
Tc = 125°C
75°C
25°C


Similar Part No. - FS100KMJ-03F

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
FS100KMJ-03 MITSUBISHI-FS100KMJ-03 Datasheet
42Kb / 4P
   HIGH-SPEED SWITCHING USE
logo
Powerex Power Semicondu...
FS100KMJ-03 POWEREX-FS100KMJ-03 Datasheet
47Kb / 4P
   Nch POWER MOSFET HIGH-SPEED SWITCHING USE
More results

Similar Description - FS100KMJ-03F

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
FS70KM-2 RENESAS-FS70KM-2 Datasheet
172Kb / 7P
   High-Speed Switching Use Nch Power MOS FET
FS70KMJ-03F RENESAS-FS70KMJ-03F Datasheet
105Kb / 7P
   High-Speed Switching Use Nch Power MOS FET
FS70VSJ-06F RENESAS-FS70VSJ-06F Datasheet
103Kb / 7P
   High-Speed Switching Use Nch Power MOS FET
FS10ASJ-3 RENESAS-FS10ASJ-3 Datasheet
171Kb / 7P
   High-Speed Switching Use Nch Power MOS FET
FS7VS-12A RENESAS-FS7VS-12A Datasheet
207Kb / 7P
   High-Speed Switching Use Nch Power MOS FET
FS5ASJ-06F RENESAS-FS5ASJ-06F_15 Datasheet
124Kb / 9P
   High-Speed Switching Use Nch Power MOS FET
RJK4007DPP RENESAS-RJK4007DPP Datasheet
67Kb / 4P
   Nch Power MOS FET High-Speed Switching Use
FS50UMJ-3 RENESAS-FS50UMJ-3 Datasheet
172Kb / 7P
   High-Speed Switching Use Nch Power MOS FET
FS70SM-06 RENESAS-FS70SM-06 Datasheet
174Kb / 7P
   High-Speed Switching Use Nch Power MOS FET
FS5AS-2 RENESAS-FS5AS-2 Datasheet
197Kb / 7P
   High-Speed Switching Use Nch Power MOS FET
FS10VS-9A RENESAS-FS10VS-9A Datasheet
206Kb / 7P
   High-Speed Switching Use Nch Power MOS FET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com