Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AAT3104 Datasheet(PDF) 1 Page - Advanced Analogic Technologies

Part # AAT3104
Description  Low Cost 1x/2x 4 Channel Charge Pump WLED Driver
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT3104 Datasheet(HTML) 1 Page - Advanced Analogic Technologies

  AAT3104 Datasheet HTML 1Page - Advanced Analogic Technologies AAT3104 Datasheet HTML 2Page - Advanced Analogic Technologies AAT3104 Datasheet HTML 3Page - Advanced Analogic Technologies AAT3104 Datasheet HTML 4Page - Advanced Analogic Technologies AAT3104 Datasheet HTML 5Page - Advanced Analogic Technologies AAT3104 Datasheet HTML 6Page - Advanced Analogic Technologies AAT3104 Datasheet HTML 7Page - Advanced Analogic Technologies AAT3104 Datasheet HTML 8Page - Advanced Analogic Technologies AAT3104 Datasheet HTML 9Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
AAT3104178
Low Cost 1x/2x 4 Channel Charge Pump WLED Driver
ChargePumpTM
PRODUCT DATASHEET
3104.2008.09.1.0
1
www .analogictech.com
General Description
The AAT3104 is a charge-pump based, current-source
white LED driver capable of driving one to four LEDs up
to 30mA, each. It automatically switches between 1x
mode and 2x mode to maintain the highest efficiency
and optimal LED current accuracy and matching.
The AAT3104 charge pump’s 1x mode (bypass mode)
has very low resistance allowing LED current regulation
to be maintained with input supply voltage approaching
the LED forward voltage.
LED brightness is controlled using AnalogicTech’s pat-
ented S2Cwire™ single wire interface. The AAT3104 is
available in a 2x2mm 10-lead SC70JW-10 package.
Features
• Drives up to 4 LEDs at up to 31mA each
• Automatic Switching Between 1x and 2x Modes
• 1MHz Switching Frequency
• Linear LED Output Current Control
• Single-wire, S2Cwire Interface
AAT3104-1: 16-step
AAT3104-2: 32-step
• ±10% LED Output Current Accuracy
• ±3% LED Output Current Matching
• Low-current Shutdown Mode
• Built-in Thermal Protection
• Automatic Soft-start
• Available in 2x2mm SC70JW-10 Package
Applications
• Cordless Phone Handsets
• Digital Cameras
• Mobile Phone Handsets
• MP3 and PMP Players
Typical Application
Input Voltage
2.7V to 5.5V
EN/SET
S2Cwire
Interface
IN
C+
C-
EN/SET
OUT
D1
D2
D3
COUT
1µF
GND
AAT3104
CP
1µF
CIN
1µF
D4


Similar Part No. - AAT3104

ManufacturerPart #DatasheetDescription
logo
Advanced Analog Technol...
AAT3103 AAT-AAT3103 Datasheet
1Mb / 17P
   3-Channel Charge-Pump LED Driver
AAT3103IJQ-1-T1 AAT-AAT3103IJQ-1-T1 Datasheet
1Mb / 17P
   3-Channel Charge-Pump LED Driver
AAT3103IJQ-2-T1 AAT-AAT3103IJQ-2-T1 Datasheet
1Mb / 17P
   3-Channel Charge-Pump LED Driver
AAT3103IJQ-4-T1 AAT-AAT3103IJQ-4-T1 Datasheet
1Mb / 17P
   3-Channel Charge-Pump LED Driver
logo
Advanced Analogic Techn...
AAT3105 ANALOGICTECH-AAT3105 Datasheet
1Mb / 15P
   Low Cost 1x/2x 4 Channel Charge Pump WLED Driver
More results

Similar Description - AAT3104

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3105 ANALOGICTECH-AAT3105 Datasheet
1Mb / 15P
   Low Cost 1x/2x 4 Channel Charge Pump WLED Driver
logo
Anpec Electronics Corop...
APW7008 ANPEC-APW7008_12 Datasheet
309Kb / 22P
   1X/1.5X/2x Charge Pump White LED Driver
APW7008 ANPEC-APW7008 Datasheet
318Kb / 21P
   1X/1.5X/2x Charge Pump White LED Driver
APW7000 ANPEC-APW7000 Datasheet
300Kb / 18P
   1X/1.5X/2x Charge Pump White LED Driver
logo
Exar Corporation
SP6887 EXAR-SP6887 Datasheet
745Kb / 10P
   4 CHANNEL REGULATED CHARGE PUMP WLED DRIVER
logo
Monolithic Power System...
MP1519 MPS-MP1519 Datasheet
211Kb / 8P
   1x, 1.5x, 2x High Efficiency Charge Pump 4 White LED Driver
logo
Eutech Microelectronics...
EUP3651 EUTECH-EUP3651 Datasheet
291Kb / 11P
   4-Channel, 1X/1.5X Charge Pump White LED Driver
logo
Monolithic Power System...
MP3011 MPS-MP3011 Datasheet
218Kb / 8P
   1x, 1.5x, 2x High Efficiency Charge Pump 2 White LED Driver
MP3021 MPS-MP3021 Datasheet
354Kb / 10P
   1x, 1.5x, 2x Auto-Adjust Charge Pump White LED Backlight Driver
MP1519L MPS-MP1519L Datasheet
244Kb / 9P
   1x, 1.5x, 2x High Efficiency Charge Pump 3 White LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com