Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD74HC595FPEL Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # HD74HC595FPEL
Description  8-bit Shift Register/Latch (with 3-state outputs)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74HC595FPEL Datasheet(HTML) 1 Page - Renesas Technology Corp

  HD74HC595FPEL Datasheet HTML 1Page - Renesas Technology Corp HD74HC595FPEL Datasheet HTML 2Page - Renesas Technology Corp HD74HC595FPEL Datasheet HTML 3Page - Renesas Technology Corp HD74HC595FPEL Datasheet HTML 4Page - Renesas Technology Corp HD74HC595FPEL Datasheet HTML 5Page - Renesas Technology Corp HD74HC595FPEL Datasheet HTML 6Page - Renesas Technology Corp HD74HC595FPEL Datasheet HTML 7Page - Renesas Technology Corp HD74HC595FPEL Datasheet HTML 8Page - Renesas Technology Corp HD74HC595FPEL Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Rev.2.00 Mar 30, 2006 page 1 of 10
HD74HC595
8-bit Shift Register/Latch (with 3-state outputs)
REJ03D0634-0200
(Previous ADE-205-514)
Rev.2.00
Mar 30, 2006
Description
This device each contains an 8-bit serial-in, parallel-out shift register that feeds an 8-bit D-type storage register. The
storage register has parallel 3-state outputs. Separate clocks are provided for both the shift register and the storage
register. The shift register has a direct-overriding clear, serial input, and serial output pins for cascading.
Both the shift register and storage register clocks are positive-edge triggered. If the user wishes to connect both clocks
together, the shift register state will always be one clock pulse ahead of the storage register.
Features
• High Speed Operation: t
pd (RCK to Q) = 17 ns typ (CL = 50 pF)
• High Output Current: Fanout of 15 LSTTL Loads (Q
A to QH outputs)
• Wide Operating Voltage: V
CC = 2 to 6 V
• Low Input Current: 1 µA max
• Low Quiescent Supply Current: I
CC (static) = 4 µA max (Ta = 25°C)
• Ordering Information
Part Name
Package Type
Package Code
(Previous Code)
Package
Abbreviation
Taping Abbreviation
(Quantity)
HD74HC595P
DILP-16 pin
PRDP0016AE-B
(DP-16FV)
P
HD74HC595FPEL
SOP-16 pin (JEITA)
PRSP0016DH-B
(FP-16DAV)
FP
EL (2,000 pcs/reel)
Note:
Please consult the sales office for the above package availability.
Function Table
Inputs
RCK
SCK
SCLR
G
Function
X
X
X
H
QA to QH high impedance
X
X
L
X
Shift register cleared QH’ = L
X
H
X
Shift register clocked Qn = Qn – 1, QA = SER
X
H
X
Contents of shift register transferred to output latches


Similar Part No. - HD74HC595FPEL

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74HC595FPEL RENESAS-HD74HC595FPEL Datasheet
134Kb / 13P
   8-bit Shift Register/Latch (with 3-state outputs)
More results

Similar Description - HD74HC595FPEL

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74HC595 RENESAS-HD74HC595_15 Datasheet
134Kb / 13P
   8-bit Shift Register/Latch (with 3-state outputs)
logo
Fairchild Semiconductor
CD4094BC FAIRCHILD-CD4094BC Datasheet
68Kb / 7P
   8-Bit Shift Register/Latch with 3-STATE Outputs
logo
Hitachi Semiconductor
HD74HC595 HITACHI-HD74HC595 Datasheet
57Kb / 10P
   8-bit Shift Register/Latch (with 3-state outputs)
logo
Toshiba Semiconductor
TC7MH595FK TOSHIBA-TC7MH595FK Datasheet
281Kb / 8P
   8-BIT SHIFT REGISTER/LATCH(3-STATE)
TC74VHC595FTEK2M TOSHIBA-TC74VHC595FTEK2M Datasheet
238Kb / 12P
   8-Bit Shift Register/Latch (3-state)
TC74VHC595F TOSHIBA-TC74VHC595F_07 Datasheet
278Kb / 13P
   8-Bit Shift Register/Latch (3-state)
TC74HC595AP TOSHIBA-TC74HC595AP Datasheet
306Kb / 8P
   8-BIT SHIFT REGISTER/LATCH(3-STATE)
TC7MH595FK TOSHIBA-TC7MH595FK_07 Datasheet
203Kb / 9P
   8-Bit Shift Register/Latch (3-State)
TC74VHC595FT-EL TOSHIBA-TC74VHC595FT-EL Datasheet
238Kb / 12P
   8-Bit Shift Register/Latch (3-state)
TC74VHC595F TOSHIBA-TC74VHC595F_12 Datasheet
238Kb / 12P
   8-Bit Shift Register/Latch (3-state)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com