Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD74HC534 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # HD74HC534
Description  Octal D-type Flip-Flops (with 3-state outputs)/Octal D-type Flip-Flops (with inverted 3-state outputs)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74HC534 Datasheet(HTML) 5 Page - Renesas Technology Corp

  HD74HC534 Datasheet HTML 1Page - Renesas Technology Corp HD74HC534 Datasheet HTML 2Page - Renesas Technology Corp HD74HC534 Datasheet HTML 3Page - Renesas Technology Corp HD74HC534 Datasheet HTML 4Page - Renesas Technology Corp HD74HC534 Datasheet HTML 5Page - Renesas Technology Corp HD74HC534 Datasheet HTML 6Page - Renesas Technology Corp HD74HC534 Datasheet HTML 7Page - Renesas Technology Corp HD74HC534 Datasheet HTML 8Page - Renesas Technology Corp HD74HC534 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
HD74HC374, HD74HC534
Rev.2.00 Mar 30, 2006 page 5 of 8
Switching Characteristics (CL = 50 pF, Input tr = tf = 6 ns)
Ta = 25
°C
Ta = –40 to +85
°C
Item
Symbol VCC (V)
Min
Typ
Max
Min
Max
Unit
Test Conditions
2.0
6
5
4.5
30
24
Maximum clock
frequency
fmax
6.0
35
28
MHz
2.0
140
175
4.5
18
28
35
Propagation delay
time
tPHL
tPLH
6.0
24
30
ns
2.0
150
190
4.5
11
30
38
tZL
6.0
26
33
ns
2.0
150
190
4.5
14
30
38
Output enable
time
tZH
6.0
26
33
ns
2.0
150
190
4.5
13
30
38
tLZ
6.0
26
33
ns
2.0
150
190
4.5
16
30
38
Output disable
time
tHZ
6.0
26
33
ns
2.0
100
125
4.5
20
1
25
Setup time
tsu
6.0
17
21
ns
Data to Clock
2.0
25
31
4.5
5
1
6
Hold time
th
6.0
5
6
ns
Clock to Data
2.0
80
100
4.5
16
6
20
Pulse width
tw
6.0
14
17
ns
Clock or Output control
2.0
60
75
4.5
4
12
15
Output rise/fall
time
tTLH
tTHL
6.0
10
13
ns
Input capacitance
Cin
5
10
10
pF
Test Circuit
VCC
OPEN
GND
C =
50 pF
OC
Zout = 50
1 k
VCC
VCC
VCC
S1
L
Pulse Generator
TEST
S1
t
/ t
PLH
PHL
OPEN
GND
t
/ t
ZH
HZ
t
/ t
ZL
LZ
1D to 8D
1Q to 8Q
or
1
Q to 8Q
Clock
Zout = 50
Pulse Generator
Note : 1. CL includes probe and jig capacitance.
Input
Output
Input


Similar Part No. - HD74HC534

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74HC534 HITACHI-HD74HC534 Datasheet
67Kb / 11P
   Octal D-type Flip-Flops (with 3-state outputs),Octal D-type Flip-flops (with inverted 3-state outputs)
logo
Renesas Technology Corp
HD74HC534FPEL RENESAS-HD74HC534FPEL Datasheet
139Kb / 11P
   Octal D-type Flip-Flops (with 3-state outputs)
HD74HC534P RENESAS-HD74HC534P Datasheet
139Kb / 11P
   Octal D-type Flip-Flops (with 3-state outputs)
HD74HC534RPEL RENESAS-HD74HC534RPEL Datasheet
139Kb / 11P
   Octal D-type Flip-Flops (with 3-state outputs)
More results

Similar Description - HD74HC534

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74HC374 HITACHI-HD74HC374 Datasheet
67Kb / 11P
   Octal D-type Flip-Flops (with 3-state outputs),Octal D-type Flip-flops (with inverted 3-state outputs)
logo
Renesas Technology Corp
HD74HCT534 RENESAS-HD74HCT534_15 Datasheet
136Kb / 10P
   Octal D-type Flip-Flops (with 3-state outputs) Octal D-type Flip-Flops (with inverted 3-state outputs)
logo
Hitachi Semiconductor
HD74HCT374 HITACHI-HD74HCT374 Datasheet
63Kb / 10P
   Octal D-type Flip-Flops(with inverted 3-state outputs)
logo
Renesas Technology Corp
HD74HCT374 RENESAS-HD74HCT374 Datasheet
118Kb / 8P
   Octal D-type Flip-Flops (with inverted 3-state outputs)
logo
Hitachi Semiconductor
HD74BC574A HITACHI-HD74BC574A Datasheet
39Kb / 10P
   Octal D Type Flip Flops With 3 State Outputs
HD74LVC374A HITACHI-HD74LVC374A Datasheet
48Kb / 9P
   Octal D-type Flip Flops with 3-state Outputs
logo
Renesas Technology Corp
HD74LVC534 RENESAS-HD74LVC534 Datasheet
206Kb / 8P
   Octal D-type Flip Flops with 3-state Outputs
RD74LVC374B RENESAS-RD74LVC374B Datasheet
109Kb / 9P
   Octal D-type Flip Flops with 3-state Outputs
logo
Hitachi Semiconductor
HD74HCT564 HITACHI-HD74HCT564 Datasheet
68Kb / 11P
   Octal D-type Flip-Flops (with 3-state outputs)
HD74BC564A HITACHI-HD74BC564A Datasheet
42Kb / 10P
   Octal D Type Flip Flops With 3 State Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com