Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CT20AS-8 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # CT20AS-8
Description  MITSUBISHI INSULATED GATE BIPOLAR TRANSISTOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

CT20AS-8 Datasheet(HTML) 3 Page - Renesas Technology Corp

  CT20AS-8 Datasheet HTML 1Page - Renesas Technology Corp CT20AS-8 Datasheet HTML 2Page - Renesas Technology Corp CT20AS-8 Datasheet HTML 3Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Feb.1999
MITSUBISHI INSULATED GATE BIPOLAR TRANSISTOR
CT20AS-8
STROBE FLASHER USE
PERFORMANCE CURVES
APPLICATION EXAMPLE
VOLTAGE
200
160
120
80
40
0
50
40
30
10
020
<
TC = 50°C
<
TC = 70°C
CM = 400
µF
IXe
Vtrig
VCE
RG
VG
IGBT
CM
+
VCM
Vtrig
VG
Ixe
TRIGGER
SIGNAL
Xe TUBE
CURRENT
IGBT GATE
RECOMMEND CONDITION
VCM = 330V
IP = 120A
CM = 300
µF
VGE = 28V
MAXIMUM CONDITION
360V
130A
400
µF
MAXIMUM PULSE COLLECTOR CURRENT
GATE-EMITTER VOLTAGE VGE (V)
Notice 1. Gate drive voltage during on-period must be applied to satisfy the rating of maximum pulse collector current.
And reverse gate current during turn-off must be kept less than 1A.
(In general, it is satisfied if RG
≥ 30Ω)
Notice 2. IGBT has MOS structure and its gate is insulated by thin silicon oxide.
So please handle carefully not to suffer from electrostatic charge.
Notice 3. The operation life should be endured 5,000 shots under the charge current
(Ixe
≤ 130A : full luminescence condition) of main condenser (CM=400µF).
Repetition period under full luminescence condition is over 3 seconds.
Notice 4. Total operation hours must be applied within 5,000 hours.
Figure 1


Similar Part No. - CT20AS-8

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
CT20AS-8 MITSUBISHI-CT20AS-8 Datasheet
31Kb / 2P
   STROBE FLASHER USE
logo
Renesas Technology Corp
CT20AS-8 RENESAS-CT20AS-8_15 Datasheet
74Kb / 5P
   STROBE FLASHER USE
More results

Similar Description - CT20AS-8

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
CT20ASL-8 RENESAS-CT20ASL-8 Datasheet
49Kb / 3P
   MITSUBISHI INSULATED GATE BIPOLAR TRANSISTOR
CT20ASJ-8 RENESAS-CT20ASJ-8 Datasheet
48Kb / 3P
   MITSUBISHI INSULATED GATE BIPOLAR TRANSISTOR
CT25ASJ-8 RENESAS-CT25ASJ-8 Datasheet
51Kb / 3P
   MITSUBISHI INSULATED GATE BIPOLAR TRANSISTOR
CT20VM-8 RENESAS-CT20VM-8 Datasheet
50Kb / 3P
   MITSUBISHI INSULATED GATE BIPOLAR TRANSISTOR
CT20VS-8 RENESAS-CT20VS-8 Datasheet
51Kb / 3P
   MITSUBISHI INSULATED GATE BIPOLAR TRANSISTOR
CT20TM-8 RENESAS-CT20TM-8 Datasheet
51Kb / 3P
   MITSUBISHI INSULATED GATE BIPOLAR TRANSISTOR
CT20VSL-8 RENESAS-CT20VSL-8 Datasheet
49Kb / 3P
   MITSUBISHI INSULATED GATE BIPOLAR TRANSISTOR
CT25AS-8 RENESAS-CT25AS-8 Datasheet
50Kb / 3P
   MITSUBISHI INSULATED GATE BIPOLAR TRANSISTOR
CT30VS-8 RENESAS-CT30VS-8 Datasheet
50Kb / 3P
   MITSUBISHI INSULATED GATE BIPOLAR TRANSISTOR
CT20VML-8 RENESAS-CT20VML-8 Datasheet
49Kb / 3P
   MITSUBISHI INSULATED GATE BIPOLAR TRANSISTOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com